Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

322-93-116-41-001 Datasheet(PDF) 1 Page - Precid-Dip Durtal SA

Part # 322-93-116-41-001
Description  PCB connectors 2.54 mm Single row / double row / wire-wrap 1/2/3/4 level / wire-wrap solder tail
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREDIP [Precid-Dip Durtal SA]
Direct Link  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

322-93-116-41-001 Datasheet(HTML) 1 Page - Precid-Dip Durtal SA

  322-93-116-41-001 Datasheet HTML 1Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
42
Series 321–326 / 421– 426
PCB connectors 2.54 mm
Single row / double row / wire-wrap
1/2/3/4 level / wire-wrap solder tail
Receptacles with wire-wrap posts
Interconnect receptacles with wire-wrap
– solder tail combination
Accept pins
∅ 0.40–0.56 mm
For corresponding pin connectors see pages
43 to 46
Ordering information
Replace xx with required number of poles, e.g.
423-91-2xx-41-001 for a double row version with 8 poles per
row becomes:
423-91-216-41-001
L =
321-93-1xx-41-001
6.6
322-**-1xx-41-001
9.4
323-**-1xx-41-001
12.95
324-93-1xx-41-002
16.0
Please note: ** = all platings
available; 93 = this plating
only.
Wire-wrap receptacle, 1, 2, 3 and
4 level: single row
Availability from: 1 to 64 contacts
Standard number of contacts 5,
6, 8, 10, 14, 16, 20, 21, 25, 30,
32, 48, 56, 60, 64
326-93-1xx-41-001 L = 5.9
326-93-1xx-41-002 L = 8.9
326-93-1xx-41-003 L = 11.9
Interconnect receptacle with
wire-wrap – solder tail combina-
tion, single row
Availability from: 1 to 64 contacts
Standard number of contacts 5,
6, 8, 10, 14, 16, 20, 21, 25, 30,
32, 48, 56, 60, 64
L =
421-93-2xx-41-001
6.6
422-**-2xx-41-001
9.4
423-**-2xx-41-001
12.95
424-93-2xx-41-002
16.0
Please note: ** = all platings
available; 93 = this plating
only.
Wire-wrap receptacle, 1, 2, 3 and
4 level: double row
Availability from: 4 to 72 contacts
Standard number of contacts 40,
44, 56, 64, 72
Platings
Sleeve
Clip
Pin
13
0.25
µm Au
0.75
µm Au
91
5
µm Sn Pb
0.25
µm Au
93
5
µm Sn Pb
0.75
µm Au
99
5
µm Sn Pb
5
µm Pb
B
B
B
B
426-93-2xx-41-001 L = 5.9
426-93-2xx-41-002 L = 8.9
426-93-2xx-41-003 L = 11.9
Interconnect receptacle with
wire-wrap – solder tail combina-
tion, double row
Availability from: 4 to 72 contacts
Standard number of contacts 40,
44, 56, 64, 72
Products not available from stock. Please consult PRECI-DIP.
B


Similar Part No. - 322-93-116-41-001

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
322-93-110-41-001000 MILL-MAX-322-93-110-41-001000 Datasheet
126Kb / 2P
   Interconnect Socket Straight Wrapost Tail Socket
322-93-111-41-001000 MILL-MAX-322-93-111-41-001000 Datasheet
122Kb / 2P
   Interconnect Socket Straight Wrapost Tail Socket
322-93-112-41-001000 MILL-MAX-322-93-112-41-001000 Datasheet
122Kb / 2P
   Interconnect Socket Straight Wrapost Tail Socket
322-93-113-41-001000 MILL-MAX-322-93-113-41-001000 Datasheet
122Kb / 2P
   Interconnect Socket Straight Wrapost Tail Socket
322-93-114-41-001000 MILL-MAX-322-93-114-41-001000 Datasheet
122Kb / 3P
   Interconnect Socket Straight Wrapost Tail Socket
More results

Similar Description - 322-93-116-41-001

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
803-91-016-10-004 PREDIP-803-91-016-10-004 Datasheet
57Kb / 1P
   PCB connectors 2.54 mm Single row / double row Wire-wrap / solder tail
460-10-216-00-001 PREDIP-460-10-216-00-001 Datasheet
70Kb / 1P
   PCB Header Strips Single row / double row Wire-wrap / solder tail
451-10-216-00-001 PREDIP-451-10-216-00-001 Datasheet
59Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
802-10-016-20-001 PREDIP-802-10-016-20-001 Datasheet
45Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
499-93-216-10-009 PREDIP-499-93-216-10-009 Datasheet
39Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
802-10-016-10-001 PREDIP-802-10-016-10-001 Datasheet
45Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
892-39-024-20-902 PREDIP-892-39-024-20-902 Datasheet
40Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
410-91-216-41-001 PREDIP-410-91-216-41-001 Datasheet
55Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
411-91-216-41-001 PREDIP-411-91-216-41-001 Datasheet
32Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
892-39-024-10-802 PREDIP-892-39-024-10-802 Datasheet
57Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com