Electronic Components Datasheet Search |
|
MLF1608E1R0MTA00 Datasheet(PDF) 6 Page - TDK Electronics |
|
MLF1608E1R0MTA00 Datasheet(HTML) 6 Page - TDK Electronics |
6 / 11 page (6/11) INDUC T O RS 20150105 / inductor_commercial_standard_mlf1608_en.fm Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use. Please note that the contents may change without any prior notice due to reasons such as upgrading. MLF1608 Type ELECTRICAL CHARACTERISTICS CHARACTERISTICS SPECIFICATION TABLE The " △ " of the Part Number contains the inductance tolerance code, J (±5%), K (±10%), or M (±20%). The " □ " of the Part Number contains the internal code (000, A00, or D00), following below. • In case the inductance tolerance code is J: 000 • In case the inductance tolerance code is M or K (L = 0.047 to 8.2μH or 15 to 22μH): A00 • In case the inductance tolerance code is M or K (L = 10,12,27,33μ): D00 ○ Measurement equipment * Equivalent measurement equipment may be used. L Q L, Q measuring conditions Self-resonant frequency DC resistance Rated current Part No. Frequency Current (μH) Tolerance min. typ. (MHz) (mA) (MHz)min. (MHz)typ. ( )max. ( )typ. (mA)max. 0.047 ±20% 10 20 50 1.0 600 900 0.20 0.10 200 MLF1608D47N △T□□□ 0.068 ±20% 10 20 50 1.0 550 700 0.30 0.15 200 MLF1608D68N △T□□□ 0.082 ±20% 10 20 50 1.0 500 650 0.30 0.15 200 MLF1608D82N △T□□□ 0.10 ±5%±10%±20% 15 25 25 1.0 450 600 0.35 0.20 200 MLF1608DR10 △ T □□□ 0.12 ±5%±10%±20% 15 25 25 1.0 400 550 0.40 0.20 200 MLF1608DR12 △ T □□□ 0.15 ±5%±10%±20% 15 25 25 1.0 350 500 0.45 0.25 200 MLF1608DR15 △ T □□□ 0.18 ±5%±10%±20% 15 25 25 1.0 320 450 0.50 0.25 150 MLF1608DR18 △ T □□□ 0.22 ±5%±10%±20% 15 25 25 1.0 290 400 0.55 0.30 150 MLF1608DR22 △ T □□□ 0.27 ±5%±10%±20% 15 25 25 1.0 260 350 0.60 0.35 150 MLF1608DR27 △ T □□□ 0.33 ±5%±10%±20% 15 25 25 1.0 230 320 0.75 0.40 100 MLF1608DR33 △ T □□□ 0.39 ±5%±10%±20% 15 25 25 1.0 210 290 0.85 0.45 100 MLF1608DR39 △ T □□□ 0.47 ±5%±10%±20% 15 30 25 1.0 190 260 0.95 0.50 100 MLF1608DR47 △ T □□□ 0.56 ±5%±10%±20% 15 30 25 1.0 170 230 1.05 0.55 100 MLF1608DR56 △ T □□□ 0.68 ±5%±10%±20% 15 30 25 1.0 150 210 1.25 0.65 70 MLF1608DR68 △ T □□□ 0.82 ±5%±10%±20% 15 30 25 1.0 130 190 1.40 0.75 70 MLF1608DR82 △ T □□□ 1.0 ±5%±10%±20% 35 50 10 1.0 120 170 0.50 0.25 50 MLF1608A1R0 △ T □□□ 1.2 ±5%±10%±20% 35 50 10 1.0 110 150 0.65 0.25 50 MLF1608A1R2 △ T □□□ 1.5 ±5%±10%±20% 35 55 10 1.0 100 140 0.70 0.30 50 MLF1608A1R5 △ T □□□ 1.8 ±5%±10%±20% 35 55 10 1.0 90 130 0.85 0.35 50 MLF1608A1R8 △ T □□□ 2.2 ±5%±10%±20% 35 55 10 1.0 80 120 1.00 0.45 30 MLF1608A2R2 △ T □□□ 2.7 ±5%±10%±20% 35 55 10 1.0 70 110 1.15 0.50 30 MLF1608A2R7 △ T □□□ 3.3 ±5%±10%±20% 35 60 10 1.0 65 100 1.30 0.55 30 MLF1608A3R3 △ T □□□ 3.9 ±5%±10%±20% 35 60 10 1.0 60 90 1.45 0.65 30 MLF1608A3R9 △ T □□□ 4.7 ±5%±10%±20% 35 60 10 1.0 55 80 1.60 0.75 30 MLF1608A4R7 △ T □□□ 5.6 ±5%±10%±20% 35 60 4 0.1 45 70 1.10 0.55 15 MLF1608E5R6 △ T □□□ 6.8 ±5%±10%±20% 35 60 4 0.1 40 60 1.30 0.65 15 MLF1608E6R8 △ T □□□ 8.2 ±5%±10%±20% 35 60 4 0.1 35 55 1.50 0.80 10 MLF1608E8R2 △ T □□□ 10 ±5%±10%±20% 30 55 2 0.1 30 50 1.70 1.00 10 MLF1608E100 △ T □□□ 12 ±5%±10%±20% 30 55 2 0.1 25 45 1.80 1.20 10 MLF1608E120 △ T □□□ 15 ±10%±20% 20 40 1 0.1 22 42 1.50 0.80 2 MLF1608C150 △ T □□□ 18 ±10%±20% 20 40 1 0.1 20 40 1.60 0.85 2 MLF1608C180 △ T □□□ 22 ±10%±20% 20 40 1 0.1 18 38 1.70 0.90 2 MLF1608C220 △ T □□□ 27 ±10%±20% 20 40 1 0.1 15 35 1.80 1.20 2 MLF1608C270 △ T □□□ 33 ±10%±20% 20 40 1 0.1 10 30 2.20 1.40 2 MLF1608C330 △ T □□□ Measurement item Product No. Manufacturer L, Q 4294A+16034G Agilent Technologies Self-resonant frequency E4991A Agilent Technologies DC resistance Type-7561 Yokogawa |
Similar Part No. - MLF1608E1R0MTA00 |
|
Similar Description - MLF1608E1R0MTA00 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |