Electronic Components Datasheet Search |
|
MLF2012ER10KT Datasheet(PDF) 6 Page - TDK Electronics |
|
MLF2012ER10KT Datasheet(HTML) 6 Page - TDK Electronics |
6 / 11 page (6/11) INDUC T O RS 20150310 / inductor_commercial_standard_mlf2012_en.fm Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use. Please note that the contents may change without any prior notice due to reasons such as upgrading. MLF2012 Type ELECTRICAL CHARACTERISTICS CHARACTERISTICS SPECIFICATION TABLE The " △ " of the Part Number contains the inductance tolerance code, J (±5%), K (±10%), or M (±20%). ○ Measurement equipment * Equivalent measurement equipment may be used. L Q L, Q measuring conditions Self-resonant frequency DC resistance Rated current Thickness Part No. Frequency Current T (μH) Tolerance min. typ. (MHz) (mA) (MHz) min. (MHz) typ. ( ) max. ( ) typ. (mA) max. (mm) 0.047 ±20% 15 25 50 1.0 550 700 0.10 0.05 300 0.85 MLF2012D47N △ T000 0.068 ±20% 15 25 50 1.0 500 600 0.15 0.08 300 0.85 MLF2012D68N △ T000 0.082 ±20% 15 25 50 1.0 450 550 0.15 0.08 300 0.85 MLF2012D82N △ T000 0.10 ±5%±10%±20% 20 30 25 1.0 400 500 0.15 0.10 300 0.85 MLF2012DR10 △ T000 0.12 ±5%±10%±20% 20 30 25 1.0 360 450 0.20 0.12 300 0.85 MLF2012DR12 △ T000 0.15 ±5%±10%±20% 20 30 25 1.0 320 410 0.20 0.13 300 0.85 MLF2012DR15 △ T000 0.18 ±5%±10%±20% 20 30 25 1.0 280 370 0.25 0.15 300 0.85 MLF2012DR18 △ T000 0.22 ±5%±10%±20% 20 30 25 1.0 250 330 0.30 0.16 250 0.85 MLF2012DR22 △ T000 0.27 ±5%±10%±20% 20 30 25 1.0 220 300 0.35 0.18 250 0.85 MLF2012DR27 △ T000 0.33 ±5%±10%±20% 20 30 25 1.0 200 270 0.40 0.23 250 0.85 MLF2012DR33 △ T000 0.39 ±5%±10%±20% 25 35 25 1.0 180 250 0.45 0.25 200 0.85 MLF2012DR39 △ T000 0.47 ±5%±10%±20% 25 35 25 1.0 160 230 0.50 0.25 200 1.25 MLF2012DR47 △ T000 0.56 ±5%±10%±20% 25 35 25 1.0 150 210 0.55 0.30 150 1.25 MLF2012DR56 △ T000 0.68 ±5%±10%±20% 25 35 25 1.0 140 190 0.60 0.35 150 1.25 MLF2012DR68 △ T000 0.82 ±5%±10%±20% 25 35 25 1.0 130 170 0.65 0.40 150 1.25 MLF2012DR82 △ T000 1.0 ±5%±10%±20% 45 55 10 1.0 120 160 0.30 0.15 80 0.85 MLF2012A1R0 △ T000 1.2 ±5%±10%±20% 45 55 10 1.0 110 150 0.35 0.15 80 0.85 MLF2012A1R2 △ T000 1.5 ±5%±10%±20% 45 60 10 1.0 100 140 0.40 0.18 80 0.85 MLF2012A1R5 △ T000 1.8 ±5%±10%±20% 45 60 10 1.0 90 130 0.45 0.20 80 0.85 MLF2012A1R8 △ T000 2.2 ±5%±10%±20% 45 60 10 1.0 80 120 0.50 0.22 50 0.85 MLF2012A2R2 △ T000 2.7 ±5%±10%±20% 45 70 10 1.0 70 100 0.55 0.25 50 1.25 MLF2012A2R7 △ T000 3.3 ±5%±10%±20% 45 70 10 1.0 60 90 0.60 0.28 50 1.25 MLF2012A3R3 △ T000 3.9 ±5%±10%±20% 45 70 10 1.0 55 80 0.65 0.30 30 1.25 MLF2012A3R9 △ T000 4.7 ±5%±10%±20% 45 70 10 1.0 50 70 0.70 0.35 30 1.25 MLF2012A4R7 △ T000 5.6 ±5%±10%±20% 50 75 4 0.1 45 65 0.60 0.30 15 1.25 MLF2012E5R6 △ T000 6.8 ±5%±10%±20% 50 75 4 0.1 40 60 0.65 0.32 15 1.25 MLF2012E6R8 △ T000 8.2 ±5%±10%±20% 50 75 4 0.1 35 55 0.70 0.35 15 1.25 MLF2012E8R2 △ T000 10 ±5%±10%±20% 50 75 2 0.1 30 50 0.80 0.40 15 1.25 MLF2012E100 △ T000 12 ±5%±10%±20% 50 75 2 0.1 25 45 0.90 0.50 15 1.25 MLF2012E120 △ T000 15 ±10%±20% 30 45 1 0.1 22 40 0.70 0.35 5 1.25 MLF2012C150 △ T000 18 ±10%±20% 30 45 1 0.1 20 38 0.80 0.38 5 1.25 MLF2012C180 △ T000 22 ±10%±20% 30 45 1 0.1 18 35 0.90 0.45 5 1.25 MLF2012C220 △ T000 27 ±10%±20% 30 45 1 0.1 17 33 1.00 0.50 5 1.25 MLF2012C270 △ T000 33 ±10%±20% 30 45 0.4 0.1 15 28 1.10 0.55 5 1.25 MLF2012C330 △ T000 39 ±10%±20% 35 55 2 0.1 13 23 2.40 1.30 4 1.25 MLF2012K390 △ T000 47 ±10%±20% 35 55 2 0.1 11 20 2.70 1.60 4 1.25 MLF2012K470 △ T000 56 ±10%±20% 35 55 2 0.1 10 18 2.80 1.80 4 1.25 MLF2012K560 △ T000 68 ±10%±20% 25 45 1 0.1 9 16 2.90 2.00 2 1.25 MLF2012C680 △ T000 82 ±10%±20% 25 45 1 0.1 8 14 3.00 2.40 2 1.25 MLF2012C820 △ T000 100 ±10%±20% 25 45 1 0.1 7 12 3.10 2.50 2 1.25 MLF2012C101 △ T000 Measurement item Product No. Manufacturer L, Q 4294A+16034G Agilent Technologies Self-resonant frequency E4991A Agilent Technologies DC resistance Type-7561 Yokogawa |
Similar Part No. - MLF2012ER10KT |
|
Similar Description - MLF2012ER10KT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |