Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLF2012E100KT Datasheet(PDF) 2 Page - TDK Electronics

Part # MLF2012E100KT
Description  Multilayer Ferrite
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLF2012E100KT Datasheet(HTML) 2 Page - TDK Electronics

  MLF2012E100KT Datasheet HTML 1Page - TDK Electronics MLF2012E100KT Datasheet HTML 2Page - TDK Electronics MLF2012E100KT Datasheet HTML 3Page - TDK Electronics MLF2012E100KT Datasheet HTML 4Page - TDK Electronics MLF2012E100KT Datasheet HTML 5Page - TDK Electronics MLF2012E100KT Datasheet HTML 6Page - TDK Electronics MLF2012E100KT Datasheet HTML 7Page - TDK Electronics MLF2012E100KT Datasheet HTML 8Page - TDK Electronics MLF2012E100KT Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
(2/11)
INDUC
T
O
RS
20150310 / inductor_commercial_standard_mlf2012_en.fm
REMINDERS FOR USING THESE PRODUCTS
Before using these products, be sure to request the delivery specifications.
SAFETY REMINDERS
Please pay sufficient attention to the warnings for safe designing when using these products.
The storage period is less than 12 months. Be sure to follow the storage conditions (Temperature: 5 to 40°C, Humidity: 10 to 75% RH
or less).
If the storage period elapses, the soldering of the terminal electrodes may deteriorate.
Do not use or store in locations where there are conditions such as gas corrosion (salt, acid, alkali, etc.).
Before soldering, be sure to preheat components.
The preheating temperature should be set so that the temperature difference between the solder temperature and chip temperature
does not exceed 150°C.
Soldering corrections after mounting should be within the range of the conditions determined in the specifications.
If overheated, a short circuit, performance deterioration, or lifespan shortening may occur.
When embedding a printed circuit board where a chip is mounted to a set, be sure that residual stress is not given to the chip due to
the overall distortion of the printed circuit board and partial distortion such as at screw tightening portions.
Self heating (temperature increase) occurs when the power is turned ON, so the tolerance should be sufficient for the set thermal
design.
Carefully lay out the coil for the circuit board design of the non-magnetic shield type.
A malfunction may occur due to magnetic interference.
Use a wrist band to discharge static electricity in your body through the grounding wire.
Do not expose the products to magnets or magnetic fields.
Do not use for a purpose outside of the contents regulated in the delivery specifications.
The products listed on this catalog are intended for use in general electronic equipment (AV equipment, telecommunications
equipment, home appliances, amusement equipment, computer equipment, personal equipment, office equipment, measurement
equipment, industrial robots) under a normal operation and use condition.
The products are not designed or warranted to meet the requirements of the applications listed below, whose performance and/or
quality require a more stringent level of safety or reliability, or whose failure, malfunction or trouble could cause serious damage to
society, person or property.
If you intend to use the products in the applications listed below or if you have special requirements exceeding the range or conditions
set forth in the each catalog, please contact us.
(1) Aerospace/Aviation equipment
(2) Transportation equipment (cars, electric trains, ships, etc.)
(3) Medical equipment
(4) Power-generation control equipment
(5) Atomic energy-related equipment
(6) Seabed equipment
(7) Transportation control equipment
(8) Public information-processing equipment
(9) Military equipment
(10) Electric heating apparatus, burning equipment
(11) Disaster prevention/crime prevention equipment
(12) Safety equipment
(13) Other applications that are not considered general-purpose
applications
When designing your equipment even for general-purpose applications, you are kindly requested to take into consideration securing
protection circuit/device or providing backup circuits in your equipment.
REMINDERS


Similar Part No. - MLF2012E100KT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLF2012E100KT TDK-MLF2012E100KT Datasheet
123Kb / 10P
   Inductors for Standard Circuits Multilayer/STD magnetic shielded MLF series
MLF2012E100KT000 TDK-MLF2012E100KT000 Datasheet
141Kb / 3P
   Inductors (Coils)
MLF2012E100KTD25 TDK-MLF2012E100KTD25 Datasheet
210Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLF2012E100KT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLF1608A1R0JT000 TDK-MLF1608A1R0JT000 Datasheet
150Kb / 11P
   Multilayer Ferrite
MLF1005VR10JT000 TDK-MLF1005VR10JT000 Datasheet
150Kb / 9P
   Multilayer Ferrite
logo
Vishay Siliconix
ILBB-1210 VISHAY-ILBB-1210_07 Datasheet
105Kb / 3P
   Multilayer Ferrite Beads
Revision: 28-Aug-07
logo
Wurth Elektronik GmbH &...
7427927291 WURTH-7427927291 Datasheet
77Kb / 2P
   Multilayer-SMD-Ferrite
7427927311 WURTH-7427927311 Datasheet
76Kb / 2P
   Multilayer-SMD-Ferrite
logo
Allied Components Inter...
MLB10-050-RC ALLIED-MLB10-050-RC Datasheet
771Kb / 1P
   Multilayer Ferrite Beads
logo
Vishay Siliconix
ILBB-0805 VISHAY-ILBB-0805_06 Datasheet
132Kb / 7P
   Multilayer Ferrite Beads
Revision: 14-Mar-06
logo
KOA Speer Electronics, ...
MCL1JHT KOA-MCL1JHT Datasheet
139Kb / 3P
   multilayer ferrite inductor
logo
Vishay Siliconix
ILBB-0805 VISHAY-ILBB-0805_12 Datasheet
112Kb / 6P
   Multilayer Ferrite Beads
Revision: 21-Jun-11
logo
Wurth Elektronik GmbH &...
7427927130 WURTH-7427927130 Datasheet
75Kb / 2P
   Multilayer-SMD-Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com