Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLF1608CR10MTD00 Datasheet(PDF) 4 Page - TDK Electronics

Part # MLF1608CR10MTD00
Description  Multilayer Ferrite
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLF1608CR10MTD00 Datasheet(HTML) 4 Page - TDK Electronics

  MLF1608CR10MTD00 Datasheet HTML 1Page - TDK Electronics MLF1608CR10MTD00 Datasheet HTML 2Page - TDK Electronics MLF1608CR10MTD00 Datasheet HTML 3Page - TDK Electronics MLF1608CR10MTD00 Datasheet HTML 4Page - TDK Electronics MLF1608CR10MTD00 Datasheet HTML 5Page - TDK Electronics MLF1608CR10MTD00 Datasheet HTML 6Page - TDK Electronics MLF1608CR10MTD00 Datasheet HTML 7Page - TDK Electronics MLF1608CR10MTD00 Datasheet HTML 8Page - TDK Electronics MLF1608CR10MTD00 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
(4/11)
INDUC
T
O
RS
20150105 / inductor_commercial_standard_mlf1608_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MLF1608 Type
RECOMMENDED REFLOW PROFILE
Preheating
Soldering
Peak
Temp.
Time
Temp.
Time
Temp.
Time
T1
T2
t1
T3
t2
T4
t3
150°C
180°C
60 to 120s
230°C
30 to 60s
250 to 260°C
10s max.
Natural
cooling
t3
t1
Preheating
t2
Soldering
T3
T3
T4
T2
T1
t: Time
Peak


Similar Part No. - MLF1608CR10MTD00

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLF1608C150KT TDK-MLF1608C150KT Datasheet
3Mb / 23P
   Inductors for Standard Circuits Multilayer Ferrite MLFseries
MLF1608C150KT TDK-MLF1608C150KT Datasheet
123Kb / 10P
   Inductors for Standard Circuits Multilayer/STD magnetic shielded MLF series
MLF1608C150KTA00 TDK-MLF1608C150KTA00 Datasheet
141Kb / 3P
   Inductors (Coils)
MLF1608C150KTD25 TDK-MLF1608C150KTD25 Datasheet
200Kb / 3P
   Inductors (Coils)
MLF1608C150MTA00 TDK-MLF1608C150MTA00 Datasheet
141Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLF1608CR10MTD00

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLF1005VR10JT000 TDK-MLF1005VR10JT000 Datasheet
150Kb / 9P
   Multilayer Ferrite
MLF2012A1R0JT000 TDK-MLF2012A1R0JT000 Datasheet
178Kb / 11P
   Multilayer Ferrite
logo
Vishay Siliconix
ILBB-1210 VISHAY-ILBB-1210_07 Datasheet
105Kb / 3P
   Multilayer Ferrite Beads
Revision: 28-Aug-07
logo
Wurth Elektronik GmbH &...
7427927291 WURTH-7427927291 Datasheet
77Kb / 2P
   Multilayer-SMD-Ferrite
7427927311 WURTH-7427927311 Datasheet
76Kb / 2P
   Multilayer-SMD-Ferrite
logo
Allied Components Inter...
MLB10-050-RC ALLIED-MLB10-050-RC Datasheet
771Kb / 1P
   Multilayer Ferrite Beads
logo
Vishay Siliconix
ILBB-0805 VISHAY-ILBB-0805_06 Datasheet
132Kb / 7P
   Multilayer Ferrite Beads
Revision: 14-Mar-06
logo
KOA Speer Electronics, ...
MCL1JHT KOA-MCL1JHT Datasheet
139Kb / 3P
   multilayer ferrite inductor
logo
Vishay Siliconix
ILBB-0805 VISHAY-ILBB-0805_12 Datasheet
112Kb / 6P
   Multilayer Ferrite Beads
Revision: 21-Jun-11
logo
Wurth Elektronik GmbH &...
7427927130 WURTH-7427927130 Datasheet
75Kb / 2P
   Multilayer-SMD-Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com