Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHQ0402P3N0CT000 Datasheet(PDF) 3 Page - TDK Electronics

Part # MHQ0402P3N0CT000
Description  Inductors for High Frequency Circuits Multilayer Ceramic
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MHQ0402P3N0CT000 Datasheet(HTML) 3 Page - TDK Electronics

  MHQ0402P3N0CT000 Datasheet HTML 1Page - TDK Electronics MHQ0402P3N0CT000 Datasheet HTML 2Page - TDK Electronics MHQ0402P3N0CT000 Datasheet HTML 3Page - TDK Electronics MHQ0402P3N0CT000 Datasheet HTML 4Page - TDK Electronics MHQ0402P3N0CT000 Datasheet HTML 5Page - TDK Electronics MHQ0402P3N0CT000 Datasheet HTML 6Page - TDK Electronics MHQ0402P3N0CT000 Datasheet HTML 7Page - TDK Electronics MHQ0402P3N0CT000 Datasheet HTML 8Page - TDK Electronics MHQ0402P3N0CT000 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
(3/17)
INDUC
T
O
RS
20150105 / inductor_commercial_high-frequency_mhq0402p_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
Inductors for High Frequency Circuits
Multilayer Ceramic
FEATURES
Unique ceramic material and configuration allows for the realization of high Q characteristics that are equivalent to that of air core wound
inductors.
Multilayer method allows for a lineup with fine increments of inductance.
APPLICATION
Smart phones, tablet terminals, high frequency modules (PAs, VCOs, FEMs , etc.), Bluetooth, W-LAN, UWB, tuners
and other high frequency circuits for the mobile communication industry
PART NUMBER CONSTRUCTION
OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT
The Storage temperature range is for after the circuit board is mounted.
Product compatible with RoHS directive
Halogen-free
Compatible with lead-free solders
Overview of MHQ0402P Type
MHQ
0402
P
0N2
B
T
000
Series name
L×W×H Dimensions
(mm)
Characteristics
Inductance
(nH)
Inductance
tolerance
Packaging style
Internal code
0402
0.44×0.24×0.24
P
0N6
0.6
B
±0.1nH
T
Taping
000
1N1
1.1
C
±0.2nH
11N
11
S
±0.3nH
H±3%
J±5%
Type
Temperature range
Package quantity
Individual weight
Operating
temperature
(°C)
Storage
temperature
(°C)
(pieces/reel)
(mg)
MHQ0402P
–55 to +125
–55 to +125
20000
0.11
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://product.tdk.com/en/environment/rohs/
Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm.


Similar Part No. - MHQ0402P3N0CT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MHQ0402P3N0CT000 TDK-MHQ0402P3N0CT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
More results

Similar Description - MHQ0402P3N0CT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG0603P1N1ST000 TDK-MLG0603P1N1ST000 Datasheet
182Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P15NGTD25 TDK-MHQ1005P15NGTD25 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLK0603L10NJT000 TDK-MLK0603L10NJT000 Datasheet
119Kb / 10P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0402P0N7CT000 TDK-MHQ0402P0N7CT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0603P0N6BT000 TDK-MHQ0603P0N6BT000 Datasheet
175Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P0N7BT000 TDK-MHQ1005P0N7BT000 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S43NJTD25 TDK-MLG0603S43NJTD25 Datasheet
155Kb / 15P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG1005S0N3BT000 TDK-MLG1005S0N3BT000 Datasheet
239Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S TDK-MLG0603S_13 Datasheet
3Mb / 24P
   Inductors for High Frequency Multilayer Ceramic
MHQ-P TDK-MHQ-P Datasheet
158Kb / 17P
   Inductors for High Frequency Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com