Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS75-B2GA471KAGKA Datasheet(PDF) 7 Page - TDK Electronics

Part # CS75-B2GA471KAGKA
Description  High Voltage Ceramic Capacitors Automotive Grade, Safety Standard Approved
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CS75-B2GA471KAGKA Datasheet(HTML) 7 Page - TDK Electronics

  CS75-B2GA471KAGKA Datasheet HTML 1Page - TDK Electronics CS75-B2GA471KAGKA Datasheet HTML 2Page - TDK Electronics CS75-B2GA471KAGKA Datasheet HTML 3Page - TDK Electronics CS75-B2GA471KAGKA Datasheet HTML 4Page - TDK Electronics CS75-B2GA471KAGKA Datasheet HTML 5Page - TDK Electronics CS75-B2GA471KAGKA Datasheet HTML 6Page - TDK Electronics CS75-B2GA471KAGKA Datasheet HTML 7Page - TDK Electronics CS75-B2GA471KAGKA Datasheet HTML 8Page - TDK Electronics CS75-B2GA471KAGKA Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
(7/9)
20160219 / leaddisc_automotive_cs_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
CAPACITORS
CS65,70,75,85 Type
CAPACITANCE AND DIMENSIONS
Temperature Characteristics: B (±10%)
Rated Voltage Edc: X1:440V, Y2:300V
* The part numbers are TDK’s standard specification products.
The " □ " of the Part Number contains the lead type, G, N or V. Please refer to the details of each shape is shown below.
• Please refer to P-9 about the taping dimemsions.
LIST OF STANDARD LEAD SHAPES
Dimemsions in mm
• TDK’s standard product is vertical kink.
• TDK’s recommendation is short lead type with the symbol N for bulk products.
MARKINGS
Year and month of production: last digit of year + month denoted by 1, 2, 3, 4, 5, 6, 7, 8, 9, O (October), N (November), or D (December).
The expression has become simplified due to a revision in the standards.
Capacitance
(pF)
Capacitance
tolerance
Dimensions (mm)
Part No.
D max.
T max.
F
(Applied to bulk)
F
(Applied to taping)
d
100
±10%
7.0
7.0
7.5±1.5
7.5±0.8
0.6±0.05
CS65-B2GA101KA
□KA
150
±10%
7.0
7.0
7.5±1.5
7.5±0.8
0.6±0.05
CS65-B2GA151KA
□KA
220
±10%
7.0
7.0
7.5±1.5
7.5±0.8
0.6±0.05
CS65-B2GA221KA
□KA
330
±10%
7.5
7.0
7.5±1.5
7.5±0.8
0.6±0.05
CS70-B2GA331KA
□KA
470
±10%
9.0
7.0
7.5±1.5
7.5±0.8
0.6±0.05
CS75-B2GA471KA
□KA
680
±10%
9.5
7.0
7.5±1.5
7.5±0.8
0.6±0.05
CS85-B2GA681KA
□KA
Symbol G
Bulk/Long lead
Symbol N
Bulk/Short lead
Symbol V
Taping
Vertical kink
Item
Markings
Specifications
Marking examples
1. Series
2. Nominal capacitance
3. Capacitance tolerance
4. Rated voltage Eac
5. TDK’s logogram
6. Date code
7. Applications
CS
101
K
440
∼X1
300
∼Y2
54
(Underscore below date of production)
CS series
100pF
±10%
X1: AC.440V
Y2: AC.300V
Production base code
2015.4
For use in automobiles
D
F
d
T
D
T
F
d
D
T
F
d
CS101K
(Marking position is reference.)
54


Similar Part No. - CS75-B2GA471KAGKA

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
CS75 TOKEN-CS75 Datasheet
427Kb / 8P
   CS Current Detecting Chip Resistors
logo
Transko Electronics, In...
CS75 TRANSKO-CS75 Datasheet
232Kb / 1P
   MINIATURE CERAMIC SMD CRYSTAL (7.0 x 5.0 x 1.1mm)
Rev.4:10-10-19
logo
Thinki Semiconductor Co...
CS75N75 THINKISEMI-CS75N75 Datasheet
986Kb / 5P
   75V,80A Heatsink Planar N-Channel Power MOSFETs
More results

Similar Description - CS75-B2GA471KAGKA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CS45-B2GA101K-GKA TDK-CS45-B2GA101K-GKA Datasheet
168Kb / 10P
   High Voltage Ceramic Capacitors Automotive Grade, Safety Standard Approved
logo
Vishay Siliconix
EMIY1-VY1 VISHAY-EMIY1-VY1 Datasheet
446Kb / 5P
   Ceramic Disc Capacitors Safety Standard Approved Disc Capacitors
Revision: 14-Mar-08
logo
TDK Electronics
CD12-E2GA222MYNSA TDK-CD12-E2GA222MYNSA Datasheet
73Kb / 3P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS11-E2GA222MYNSA TDK-CS11-E2GA222MYNSA Datasheet
93Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
logo
Vishay Siliconix
EMIY2-VY2 VISHAY-EMIY2-VY2 Datasheet
171Kb / 6P
   Ceramic Disc Capacitors Safety Standard Approved Disc Capacitor
Revision: 12-Oct-07
VY1222M47Y5UQ63V0 VISHAY-VY1222M47Y5UQ63V0 Datasheet
133Kb / 6P
   Ceramic Disc Capacitors Safety Standard Approved Disc AC Capacitors
Revision: 15-Oct-09
logo
Murata Manufacturing Co...
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KB2B MURATA-DEHR33A102KB2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com