Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHQ1005P2N4ST000 Datasheet(PDF) 9 Page - TDK Electronics

Part # MHQ1005P2N4ST000
Description  Inductors for High Frequency Circuits Multilayer Ceramic
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MHQ1005P2N4ST000 Datasheet(HTML) 9 Page - TDK Electronics

Back Button MHQ1005P2N4ST000 Datasheet HTML 5Page - TDK Electronics MHQ1005P2N4ST000 Datasheet HTML 6Page - TDK Electronics MHQ1005P2N4ST000 Datasheet HTML 7Page - TDK Electronics MHQ1005P2N4ST000 Datasheet HTML 8Page - TDK Electronics MHQ1005P2N4ST000 Datasheet HTML 9Page - TDK Electronics MHQ1005P2N4ST000 Datasheet HTML 10Page - TDK Electronics MHQ1005P2N4ST000 Datasheet HTML 11Page - TDK Electronics MHQ1005P2N4ST000 Datasheet HTML 12Page - TDK Electronics MHQ1005P2N4ST000 Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
(9/20)
INDUC
T
O
RS
20150105 / inductor_commercial_high-frequency_mhq1005p_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MHQ1005P Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Short bar residual inductance =0.556nH
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
L measuring
frequency
Q
Q measuring
frequency
Self-resonant
frequency
DC resistance
Rated current
Part No.
(nH)
Tolerance
(MHz)
min.
(MHz)
(GHz)min.
(GHz)typ.
(
:)max. (:)typ.
(mA)max.
9.5
±2%
100
23
250
3.3
4.7
0.21
0.16
500
MHQ1005P9N5GT000
9.5
±3%
100
23
250
3.3
4.7
0.21
0.16
500
MHQ1005P9N5HT000
9.5
±5%
100
23
250
3.3
4.7
0.21
0.16
500
MHQ1005P9N5JT000
10
±2%
100
23
250
3.3
4.6
0.19
0.15
500
MHQ1005P10NGT000
10
±3%
100
23
250
3.3
4.6
0.19
0.15
500
MHQ1005P10NHT000
10
±5%
100
23
250
3.3
4.6
0.19
0.15
500
MHQ1005P10NJT000
11
±2%
100
23
250
3.0
4.2
0.24
0.20
450
MHQ1005P11NGT000
11
±3%
100
23
250
3.0
4.2
0.24
0.20
450
MHQ1005P11NHT000
11
±5%
100
23
250
3.0
4.2
0.24
0.20
450
MHQ1005P11NJT000
12
±2%
100
23
250
2.8
3.8
0.24
0.19
450
MHQ1005P12NGT000
12
±3%
100
23
250
2.8
3.8
0.24
0.19
450
MHQ1005P12NHT000
12
±5%
100
23
250
2.8
3.8
0.24
0.19
450
MHQ1005P12NJT000
13
±2%
100
23
250
2.5
3.5
0.26
0.20
420
MHQ1005P13NGT000
13
±3%
100
23
250
2.5
3.5
0.26
0.20
420
MHQ1005P13NHT000
13
±5%
100
23
250
2.5
3.5
0.26
0.20
420
MHQ1005P13NJT000
15
±2%
100
23
250
2.3
3.2
0.28
0.22
400
MHQ1005P15NGT000
15
±3%
100
23
250
2.3
3.2
0.28
0.22
400
MHQ1005P15NHT000
15
±5%
100
23
250
2.3
3.2
0.28
0.22
400
MHQ1005P15NJT000
16
±2%
100
20
250
2.3
3.5
0.80
0.57
260
MHQ1005P16NGT000
16
±3%
100
20
250
2.3
3.5
0.80
0.57
260
MHQ1005P16NHT000
16
±5%
100
20
250
2.3
3.5
0.80
0.57
260
MHQ1005P16NJT000
18
±2%
100
22
250
2.3
3.4
0.80
0.48
260
MHQ1005P18NGT000
18
±3%
100
22
250
2.3
3.4
0.80
0.48
260
MHQ1005P18NHT000
18
±5%
100
22
250
2.3
3.4
0.80
0.48
260
MHQ1005P18NJT000
19
±2%
100
20
250
2.3
3.2
0.80
0.46
260
MHQ1005P19NGT000
19
±3%
100
20
250
2.3
3.2
0.80
0.46
260
MHQ1005P19NHT000
19
±5%
100
20
250
2.3
3.2
0.80
0.46
260
MHQ1005P19NJT000
20
±2%
100
20
250
2.1
3.1
1.10
0.46
260
MHQ1005P20NGT000
20
±3%
100
20
250
2.1
3.1
1.10
0.46
260
MHQ1005P20NHT000
20
±5%
100
20
250
2.1
3.1
1.10
0.46
260
MHQ1005P20NJT000
22
±2%
100
20
250
2.1
2.9
1.10
0.66
230
MHQ1005P22NGT000
22
±3%
100
20
250
2.1
2.9
1.10
0.66
230
MHQ1005P22NHT000
22
±5%
100
20
250
2.1
2.9
1.10
0.66
230
MHQ1005P22NJT000
23
±2%
100
22
250
2.0
2.9
1.10
0.62
230
MHQ1005P23NGT000
23
±3%
100
22
250
2.0
2.9
1.10
0.62
230
MHQ1005P23NHT000
23
±5%
100
22
250
2.0
2.9
1.10
0.62
230
MHQ1005P23NJT000
24
±2%
100
20
250
2.0
2.8
1.20
0.55
230
MHQ1005P24NGT000
24
±3%
100
20
250
2.0
2.8
1.20
0.55
230
MHQ1005P24NHT000
24
±5%
100
20
250
2.0
2.8
1.20
0.55
230
MHQ1005P24NJT000
27
±2%
100
20
250
1.7
2.6
1.30
0.66
230
MHQ1005P27NGT000
27
±3%
100
20
250
1.7
2.6
1.30
0.66
230
MHQ1005P27NHT000
27
±5%
100
20
250
1.7
2.6
1.30
0.66
230
MHQ1005P27NJT000
30
±2%
100
20
250
1.7
2.4
1.30
0.80
220
MHQ1005P30NGT000
30
±3%
100
20
250
1.7
2.4
1.30
0.80
220
MHQ1005P30NHT000
30
±5%
100
20
250
1.7
2.4
1.30
0.80
220
MHQ1005P30NJT000
Measurement item
Product No.
Manufacturer
L, Q
4291B+16193A
Agilent Technologies
Self-resonant frequency
8720C
Agilent Technologies
DC resistance
Type-7561
Yokogawa


Similar Part No. - MHQ1005P2N4ST000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MHQ1005P2N4ST000 TDK-MHQ1005P2N4ST000_17 Datasheet
130Kb / 3P
   Inductors (Coils)
More results

Similar Description - MHQ1005P2N4ST000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MHQ0402P0N2BT000 TDK-MHQ0402P0N2BT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603P1N1ST000 TDK-MLG0603P1N1ST000 Datasheet
182Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P15NGTD25 TDK-MHQ1005P15NGTD25 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLK0603L10NJT000 TDK-MLK0603L10NJT000 Datasheet
119Kb / 10P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0402P0N7CT000 TDK-MHQ0402P0N7CT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0603P0N6BT000 TDK-MHQ0603P0N6BT000 Datasheet
175Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S43NJTD25 TDK-MLG0603S43NJTD25 Datasheet
155Kb / 15P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG1005S0N3BT000 TDK-MLG1005S0N3BT000 Datasheet
239Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S TDK-MLG0603S_13 Datasheet
3Mb / 24P
   Inductors for High Frequency Multilayer Ceramic
MHQ-P TDK-MHQ-P Datasheet
158Kb / 17P
   Inductors for High Frequency Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com