Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHQ1005P2N9BT000 Datasheet(PDF) 6 Page - TDK Electronics

Part # MHQ1005P2N9BT000
Description  Inductors for High Frequency Circuits Multilayer Ceramic
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MHQ1005P2N9BT000 Datasheet(HTML) 6 Page - TDK Electronics

Back Button MHQ1005P2N9BT000 Datasheet HTML 2Page - TDK Electronics MHQ1005P2N9BT000 Datasheet HTML 3Page - TDK Electronics MHQ1005P2N9BT000 Datasheet HTML 4Page - TDK Electronics MHQ1005P2N9BT000 Datasheet HTML 5Page - TDK Electronics MHQ1005P2N9BT000 Datasheet HTML 6Page - TDK Electronics MHQ1005P2N9BT000 Datasheet HTML 7Page - TDK Electronics MHQ1005P2N9BT000 Datasheet HTML 8Page - TDK Electronics MHQ1005P2N9BT000 Datasheet HTML 9Page - TDK Electronics MHQ1005P2N9BT000 Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
(6/20)
INDUC
T
O
RS
20150105 / inductor_commercial_high-frequency_mhq1005p_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MHQ1005P Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Short bar residual inductance =0.556nH
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
L measuring
frequency
Q
Q measuring
frequency
Self-resonant
frequency
DC resistance
Rated current
Part No.
(nH)
Tolerance
(MHz)
min.
(MHz)
(GHz)min.
(GHz)typ.
(
:)max. (:)typ.
(mA)max.
0.7
±0.1nH
100
250
15.0
18.3
0.03
0.01max. 1200
MHQ1005P0N7BT000
0.7
±0.2nH
100
250
15.0
18.3
0.03
0.01max. 1200
MHQ1005P0N7CT000
0.8
±0.1nH
100
250
15.0
18.3
0.03
0.01max. 1200
MHQ1005P0N8BT000
0.8
±0.2nH
100
250
15.0
18.3
0.03
0.01max. 1200
MHQ1005P0N8CT000
0.9
±0.1nH
100
250
15.0
18.6
0.03
0.01max. 1200
MHQ1005P0N9BT000
0.9
±0.2nH
100
250
15.0
18.6
0.03
0.01max. 1200
MHQ1005P0N9CT000
1.0
±0.1nH
100
250
15.0
20.0
0.03
0.01
1200
MHQ1005P1N0BT000
1.0
±0.2nH
100
250
15.0
20.0
0.03
0.01
1200
MHQ1005P1N0CT000
1.0
±0.3nH
100
250
15.0
20.0
0.03
0.01
1200
MHQ1005P1N0ST000
1.1
±0.1nH
100
250
14.0
20.0
0.03
0.02
1200
MHQ1005P1N1BT000
1.1
±0.2nH
100
250
14.0
20.0
0.03
0.02
1200
MHQ1005P1N1CT000
1.1
±0.3nH
100
250
14.0
20.0
0.03
0.02
1200
MHQ1005P1N1ST000
1.2
±0.1nH
100
250
13.0
20.0
0.03
0.01
1200
MHQ1005P1N2BT000
1.2
±0.2nH
100
250
13.0
20.0
0.03
0.01
1200
MHQ1005P1N2CT000
1.2
±0.3nH
100
250
13.0
20.0
0.03
0.01
1200
MHQ1005P1N2ST000
1.3
±0.1nH
100
250
12.0
20.0
0.03
0.01
1200
MHQ1005P1N3BT000
1.3
±0.2nH
100
250
12.0
20.0
0.03
0.01
1200
MHQ1005P1N3CT000
1.3
±0.3nH
100
250
12.0
20.0
0.03
0.01
1200
MHQ1005P1N3ST000
1.4
±0.1nH
100
23
250
12.0
20.0
0.04
0.02
1000
MHQ1005P1N4BT000
1.4
±0.2nH
100
23
250
12.0
20.0
0.04
0.02
1000
MHQ1005P1N4CT000
1.4
±0.3nH
100
23
250
12.0
20.0
0.04
0.02
1000
MHQ1005P1N4ST000
1.5
±0.1nH
100
23
250
11.0
19.7
0.04
0.02
1000
MHQ1005P1N5BT000
1.5
±0.2nH
100
23
250
11.0
19.7
0.04
0.02
1000
MHQ1005P1N5CT000
1.5
±0.3nH
100
23
250
11.0
19.7
0.04
0.02
1000
MHQ1005P1N5ST000
1.6
±0.1nH
100
23
250
10.0
15.2
0.04
0.02
1000
MHQ1005P1N6BT000
1.6
±0.2nH
100
23
250
10.0
15.2
0.04
0.02
1000
MHQ1005P1N6CT000
1.6
±0.3nH
100
23
250
10.0
15.2
0.04
0.02
1000
MHQ1005P1N6ST000
1.7
±0.1nH
100
23
250
10.0
15.4
0.04
0.02
1000
MHQ1005P1N7BT000
1.7
±0.2nH
100
23
250
10.0
15.4
0.04
0.02
1000
MHQ1005P1N7CT000
1.7
±0.3nH
100
23
250
10.0
15.4
0.04
0.02
1000
MHQ1005P1N7ST000
1.8
±0.1nH
100
23
250
9.0
15.1
0.04
0.03
1000
MHQ1005P1N8BT000
1.8
±0.2nH
100
23
250
9.0
15.1
0.04
0.03
1000
MHQ1005P1N8CT000
1.8
±0.3nH
100
23
250
9.0
15.1
0.04
0.03
1000
MHQ1005P1N8ST000
1.9
±0.1nH
100
23
250
8.0
14.8
0.05
0.03
1000
MHQ1005P1N9BT000
1.9
±0.2nH
100
23
250
8.0
14.8
0.05
0.03
1000
MHQ1005P1N9CT000
1.9
±0.3nH
100
23
250
8.0
14.8
0.05
0.03
1000
MHQ1005P1N9ST000
2.0
±0.1nH
100
23
250
8.0
11.5
0.05
0.03
1000
MHQ1005P2N0BT000
2.0
±0.2nH
100
23
250
8.0
11.5
0.05
0.03
1000
MHQ1005P2N0CT000
2.0
±0.3nH
100
23
250
8.0
11.5
0.05
0.03
1000
MHQ1005P2N0ST000
2.1
±0.1nH
100
23
250
8.0
13.1
0.06
0.04
1000
MHQ1005P2N1BT000
2.1
±0.2nH
100
23
250
8.0
13.1
0.06
0.04
1000
MHQ1005P2N1CT000
2.1
±0.3nH
100
23
250
8.0
13.1
0.06
0.04
1000
MHQ1005P2N1ST000
2.2
±0.1nH
100
23
250
8.0
12.1
0.06
0.04
1000
MHQ1005P2N2BT000
2.2
±0.2nH
100
23
250
8.0
12.1
0.06
0.04
1000
MHQ1005P2N2CT000
2.2
±0.3nH
100
23
250
8.0
12.1
0.06
0.04
1000
MHQ1005P2N2ST000
Measurement item
Product No.
Manufacturer
L, Q
4291B+16193A
Agilent Technologies
Self-resonant frequency
8720C
Agilent Technologies
DC resistance
Type-7561
Yokogawa


Similar Part No. - MHQ1005P2N9BT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MHQ1005P2N9BT000 TDK-MHQ1005P2N9BT000_17 Datasheet
130Kb / 3P
   Inductors (Coils)
More results

Similar Description - MHQ1005P2N9BT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MHQ0402P0N2BT000 TDK-MHQ0402P0N2BT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603P1N1ST000 TDK-MLG0603P1N1ST000 Datasheet
182Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P15NGTD25 TDK-MHQ1005P15NGTD25 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLK0603L10NJT000 TDK-MLK0603L10NJT000 Datasheet
119Kb / 10P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0402P0N7CT000 TDK-MHQ0402P0N7CT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0603P0N6BT000 TDK-MHQ0603P0N6BT000 Datasheet
175Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S43NJTD25 TDK-MLG0603S43NJTD25 Datasheet
155Kb / 15P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG1005S0N3BT000 TDK-MLG1005S0N3BT000 Datasheet
239Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S TDK-MLG0603S_13 Datasheet
3Mb / 24P
   Inductors for High Frequency Multilayer Ceramic
MHQ-P TDK-MHQ-P Datasheet
158Kb / 17P
   Inductors for High Frequency Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com