Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS34L Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # SS34L
Description  3.0 AMP LOW VF SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SS34L Datasheet(HTML) 2 Page - Nanjing International Group Co

  SS34L Datasheet HTML 1Page - Nanjing International Group Co SS34L Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1.0
.01
10
50
RATING AND CHARACTERISTIC CURVES (S
S32L THRU SS34L)
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0.6
1.2
1.8
2.4
3.0
3.6
0
20
40
60
80
100
120
140
160
180
200
1000
1200
1400
800
600
400
200
0
.01
.05
.1
.5
1
5
10
50
100
.1
.3
.5
.7
.9
1.1
1.3
1.5
5.0
AMBIENT TEMPERATURE ( C)
.1
1.0
10
100
FIG.5 - TYPICAL REVERSE
CHARACTERISTICS
PERCENTAGE RATED PEAK REVERSE VOLTAGE
0
20
40
60
80
100 120 140
.01
Tj=75 C
Tj=25 C
Tj=25 C
80
40
0
1
20
200
160
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method


Similar Part No. - SS34L

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SS34L FORMOSA-SS34L Datasheet
418Kb / 2P
   3.0AMPS Surface Mount Schottky Barrier Rectifier
logo
Gaomi Xinghe Electronic...
SS34L GXELECTRONICS-SS34L Datasheet
459Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SS34L TSC-SS34L Datasheet
201Kb / 3P
   Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Yixinwei Techn...
SS34L YIXIN-SS34L Datasheet
241Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SS34L LUGUANG-SS34L Datasheet
281Kb / 2P
   Low forward voltage drop
More results

Similar Description - SS34L

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SS32SMB DGNJDZ-SS32SMB Datasheet
277Kb / 2P
   3.0 AMP LOW VF SCHOTTKY BARRIER RECTIFIERS
SS32L-20V-DO-214AA DGNJDZ-SS32L-20V-DO-214AA Datasheet
305Kb / 2P
   3.0 AMP LOW VF SCHOTTKY BARRIER RECTIFIERS
SS34F-40V-SMAF DGNJDZ-SS34F-40V-SMAF Datasheet
319Kb / 2P
   3.0 AMP LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SK34CL SECOS-SK34CL Datasheet
257Kb / 2P
   Voltage 40V Low VF & Low IR 3.0 Amp Schottky Barrier Rectifiers
SCS0540LP SECOS-SCS0540LP_15 Datasheet
383Kb / 2P
   0.5 Amp Low VF Schottky Barrier Rectifiers
logo
Nanjing International G...
SRF3060LCT-60V-ITO-220AB DGNJDZ-SRF3060LCT-60V-ITO-220AB Datasheet
98Kb / 2P
   30.0 AMP LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SCS0520LP SECOS-SCS0520LP Datasheet
159Kb / 2P
   0.5 Amp Low Vf Schottky Barrier Rectifiers
SBR3080R SECOS-SBR3080R_15 Datasheet
260Kb / 2P
   30.0 Amp Low VF Schottky Barrier Rectifiers
SBR20100I SECOS-SBR20100I_15 Datasheet
258Kb / 2P
   20.0 Amp Low VF Schottky Barrier Rectifiers
logo
Nanjing International G...
SRF3080LCT-80V-ITO-220AB DGNJDZ-SRF3080LCT-80V-ITO-220AB Datasheet
98Kb / 2P
   30.0 AMP LOW VF SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com