Electronic Components Datasheet Search |
|
LFV310-XXCEPX8TX Datasheet(PDF) 2 Page - SICK AG |
|
LFV310-XXCEPX8TX Datasheet(HTML) 2 Page - SICK AG |
2 / 7 page A B C D E F H I J K L M N O P Q R S T LFV310-XXCEPX8TX | LFV300 LEVEL SENSORS Illustration may differ Ordering information Type Part no. LFV310-XXCEPX8TX 6058969 Other models and accessories www.sick.com/LFV300 Detailed technical data Features Medium Fluids Measurement Switch Probe length 66 mm Process pressure –1 bar ... 64 bar Process temperature –50 °C ... +150 °C Fill material density 0.5 g/cm³ ... 2.5 g/cm³ GOST approval ✔ Performance Accuracy of sensor element ± 2 mm Repeatability ≤ 1 mm Viscosity 0.1 mPas ... 10,000 mPas Response time 500 ms Electronics Residual ripple ≤ 5 Vpp Power consumption < 10 mA Initialization time < 2 s VDE protection class 2 ✔ Electrical connection M20 x 1.5 Supply voltage Volt-free transistor output PNP/ NPN: 10 V DC ... 55 V DC Hysteresis 2 mm Signal voltage HIGH Uv –3 V Signal voltage LOW < 1 V Output current < 300 mA Inductive load 1 H Capacitive load 100 nF 2 FLUID SENSORS | SICK Online data sheet | 2016-05-17 16:55:06 Subject to change without notice |
Similar Part No. - LFV310-XXCEPX8TX |
|
Similar Description - LFV310-XXCEPX8TX |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |