Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLK0603L1N5ST000 Datasheet(PDF) 7 Page - TDK Electronics

Part # MLK0603L1N5ST000
Description  Inductors for High Frequency Circuits Multilayer Ceramic
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLK0603L1N5ST000 Datasheet(HTML) 7 Page - TDK Electronics

Back Button MLK0603L1N5ST000 Datasheet HTML 2Page - TDK Electronics MLK0603L1N5ST000 Datasheet HTML 3Page - TDK Electronics MLK0603L1N5ST000 Datasheet HTML 4Page - TDK Electronics MLK0603L1N5ST000 Datasheet HTML 5Page - TDK Electronics MLK0603L1N5ST000 Datasheet HTML 6Page - TDK Electronics MLK0603L1N5ST000 Datasheet HTML 7Page - TDK Electronics MLK0603L1N5ST000 Datasheet HTML 8Page - TDK Electronics MLK0603L1N5ST000 Datasheet HTML 9Page - TDK Electronics MLK0603L1N5ST000 Datasheet HTML 10Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
(7/10)
INDUC
T
O
RS
20150216 / inductor_commercial_high-frequency_mlk0603_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MLK0603 Type
ELECTRICAL CHARACTERISTICS
L, Q FREQUENCY CHARACTERISTICS TABLE
○ Measurement equipment
* Equivalent measurement equipment may be used.
L(nH)typ.
Q typ.
Part No.
500MHz
800MHz
1.8GHz
2.0GHz
2.4GHz
500MHz
800MHz
1.8GHz
2.0GHz
2.4GHz
0.9
0.9
0.9
0.9
0.9
10
12
19
20
22
MLK0603L1N0ST000
1.0
1.0
0.9
0.9
0.9
9
11
17
18
20
MLK0603L1N1ST000
1.1
1.0
1.0
1.0
1.0
9
12
18
19
21
MLK0603L1N2ST000
1.2
1.1
1.1
1.1
1.1
9
12
18
19
21
MLK0603L1N3ST000
1.3
1.3
1.3
1.3
1.3
9
12
18
19
21
MLK0603L1N5ST000
1.4
1.4
1.4
1.4
1.4
9
12
18
19
21
MLK0603L1N6ST000
1.6
1.6
1.6
1.6
1.6
9
11
17
18
20
MLK0603L1N8ST000
1.8
1.7
1.7
1.7
1.7
9
12
17
18
20
MLK0603L2N0ST000
2.0
1.9
1.9
1.9
2.0
10
12
19
20
22
MLK0603L2N2ST000
2.1
2.1
2.1
2.1
2.1
9
12
18
19
20
MLK0603L2N4ST000
2.4
2.4
2.4
2.4
2.4
10
13
19
20
22
MLK0603L2N7ST000
2.7
2.6
2.6
2.6
2.7
9
12
18
19
21
MLK0603L3N0ST000
3.0
2.9
2.9
3.0
3.0
10
13
19
20
22
MLK0603L3N3ST000
3.2
3.1
3.1
3.1
3.2
9
11
17
18
19
MLK0603L3N6ST000
3.5
3.4
3.5
3.5
3.5
10
13
19
20
22
MLK0603L3N9ST000
3.8
3.8
3.8
3.8
3.9
10
12
18
19
20
MLK0603L4N3ST000
4.2
4.2
4.2
4.2
4.3
10
13
19
20
22
MLK0603L4N7ST000
4.6
4.5
4.5
4.6
4.7
10
12
18
19
21
MLK0603L5N1ST000
5.0
5.0
5.0
5.0
5.1
10
12
18
19
21
MLK0603L5N6ST000
5.5
5.5
5.5
5.6
5.7
10
12
18
19
20
MLK0603L6N2ST000
6.2
6.1
6.2
6.2
6.4
10
13
19
20
22
MLK0603L6N8JT000
6.7
6.6
6.7
6.8
7.0
10
12
18
19
20
MLK0603L7N5JT000
7.4
7.3
7.5
7.6
7.8
10
13
19
20
21
MLK0603L8N2JT000
8.2
8.1
8.3
8.4
8.6
10
12
18
18
20
MLK0603L9N1JT000
9.0
8.9
9.2
9.3
9.6
10
13
18
19
20
MLK0603L10NJT000
10.8
10.6
11.0
11.2
11.6
10
12
18
18
20
MLK0603L12NJT000
13.5
13.4
13.9
14.2
14.8
10
12
17
18
19
MLK0603L15NJT000
16.2
16.1
17.0
17.4
18.4
10
12
16
17
18
MLK0603L18NJT000
19.8
19.7
20.9
21.5
22.8
10
12
16
16
17
MLK0603L22NJT000
24.4
24.4
27.2
28.6
31.7
10
12
15
15
14
MLK0603L27NJT000
29.7
29.7
33.4
35.1
39.3
9
11
14
14
13
MLK0603L33NJT000
Product No.
Manufacturer
4291B+16197A
Agilent Technologies


Similar Part No. - MLK0603L1N5ST000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLK0603L1N5ST000 TDK-MLK0603L1N5ST000 Datasheet
129Kb / 3P
   Inductors (Coils)
MLK0603L1N5ST000 TDK-MLK0603L1N5ST000_17 Datasheet
129Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLK0603L1N5ST000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MHQ0402P0N2BT000 TDK-MHQ0402P0N2BT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603P1N1ST000 TDK-MLG0603P1N1ST000 Datasheet
182Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P15NGTD25 TDK-MHQ1005P15NGTD25 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0402P0N7CT000 TDK-MHQ0402P0N7CT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0603P0N6BT000 TDK-MHQ0603P0N6BT000 Datasheet
175Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P0N7BT000 TDK-MHQ1005P0N7BT000 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S43NJTD25 TDK-MLG0603S43NJTD25 Datasheet
155Kb / 15P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG1005S0N3BT000 TDK-MLG1005S0N3BT000 Datasheet
239Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S TDK-MLG0603S_13 Datasheet
3Mb / 24P
   Inductors for High Frequency Multilayer Ceramic
MHQ-P TDK-MHQ-P Datasheet
158Kb / 17P
   Inductors for High Frequency Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com