Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6044856 Datasheet(PDF) 3 Page - SICK AG

Part # 6044856
Description  LEVEL SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6044856 Datasheet(HTML) 3 Page - SICK AG

  6044856 Datasheet HTML 1Page - SICK AG 6044856 Datasheet HTML 2Page - SICK AG 6044856 Datasheet HTML 3Page - SICK AG 6044856 Datasheet HTML 4Page - SICK AG 6044856 Datasheet HTML 5Page - SICK AG 6044856 Datasheet HTML 6Page - SICK AG 6044856 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LFV310-XXNAVTPRX | LFV300
LEVEL SENSORS
Mechanics
Wetted parts
Stainless steel 316L (optional Ra ≤ 0.8 μm)
Process connection
1" NPT PN 64
Housing material
Plastic
Sensor material
Stainless steel 1.4404
Ambient data
Ambient operating temperature
–40 °C ... +70 °C
Ambient storage temperature
–40 °C ... +80 °C
Classifications
ECl@ss 5.0
27273202
ECl@ss 5.1.4
27273202
ECl@ss 6.0
27273202
ECl@ss 6.2
27273202
ECl@ss 7.0
27273202
ECl@ss 8.0
27273202
ECl@ss 8.1
27273202
ECl@ss 9.0
27273202
ETIM 5.0
EC002654
ETIM 6.0
EC002654
UNSPSC 16.0901
41111938
2016-05-17 16:55:06 | Online data sheet
Subject to change without notice
FLUID SENSORS | SICK
3


Similar Part No. - 6044856

ManufacturerPart #DatasheetDescription
logo
SICK AG
6044852 SICK-6044852 Datasheet
807Kb / 6P
   PRESSURE SENSORS
6044853 SICK-6044853 Datasheet
815Kb / 6P
   PRESSURE SENSORS
6044854 SICK-6044854 Datasheet
848Kb / 7P
   PRESSURE SENSORS
6044859 SICK-6044859 Datasheet
817Kb / 6P
   PRESSURE SENSORS
More results

Similar Description - 6044856

ManufacturerPart #DatasheetDescription
logo
SICK AG
LFV200-XATNACPV SICK-LFV200-XATNACPV Datasheet
289Kb / 4P
   LEVEL SENSORS
LFV200-XATNATPML SICK-LFV200-XATNATPML Datasheet
289Kb / 4P
   LEVEL SENSORS
LFV200-XXHCLCPM SICK-LFV200-XXHCLCPM Datasheet
288Kb / 4P
   LEVEL SENSORS
LBV310-XXAGDR8NX SICK-LBV310-XXAGDR8NX Datasheet
466Kb / 6P
   LEVEL SENSORS
LBV310-XXANDRKNX SICK-LBV310-XXANDRKNX Datasheet
483Kb / 6P
   LEVEL SENSORS
LBV310-XXANDTKMX SICK-LBV310-XXANDTKMX Datasheet
484Kb / 6P
   LEVEL SENSORS
LFV310-XXCAPX8RX SICK-LFV310-XXCAPX8RX Datasheet
278Kb / 4P
   LEVEL SENSORS
LFV310-XXGAVXPRX SICK-LFV310-XXGAVXPRX Datasheet
278Kb / 4P
   LEVEL SENSORS
LFV310-XXGBVTPCX SICK-LFV310-XXGBVTPCX Datasheet
277Kb / 4P
   LEVEL SENSORS
LFV310-XXGBVXMCX SICK-LFV310-XXGBVXMCX Datasheet
277Kb / 4P
   LEVEL SENSORS
LFV330-CAADVTMN0250 SICK-LFV330-CAADVTMN0250 Datasheet
1Mb / 7P
   LEVEL SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com