Electronic Components Datasheet Search |
|
MHQ0603P4N3ST000 Datasheet(PDF) 3 Page - TDK Electronics |
|
MHQ0603P4N3ST000 Datasheet(HTML) 3 Page - TDK Electronics |
3 / 16 page (3/16) INDUC T O RS 20150105 / inductor_commercial_high-frequency_mhq0603p_en.fm Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use. Please note that the contents may change without any prior notice due to reasons such as upgrading. Inductors for High Frequency Circuits Multilayer Ceramic FEATURES Unique ceramic material and configuration allows for the realization of high Q characteristics that are equivalent to that of air core wound inductors. Multilayer method allows for a lineup with fine increments of inductance. APPLICATION Smart phones, tablet terminals, high frequency modules (PAs, VCOs, FEMs , etc.), Bluetooth, W-LAN, UWB, tuners and other high frequency circuits for the mobile communication industry PART NUMBER CONSTRUCTION OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT The Storage temperature range is for after the circuit board is mounted. Product compatible with RoHS directive Halogen-free Compatible with lead-free solders Overview of MHQ0603P Type MHQ 0603 P 0N6 B T 000 Series name L×W×H Dimensions (mm) Characteristics Inductance (nH) Inductance tolerance Packaging style Internal code 0603 0.65×0.35×0.35 P 0N6 0.6 B ±0.1nH T Taping 000 1N1 1.1 C ±0.2nH 11N 11 S ±0.3nH H±3% J±5% Type Temperature range Package quantity Individual weight Operating temperature (°C) Storage temperature (°C) (pieces/reel) (mg) MHQ0603P –55 to +125 –55 to +125 15000 0.2 RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://product.tdk.com/en/environment/rohs/ Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm. |
Similar Part No. - MHQ0603P4N3ST000 |
|
Similar Description - MHQ0603P4N3ST000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |