Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHQ1005P5N8STD25 Datasheet(PDF) 11 Page - TDK Electronics

Part # MHQ1005P5N8STD25
Description  Inductors for High Frequency Circuits Multilayer Ceramic
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MHQ1005P5N8STD25 Datasheet(HTML) 11 Page - TDK Electronics

Back Button MHQ1005P5N8STD25 Datasheet HTML 7Page - TDK Electronics MHQ1005P5N8STD25 Datasheet HTML 8Page - TDK Electronics MHQ1005P5N8STD25 Datasheet HTML 9Page - TDK Electronics MHQ1005P5N8STD25 Datasheet HTML 10Page - TDK Electronics MHQ1005P5N8STD25 Datasheet HTML 11Page - TDK Electronics MHQ1005P5N8STD25 Datasheet HTML 12Page - TDK Electronics MHQ1005P5N8STD25 Datasheet HTML 13Page - TDK Electronics MHQ1005P5N8STD25 Datasheet HTML 14Page - TDK Electronics MHQ1005P5N8STD25 Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
(11/20)
INDUC
T
O
RS
20150105 / inductor_automotive_high-frequency_mhq1005p_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MHQ1005P Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
L measuring
frequency
Q
Q measuring
frequency
Self-resonant
frequency
DC resistance
Rated current
Part No.
(nH)
Tolerance
(MHz)
min.
(MHz)
(GHz)min.
(GHz)typ.
(
:)max. (:)typ.
(mA)max.
110
±2%
100
22
250
0.8
1.2
2.70
1.98
150
MHQ1005PR11GTD25
110
±3%
100
22
250
0.8
1.2
2.70
1.98
150
MHQ1005PR11HTD25
110
±5%
100
22
250
0.8
1.2
2.70
1.98
150
MHQ1005PR11JTD25
120
±2%
100
22
250
0.8
1.2
2.70
1.81
140
MHQ1005PR12GTD25
120
±3%
100
22
250
0.8
1.2
2.70
1.81
140
MHQ1005PR12HTD25
120
±5%
100
22
250
0.8
1.2
2.70
1.81
140
MHQ1005PR12JTD25
130
±2%
100
22
250
0.8
1.1
2.90
2.18
110
MHQ1005PR13GTD25
130
±3%
100
22
250
0.8
1.1
2.90
2.18
110
MHQ1005PR13HTD25
130
±5%
100
22
250
0.8
1.1
2.90
2.18
110
MHQ1005PR13JTD25
150
±2%
100
22
250
0.8
1.0
3.00
2.03
110
MHQ1005PR15GTD25
150
±3%
100
22
250
0.8
1.0
3.00
2.03
110
MHQ1005PR15HTD25
150
±5%
100
22
250
0.8
1.0
3.00
2.03
110
MHQ1005PR15JTD25
Measurement item
Product No.
Manufacturer
L, Q
4291B+16193A
Agilent Technologies
Self-resonant frequency
8720C
Agilent Technologies
DC resistance
Type-7561
Yokogawa


Similar Part No. - MHQ1005P5N8STD25

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MHQ1005P5N8STD25 TDK-MHQ1005P5N8STD25 Datasheet
127Kb / 3P
   Inductors (Coils)
More results

Similar Description - MHQ1005P5N8STD25

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MHQ0402P0N2BT000 TDK-MHQ0402P0N2BT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603P1N1ST000 TDK-MLG0603P1N1ST000 Datasheet
182Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLK0603L10NJT000 TDK-MLK0603L10NJT000 Datasheet
119Kb / 10P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0402P0N7CT000 TDK-MHQ0402P0N7CT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0603P0N6BT000 TDK-MHQ0603P0N6BT000 Datasheet
175Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P0N7BT000 TDK-MHQ1005P0N7BT000 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S43NJTD25 TDK-MLG0603S43NJTD25 Datasheet
155Kb / 15P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG1005S0N3BT000 TDK-MLG1005S0N3BT000 Datasheet
239Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S TDK-MLG0603S_13 Datasheet
3Mb / 24P
   Inductors for High Frequency Multilayer Ceramic
MHQ-P TDK-MHQ-P Datasheet
158Kb / 17P
   Inductors for High Frequency Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com