Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLG0603S20NJTD25 Datasheet(PDF) 11 Page - TDK Electronics

Part # MLG0603S20NJTD25
Description  Inductors for High Frequency Circuits Multilayer Ceramic
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLG0603S20NJTD25 Datasheet(HTML) 11 Page - TDK Electronics

Back Button MLG0603S20NJTD25 Datasheet HTML 7Page - TDK Electronics MLG0603S20NJTD25 Datasheet HTML 8Page - TDK Electronics MLG0603S20NJTD25 Datasheet HTML 9Page - TDK Electronics MLG0603S20NJTD25 Datasheet HTML 10Page - TDK Electronics MLG0603S20NJTD25 Datasheet HTML 11Page - TDK Electronics MLG0603S20NJTD25 Datasheet HTML 12Page - TDK Electronics MLG0603S20NJTD25 Datasheet HTML 13Page - TDK Electronics MLG0603S20NJTD25 Datasheet HTML 14Page - TDK Electronics MLG0603S20NJTD25 Datasheet HTML 15Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
(11/15)
INDUC
T
O
RS
20150109 / inductor_automotive_high-frequency_mlg0603s_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MLG0603S Type
ELECTRICAL CHARACTERISTICS
L, Q FREQUENCY CHARACTERISTICS TABLE
Please contact us for ±2% inductance tolerance (code G) products.
○ Measurement equipment
* Equivalent measurement equipment may be used.
L(nH)typ.
Q typ.
Part No.*
500MHz
800MHz
1.8GHz
2.0GHz
2.4GHz
500MHz
800MHz
1.8GHz
2.0GHz
2.4GHz
14
15
20
23
33
15
19
20
18
14
MLG0603S15NHTD25
14
15
20
23
33
15
19
20
18
14
MLG0603S15NJTD25
15
16
22
25
37
14
16
16
15
11
MLG0603S16NHTD25
15
16
22
25
37
14
16
16
15
11
MLG0603S16NJTD25
17
18
28
35
14
17
15
13
MLG0603S18NHTD25
17
18
28
35
14
17
15
13
MLG0603S18NJTD25
19
20
32
13
16
14
MLG0603S20NHTD25
19
20
32
13
16
14
MLG0603S20NJTD25
21
23
40
15
17
13
MLG0603S22NHTD25
21
23
40
15
17
13
MLG0603S22NJTD25
23
24
45
13
15
13
MLG0603S24NHTD25
23
24
45
13
15
13
MLG0603S24NJTD25
27
29
15
17
MLG0603S27NHTD25
27
29
15
17
MLG0603S27NJTD25
29
32
13
15
MLG0603S30NHTD25
29
32
13
15
MLG0603S30NJTD25
33
36
14
16
MLG0603S33NHTD25
33
36
14
16
MLG0603S33NJTD25
36
40
14
15
MLG0603S36NHTD25
36
40
14
15
MLG0603S36NJTD25
40
47
13
14
MLG0603S39NHTD25
40
47
13
14
MLG0603S39NJTD25
44
53
14
14
MLG0603S43NHTD25
44
53
14
14
MLG0603S43NJTD25
49
60
13
13
MLG0603S47NHTD25
49
60
13
13
MLG0603S47NJTD25
52
64
11
11
MLG0603S51NHTD25
52
64
11
11
MLG0603S51NJTD25
59
77
12
11
MLG0603S56NHTD25
59
77
12
11
MLG0603S56NJTD25
66
88
11
10
MLG0603S62NHTD25
66
88
11
10
MLG0603S62NJTD25
74
104
13
11
MLG0603S68NHTD25
74
104
13
11
MLG0603S68NJTD25
82
119
10
8
MLG0603S75NHTD25
82
119
10
8
MLG0603S75NJTD25
96
161
12
8
MLG0603S82NHTD25
96
161
12
8
MLG0603S82NJTD25
109
9
MLG0603S91NHTD25
109
9
MLG0603S91NJTD25
129
11
MLG0603SR10HTD25
129
11
MLG0603SR10JTD25
Product No.
Manufacturer
4291B+16197A
Agilent Technologies


Similar Part No. - MLG0603S20NJTD25

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG0603S20NJTD25 TDK-MLG0603S20NJTD25 Datasheet
131Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLG0603S20NJTD25

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MHQ0402P0N2BT000 TDK-MHQ0402P0N2BT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603P1N1ST000 TDK-MLG0603P1N1ST000 Datasheet
182Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P15NGTD25 TDK-MHQ1005P15NGTD25 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLK0603L10NJT000 TDK-MLK0603L10NJT000 Datasheet
119Kb / 10P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0402P0N7CT000 TDK-MHQ0402P0N7CT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0603P0N6BT000 TDK-MHQ0603P0N6BT000 Datasheet
175Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P0N7BT000 TDK-MHQ1005P0N7BT000 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG1005S0N3BT000 TDK-MLG1005S0N3BT000 Datasheet
239Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S TDK-MLG0603S_13 Datasheet
3Mb / 24P
   Inductors for High Frequency Multilayer Ceramic
MHQ-P TDK-MHQ-P Datasheet
158Kb / 17P
   Inductors for High Frequency Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com