Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMZ1608Y221BTA00 Datasheet(PDF) 7 Page - TDK Electronics

Part # MMZ1608Y221BTA00
Description  Chip Beads For general signal line
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MMZ1608Y221BTA00 Datasheet(HTML) 7 Page - TDK Electronics

Back Button MMZ1608Y221BTA00 Datasheet HTML 3Page - TDK Electronics MMZ1608Y221BTA00 Datasheet HTML 4Page - TDK Electronics MMZ1608Y221BTA00 Datasheet HTML 5Page - TDK Electronics MMZ1608Y221BTA00 Datasheet HTML 6Page - TDK Electronics MMZ1608Y221BTA00 Datasheet HTML 7Page - TDK Electronics MMZ1608Y221BTA00 Datasheet HTML 8Page - TDK Electronics MMZ1608Y221BTA00 Datasheet HTML 9Page - TDK Electronics MMZ1608Y221BTA00 Datasheet HTML 10Page - TDK Electronics MMZ1608Y221BTA00 Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
(7/14)
20150203 / beads_commercial_signal_mmz1608_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
EMC Components
MMZ1608 Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
○ Measurement equipment
* Equivalent measurement equipment may be used.
Impedance
DC resistance
Rated current
Thickness T
Part No.
[100MHz]
(
:)
Tolerance
(
:)max.
(mA)max.
(mm)
120
±25%
0.15
600
0.6
MMZ1608B121CTAH0
220
±25%
0.25
500
0.6
MMZ1608B221CTAH0
300
±25%
0.25
500
0.6
MMZ1608B301CTAH0
470
±25%
0.30
500
0.6
MMZ1608B471CTAH0
600
±25%
0.40
500
0.6
MMZ1608B601CTAH0
1000
±25%
0.60
300
0.8
MMZ1608B102CTA00
15
±25%
0.05
1500
0.8
MMZ1608R150ATA00
30
±25%
0.05
1500
0.8
MMZ1608R300ATA00
60
±25%
0.10
800
0.8
MMZ1608R600ATA00
120
±25%
0.18
500
0.8
MMZ1608R121ATA00
300
±25%
0.25
500
0.8
MMZ1608R301ATA00
470
±25%
0.30
500
0.8
MMZ1608R471ATA00
600
±25%
0.40
500
0.8
MMZ1608R601ATA00
1000
±25%
0.50
400
0.8
MMZ1608R102ATA00
40
±25%
0.10
600
0.8
MMZ1608S400ATA00
80
±25%
0.15
500
0.8
MMZ1608S800ATA00
120
±25%
0.15
500
0.8
MMZ1608S121ATA00
180
±25%
0.20
500
0.8
MMZ1608S181ATA00
220
±25%
0.20
500
0.8
MMZ1608S221ATA00
300
±25%
0.30
500
0.8
MMZ1608S301ATA00
470
±25%
0.30
500
0.8
MMZ1608S471ATA00
600
±25%
0.35
500
0.8
MMZ1608S601ATA00
1000
±25%
0.50
400
0.8
MMZ1608S102ATA00
2000
±25%
0.90
200
0.8
MMZ1608S202ATA00
15
±25%
0.05
1500
0.8
MMZ1608Y150BTA00
30
±25%
0.05
1500
0.8
MMZ1608Y300BTA00
60
±25%
0.15
500
0.8
MMZ1608Y600BTA00
120
±25%
0.20
500
0.8
MMZ1608Y121BTA00
220
±25%
0.30
500
0.8
MMZ1608Y221BTA00
300
±25%
0.30
500
0.8
MMZ1608Y301BTA00
470
±25%
0.35
500
0.8
MMZ1608Y471BTA00
600
±25%
0.40
500
0.8
MMZ1608Y601BTA00
750
±25%
0.45
500
0.8
MMZ1608Y751BTA00
1000
±25%
0.50
400
0.8
MMZ1608Y102BTA00
1500
±25%
0.60
300
0.8
MMZ1608Y152BTA00
1800
±25%
0.80
200
0.8
MMZ1608A182BTA00
2200
±25%
0.80
200
0.8
MMZ1608A222BTA00
2500
±25%
0.80
200
0.8
MMZ1608A252BTA00
120
±25%
0.30
500
0.8
MMZ1608Q121BTA00
220
±25%
0.40
500
0.8
MMZ1608Q221BTA00
330
±25%
0.50
400
0.8
MMZ1608Q331BTA00
470
±25%
0.70
300
0.8
MMZ1608Q471BTA00
600
±25%
0.80
200
0.8
MMZ1608Q601BTA00
1000
±25%
1.00
200
0.8
MMZ1608Q102BTA00
Measurement item
Product No.
Manufacturer
Impedance
E4991A+16192A
Agilent Technologies
DC resistance
Type-7556
Yokogawa


Similar Part No. - MMZ1608Y221BTA00

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MMZ1608Y221B TDK-MMZ1608Y221B Datasheet
222Kb / 8P
   Chip Beads(SMD) For Signal Line
More results

Similar Description - MMZ1608Y221BTA00

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MMZ0603 TDK-MMZ0603 Datasheet
270Kb / 6P
   Chip beads For general signal line
MMZ2012 TDK-MMZ2012 Datasheet
276Kb / 7P
   Chip beads For general signal line
MMZ2012R600AT000 TDK-MMZ2012R600AT000 Datasheet
166Kb / 11P
   Chip Beads For general signal line
MPZ0603S220CT000 TDK-MPZ0603S220CT000 Datasheet
116Kb / 10P
   Chip Beads For general signal line
MMZ1005B121CT000 TDK-MMZ1005B121CT000 Datasheet
175Kb / 11P
   Chip Beads For general signal line
MMZ0402D220CT000 TDK-MMZ0402D220CT000 Datasheet
128Kb / 10P
   Chip Beads For general signal line
MZA1210 TDK-MZA1210 Datasheet
54Kb / 2P
   Chip Beads(SMD Array) For General Signal Line
MMZ2012Y202B TDK-MMZ2012Y202B Datasheet
915Kb / 29P
   Chip Beads For signal line
MZA1608 TDK-MZA1608 Datasheet
52Kb / 2P
   Chip Beads(SMD Array) For General Signal Line
KMZ1608-HR TDK-KMZ1608-HR Datasheet
262Kb / 7P
   Chip beads For general signal line Soft termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com