Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLFV32T-331K-EF Datasheet(PDF) 6 Page - TDK Electronics

Part # NLFV32T-331K-EF
Description  Inductors for Decoupling Circuits Wound Ferrite
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLFV32T-331K-EF Datasheet(HTML) 6 Page - TDK Electronics

Back Button NLFV32T-331K-EF Datasheet HTML 2Page - TDK Electronics NLFV32T-331K-EF Datasheet HTML 3Page - TDK Electronics NLFV32T-331K-EF Datasheet HTML 4Page - TDK Electronics NLFV32T-331K-EF Datasheet HTML 5Page - TDK Electronics NLFV32T-331K-EF Datasheet HTML 6Page - TDK Electronics NLFV32T-331K-EF Datasheet HTML 7Page - TDK Electronics NLFV32T-331K-EF Datasheet HTML 8Page - TDK Electronics NLFV32T-331K-EF Datasheet HTML 9Page - TDK Electronics NLFV32T-331K-EF Datasheet HTML 10Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
(6/10)
INDUC
T
O
RS
20150105 / inductor_commercial_decoupling_nlfv32-ef_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
NLFV32-EF Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Rated current: smaller value of either Idc1 or Idc2.
Idc1: When based on the inductance change rate (10% below the initial L value)
Idc2: When based on the temperature increase (Temperature increase of 20°C by self heating)
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
L measuring frequency
DC resistance
Rated current
Part No.
(μH)
Tolerance
(MHz)
(
)±20%
(mA)max.
1
±20%
7.96
0.06
750
NLFV32T-1R0M-EF
1.5
±20%
7.96
0.07
600
NLFV32T-1R5M-EF
2.2
±20%
7.96
0.09
500
NLFV32T-2R2M-EF
3.3
±20%
7.96
0.11
420
NLFV32T-3R3M-EF
4.7
±20%
7.96
0.13
360
NLFV32T-4R7M-EF
6.8
±20%
7.96
0.17
260
NLFV32T-6R8M-EF
10
±10%
2.52
0.20
250
NLFV32T-100K-EF
15
±10%
2.52
0.30
140
NLFV32T-150K-EF
22
±10%
2.52
0.40
120
NLFV32T-220K-EF
33
±10%
2.52
0.65
95
NLFV32T-330K-EF
47
±10%
2.52
0.85
90
NLFV32T-470K-EF
68
±10%
2.52
1.3
70
NLFV32T-680K-EF
100
±10%
0.796
2.2
55
NLFV32T-101K-EF
150
±10%
0.796
2.9
50
NLFV32T-151K-EF
220
±10%
0.796
5.1
40
NLFV32T-221K-EF
330
±10%
0.796
6.8
35
NLFV32T-331K-EF
470
±10%
0.796
14.5
30
NLFV32T-471K-EF
680
±10%
0.796
18.5
25
NLFV32T-681K-EF
1000
±10%
0.252
22.5
20
NLFV32T-102K-EF
Measurement item
Product No.
Manufacturer
L
4194A+16085A+16093B
Agilent Technologies
DC resistance
VP-2941A
Panasonic


Similar Part No. - NLFV32T-331K-EF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLFV32 TDK-NLFV32 Datasheet
333Kb / 16P
   Inductors for Decoupling Circuits
More results

Similar Description - NLFV32T-331K-EF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLFV25T-100K-EF TDK-NLFV25T-100K-EF_15 Datasheet
201Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
NLCV25T-100K-EF TDK-NLCV25T-100K-EF_15 Datasheet
178Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
NLCV32T-100K-EF TDK-NLCV32T-100K-EF Datasheet
214Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
NLC453232T-100K-PF TDK-NLC453232T-100K-PF_15 Datasheet
303Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
MLZ2012N1R5LT000 TDK-MLZ2012N1R5LT000 Datasheet
200Kb / 15P
   Inductors for Decoupling Circuits Multilayer Ferrite
MLZ2012M100W TDK-MLZ2012M100W Datasheet
337Kb / 26P
   Inductors for Decoupling Circuits Multilayer Ferrite
NLCV32T-4R7M-PF TDK-NLCV32T-4R7M-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
NLCV32T-101K-PF TDK-NLCV32T-101K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
NLC453232T-4R7K-PF TDK-NLC453232T-4R7K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
NLC453232T-100K-PF TDK-NLC453232T-100K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com