Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTCDS3HG273HB4N Datasheet(PDF) 6 Page - TDK Electronics

Part # NTCDS3HG273HB4N
Description  NTC Thermistors Element
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NTCDS3HG273HB4N Datasheet(HTML) 6 Page - TDK Electronics

  NTCDS3HG273HB4N Datasheet HTML 1Page - TDK Electronics NTCDS3HG273HB4N Datasheet HTML 2Page - TDK Electronics NTCDS3HG273HB4N Datasheet HTML 3Page - TDK Electronics NTCDS3HG273HB4N Datasheet HTML 4Page - TDK Electronics NTCDS3HG273HB4N Datasheet HTML 5Page - TDK Electronics NTCDS3HG273HB4N Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
(6/6)
20160304 / sensor_ntc-thermistor_element_en.fm
SENSORS
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
NTCGF Series (Resin coated NTC thermistors, Dimensional code 5)
SHAPE & DIMENSIONS
Dimensional code 5
CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLES
Dimensional code
5(Resin DIP type)
Heat dissipation constant[in still air]
4mW/°C
Thermal time constant[in still air]
30s max.
Insulation resistance[between lead and thermistor]
5M
: min.[DC.500V]
Part No.
Nominal resistance
(0°C)
Resistance
(25°C)
B constant
Lead wire
plating
Operating
temperature ranges
NTCGF3LG222HC5SB
6.204k
:
2.185k
:
B25/85: 3535K±2%
B0/100: 3505K±2%
Sn
–40 to 125°C
Dimensions in mm
16.7±0.5
6±1
13
+0.5
–1


Similar Part No. - NTCDS3HG273HB4N

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NTCDS3HG273HB4N TDK-NTCDS3HG273HB4N Datasheet
103Kb / 6P
   NTC Thermistors
More results

Similar Description - NTCDS3HG273HB4N

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
NCP18WB333J03RB MURATA-NCP18WB333J03RB Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com