Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTCG103UH103J Datasheet(PDF) 4 Page - TDK Electronics

Part # NTCG103UH103J
Description  NTC Thermistors SMD
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NTCG103UH103J Datasheet(HTML) 4 Page - TDK Electronics

  NTCG103UH103J Datasheet HTML 1Page - TDK Electronics NTCG103UH103J Datasheet HTML 2Page - TDK Electronics NTCG103UH103J Datasheet HTML 3Page - TDK Electronics NTCG103UH103J Datasheet HTML 4Page - TDK Electronics NTCG103UH103J Datasheet HTML 5Page - TDK Electronics NTCG103UH103J Datasheet HTML 6Page - TDK Electronics NTCG103UH103J Datasheet HTML 7Page - TDK Electronics NTCG103UH103J Datasheet HTML 8Page - TDK Electronics NTCG103UH103J Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
(4/27)
20150928 / tpd_ntc-thermistor_ntcg_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
Temperature Protection Devices
Overview of the NTCG Series
CIRCUIT EXAMPLES
1. CELLULAR PHONE, TABLET TERMINAL
Power amp. module,
Temperature monitor
Control of voltage
2. HARD DISK DRIVE
Chip NTC thermistor
NTCG06
、NTCG10 types
Resistance tolerance: ±1 to ±5%/B constant tolerance: ±1 to ±3%
TEMPERATURE SENSOR IC
NTC THERMISTOR
(Cost: about 50% down)
Voltage vs. temperature characteristics
3. BATTERY PACK
Control circuit for quick charge battery
Main Board
LCD Display
Touch Panel
Bluetooth
/Wi-fi
Data Interface
Side Button
Speaker
Power
Management
CPU
PA Module
Front Camera
Speaker
Rear Camera
Power SW
Battery
Vibrator
Sensor, Power SW
Volume, Hold SW
Headphone
Data Interface,
Button, Speaker
Spindle motor
Track
Disk
Actuator
Swing arm
Magnetic head
IC
8bit
R1
R2
8bit
R1:10k
Ω±5%
R2:10k
Ω±5%
NTC R25:10k
Ω±5%
B25/85:4100K±3%
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–50
0
+50 +100 +150
Temperature(˚C)
Vmax.
Vnom.
Vmin.
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–50
0
+50 +100 +150
Temperature(˚C)
Vmax.
Vnom.
Vmin.
LM317
Battery


Similar Part No. - NTCG103UH103J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NTCG103UH103J TDK-NTCG103UH103J Datasheet
146Kb / 14P
   NTC Thermistors SMD NTCG series
NTCG103UH103J TDK-NTCG103UH103J Datasheet
146Kb / 14P
   NTC Thermistors SMD NTCG series
NTCG103UH103JT1 TDK-NTCG103UH103JT1 Datasheet
115Kb / 2P
   Chip NTC Thermistors (Sensor)
More results

Similar Description - NTCG103UH103J

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
TSM MERITEK-TSM Datasheet
156Kb / 3P
   NTC Thermistors SMD Thermistors
logo
AVX Corporation
NC12P00104JBB AVX-NC12P00104JBB Datasheet
200Kb / 5P
   NTC SMD Thermistors
NB20K00103MBA AVX-NB20K00103MBA Datasheet
200Kb / 5P
   NTC SMD Thermistors
NC20K00103KBA AVX-NC20K00103KBA_17 Datasheet
379Kb / 10P
   NTC SMD Thermistors
NC12 AVX-NC12 Datasheet
200Kb / 5P
   NTC SMD Thermistors
logo
TDK Electronics
B57321V2103J060 TDK-B57321V2103J060 Datasheet
451Kb / 21P
   SMD NTC thermistors,
B57251V5103J060 TDK-B57251V5103J060 Datasheet
485Kb / 21P
   SMD NTC thermistors
logo
AVX Corporation
NC20K00103MBA AVX-NC20K00103MBA Datasheet
379Kb / 10P
   NTC SMD Thermistors
NB21K00103MBB AVX-NB21K00103MBB Datasheet
235Kb / 5P
   NTC SMD Thermistors
logo
TDK Electronics
NTCG06 TDK-NTCG06 Datasheet
146Kb / 14P
   NTC Thermistors SMD NTCG series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com