Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLG0603P9N1HT000 Datasheet(PDF) 10 Page - TDK Electronics

Part # MLG0603P9N1HT000
Description  Inductors for High Frequency Circuits Multilayer Ceramic
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLG0603P9N1HT000 Datasheet(HTML) 10 Page - TDK Electronics

Back Button MLG0603P9N1HT000 Datasheet HTML 6Page - TDK Electronics MLG0603P9N1HT000 Datasheet HTML 7Page - TDK Electronics MLG0603P9N1HT000 Datasheet HTML 8Page - TDK Electronics MLG0603P9N1HT000 Datasheet HTML 9Page - TDK Electronics MLG0603P9N1HT000 Datasheet HTML 10Page - TDK Electronics MLG0603P9N1HT000 Datasheet HTML 11Page - TDK Electronics MLG0603P9N1HT000 Datasheet HTML 12Page - TDK Electronics MLG0603P9N1HT000 Datasheet HTML 13Page - TDK Electronics MLG0603P9N1HT000 Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
(10/17)
INDUC
T
O
RS
20150216 / inductor_commercial_high-frequency_mlg0603p_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MLG0603P Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Please contact us for information on inductance tolerance, G (±2%).
・Short bar residual inductance =0.43nH
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Q
L, Q measuring
frequency
Self-resonant
frequency
DC resistance
Rated current
Part No.
(nH)
Tolerance
min.
(MHz)
(GHz)min.
(GHz)typ.
(
:)max. (:)typ.
(mA)max.
100.0
±3%
9
300
0.9
1.3
4.50
3.20
80
MLG0603PR10HT000
100.0
±5%
9
300
0.9
1.3
4.50
3.20
80
MLG0603PR10JT000
110.0
±3%
9
300
0.8
1.1
5.00
3.50
80
MLG0603PR11HT000
110.0
±5%
9
300
0.8
1.1
5.00
3.50
80
MLG0603PR11JT000
120.0
±3%
9
300
0.8
1.0
5.00
3.79
80
MLG0603PR12HT000
120.0
±5%
9
300
0.8
1.0
5.00
3.79
80
MLG0603PR12JT000
Measurement item
Product No.
Manufacturer
L, Q
4291B+16197A
Agilent Technologies
Self-resonant frequency
8720C
Agilent Technologies
DC resistance
Type-7561
Yokogawa


Similar Part No. - MLG0603P9N1HT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG0603P9N1HT000 TDK-MLG0603P9N1HT000 Datasheet
249Kb / 17P
   High Q type inductor for high-frequency circuits
MLG0603P9N1HT000 TDK-MLG0603P9N1HT000 Datasheet
127Kb / 3P
   Inductors (Coils)
MLG0603P9N1HT000 TDK-MLG0603P9N1HT000_17 Datasheet
127Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLG0603P9N1HT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MHQ0402P0N2BT000 TDK-MHQ0402P0N2BT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P15NGTD25 TDK-MHQ1005P15NGTD25 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLK0603L10NJT000 TDK-MLK0603L10NJT000 Datasheet
119Kb / 10P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0402P0N7CT000 TDK-MHQ0402P0N7CT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0603P0N6BT000 TDK-MHQ0603P0N6BT000 Datasheet
175Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P0N7BT000 TDK-MHQ1005P0N7BT000 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S43NJTD25 TDK-MLG0603S43NJTD25 Datasheet
155Kb / 15P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG1005S0N3BT000 TDK-MLG1005S0N3BT000 Datasheet
239Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S TDK-MLG0603S_13 Datasheet
3Mb / 24P
   Inductors for High Frequency Multilayer Ceramic
MHQ-P TDK-MHQ-P Datasheet
158Kb / 17P
   Inductors for High Frequency Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com