Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMM2V2 Datasheet(PDF) 8 Page - Nanjing International Group Co

Part # ZMM2V2
Description  Silicon Epitaxial Planar Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

ZMM2V2 Datasheet(HTML) 8 Page - Nanjing International Group Co

  ZMM2V2 Datasheet HTML 1Page - Nanjing International Group Co ZMM2V2 Datasheet HTML 2Page - Nanjing International Group Co ZMM2V2 Datasheet HTML 3Page - Nanjing International Group Co ZMM2V2 Datasheet HTML 4Page - Nanjing International Group Co ZMM2V2 Datasheet HTML 5Page - Nanjing International Group Co ZMM2V2 Datasheet HTML 6Page - Nanjing International Group Co ZMM2V2 Datasheet HTML 7Page - Nanjing International Group Co ZMM2V2 Datasheet HTML 8Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8/8
4
40
0
020
Vz
1
2
3
100V
60
Vz at Iz=5 mA
80
Iz=5 mA
Change of Zener voltge from turn-on
up to the point of thermal equilibrium
versus Zener voltage
Vz=rzth.Iz
V
5
ZMM...
Iz=2 mA
ZMM1...ZMM75


Similar Part No. - ZMM2V2

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
ZMM2V2 SEMTECH_ELEC-ZMM2V2 Datasheet
456Kb / 8P
   SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
ZMM2V2 HTSEMI-ZMM2V2 Datasheet
1Mb / 8P
   SILICON PLANAR ZENER DIODES
logo
Suntan Capacitors
ZMM2V2 SUNTAN-ZMM2V2 Datasheet
1Mb / 8P
   In MiniMELF case especially for automatic insertion
logo
Olitech Electronics Co....
ZMM2V2 OLITECH-ZMM2V2 Datasheet
638Kb / 3P
   ZENER DIODES
logo
Shenzhen Yixinwei Techn...
ZMM2V2 YIXIN-ZMM2V2 Datasheet
284Kb / 4P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - ZMM2V2

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
2V2BC SEMTECH_ELEC-2V2BC Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
logo
Nanjing International G...
ZMM1B DGNJDZ-ZMM1B Datasheet
167Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
BTZS4678 SEMTECH_ELEC-BTZS4678 Datasheet
292Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZX83C SEMTECH_ELEC-BZX83C Datasheet
162Kb / 2P
   SILICON EPITAXIAL PLANAR ZENER DIODES
21/06/2007
logo
Semtech Corporation
ZM-PTZ10B SEMTECH-ZM-PTZ10B Datasheet
286Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX55T2V4 SEMTECH_ELEC-BZX55T2V4 Datasheet
255Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZT55C2V4 SEMTECH_ELEC-BZT55C2V4 Datasheet
312Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZT-RLZ2V2A SEMTECH_ELEC-BZT-RLZ2V2A Datasheet
300Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
Nanjing International G...
HZ DGNJDZ-HZ Datasheet
92Kb / 4P
   Silicon Epitaxial Planar Zener Diodes
ZMC1 DGNJDZ-ZMC1 Datasheet
80Kb / 2P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
MTZ2V0 SEMTECH_ELEC-MTZ2V0 Datasheet
212Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com