Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

160-90-628-00-001 Datasheet(PDF) 1 Page - Precid-Dip Durtal SA

Part # 160-90-628-00-001
Description  Dual-in-line pin / slotted / turret / solder cup headers / open frame / solder tail / wire-wrap posts
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREDIP [Precid-Dip Durtal SA]
Direct Link  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

160-90-628-00-001 Datasheet(HTML) 1 Page - Precid-Dip Durtal SA

  160-90-628-00-001 Datasheet HTML 1Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
73
Series 15X / 16X / 17X / 18X
Dual-in-line pin / slotted / turret / solder
cup headers / open frame / solder tail /
wire-wrap posts
Series 153 pin headers
with 3 level wrappost
(Pin headers with solder
tail see page 72)
Series 160 / 163 with
slotted heads to accept
wires or component
leads, series 170 / 173
with turret heads and se-
ries 180 / 183 with solder
cups for wiring applica-
tions, are with solder tail
or 3 level wrappost
Platings
Sleeve
Clip
Pin
10
0.25
µm Au
90
5
µm Sn Pb
Ordering information
For standard versions see table (order codes)
Platings 10 and 90 available for all versions. Replace xx with
required plating code
Option:
2 level wraposts (please consult)
10
153-xx-
160-xx-
163-xx-
170-xx-
173-xx-
180-xx-
183-xx-
-210-00-001
Fig. 1
12.6
5.08
7.6
4
153-xx-
160-xx-
163-xx-
170-xx-
173-xx-
180-xx-
183-xx-
-304-00-001
Fig. 2
5.0
7.62 10.1
6
153-xx-
160-xx-
163-xx-
170-xx-
173-xx-
180-xx-
183-xx-
-306-00-001
Fig. 3
7.6
7.62 10.1
8
153-xx-
160-xx-
163-xx-
170-xx-
173-xx-
180-xx-
183-xx-
-308-00-001
Fig. 4
10.1
7.62 10.1
10
153-xx-
160-xx-
163-xx-
170-xx-
173-xx-
180-xx-
183-xx-
-310-00-001
Fig. 5
12.6
7.62 10.1
12
153-xx-
160-xx-
163-xx-
170-xx-
173-xx-
180-xx-
183-xx-
-312-00-001
aFig. 5a
15.2
7.62 10.1
14
153-xx-
160-xx-
163-xx-
170-xx-
173-xx-
180-xx-
183-xx-
-314-00-001
Fig. 6
17.7
7.62 10.1
16
153-xx-
160-xx-
163-xx-
170-xx-
173-xx-
180-xx-
183-xx-
-316-00-001
Fig. 7
20.3
7.62 10.1
18
153-xx-
160-xx-
163-xx-
170-xx-
173-xx-
180-xx-
183-xx-
-318-00-001
Fig. 8
22.8
7.62 10.1
20
153-xx-
160-xx-
163-xx-
170-xx-
173-xx-
180-xx-
183-xx-
-320-00-001
Fig. 9
25.3
7.62 10.1
22
153-xx-
160-xx-
163-xx-
170-xx-
173-xx-
180-xx-
183-xx-
-322-00-001
Fig. 10
27.8
7.62 10.1
24
153-xx-
160-xx-
163-xx-
170-xx-
173-xx-
180-xx-
183-xx-
-324-00-001
Fig. 11
30.4
7.62 10.1
28
153-xx-
160-xx-
163-xx-
170-xx-
173-xx-
180-xx-
183-xx-
-328-00-001
Fig. 12
35.5
7.62 10.1
20
153-xx-
160-xx-
163-xx-
170-xx-
173-xx-
180-xx-
183-xx-
-420-00-001
aFig. 12a
25.3 10.16 12.6
22
153-xx-
160-xx-
163-xx-
170-xx-
173-xx-
180-xx-
183-xx-
-422-00-001
Fig. 13
27.8 10.16 12.6
24
153-xx-
160-xx-
163-xx-
170-xx-
173-xx-
180-xx-
183-xx-
-424-00-001
Fig. 14
30.4 10.16 12.6
28
153-xx-
160-xx-
163-xx-
170-xx-
173-xx-
180-xx-
183-xx-
-428-00-001
Fig. 15
35.5 10.16 12.6
32
153-xx-
160-xx-
163-xx-
170-xx-
173-xx-
180-xx-
183-xx-
-432-00-001
Fig. 16
40.6 10.16 12.6
10
153-xx-
160-xx-
163-xx-
170-xx-
173-xx-
180-xx-
183-xx-
-610-00-001
aFig. 16a
12.6 15.24 17.7
24
153-xx-
160-xx-
163-xx-
170-xx-
173-xx-
180-xx-
183-xx-
-624-00-001
Fig. 17
30.4 15.24 17.7
28
153-xx-
160-xx-
163-xx-
170-xx-
173-xx-
180-xx-
183-xx-
-628-00-001
Fig. 18
35.5 15.24 17.7
32
153-xx-
160-xx-
163-xx-
170-xx-
173-xx-
180-xx-
183-xx-
-632-00-001
Fig. 19
40.6 15.24 17.7
36
153-xx-
160-xx-
163-xx-
170-xx-
173-xx-
180-xx-
183-xx-
-636-00-001
Fig. 20
45.7 15.24 17.7
40
153-xx-
160-xx-
163-xx-
170-xx-
173-xx-
180-xx-
183-xx-
-640-00-001
Fig. 21
50.6 15.24 17.7
42
153-xx-
160-xx-
163-xx-
170-xx-
173-xx-
180-xx-
183-xx-
-642-00-001
Fig. 22
53.2 15.24 17.7
48
153-xx-
160-xx-
163-xx-
170-xx-
173-xx-
180-xx-
183-xx-
-648-00-001
Fig. 23
60.9 15.24 17.7
50
153-xx-
160-xx-
163-xx-
170-xx-
173-xx-
180-xx-
183-xx-
-650-00-001
Fig. 24
63.4 15.24 17.7
52
153-xx-
160-xx-
163-xx-
170-xx-
173-xx-
180-xx-
183-xx-
-652-00-001
Fig. 25
65.9 15.24 17.7
50
153-xx-
160-xx-
163-xx-
170-xx-
173-xx-
180-xx-
183-xx-
-950-00-001
Fig. 26
63.4 22.86 25.3
52
153-xx-
160-xx-
163-xx-
170-xx-
173-xx-
180-xx-
183-xx-
-952-00-001
Fig. 27
65.9 22.86 25.3
64
153-xx-
160-xx-
163-xx-
170-xx-
173-xx-
180-xx-
183-xx-
-964-00-001
Fig. 28
81.1 22.86 25.3
No.
Insulator
of
Order Codes
dimen-
poles
sions
Fig. 1
Fig. 2
Fig. 3
Fig. 4
Fig. 5
Fig. 6
Fig. 7
See
ABC
page 50
B
B
B
B
B
B
B
Products not available from stock. Please consult PRECI-DIP.
B


Similar Part No. - 160-90-628-00-001

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
160-9103-900-C ATGBICS-160-9103-900-C Datasheet
366Kb / 10P
   160-9103-900 Ciena Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
More results

Similar Description - 160-90-628-00-001

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
126-93-210-41-001 PREDIP-126-93-210-41-001 Datasheet
35Kb / 1P
   Dual-in-line sockets Open frame Wire-wrap posts with solder tails
612-91-210-41-001 PREDIP-612-91-210-41-001 Datasheet
42Kb / 1P
   Dual-in-line pin carrier assemblies Open frame Solder tail
110-93-628-41-001 PREDIP-110-93-628-41-001 Datasheet
40Kb / 1P
   Dual-in-line sockets Open frame Solder tail
116-93-210-41-006 PREDIP-116-93-210-41-006 Datasheet
42Kb / 1P
   Dual-in-line sockets interconnect Open frame Solder tail
logo
Mill-Max Mfg. Corp.
110-13-308-41-001000 MILL-MAX-110-13-308-41-001000 Datasheet
137Kb / 1P
   DUAL-IN-LINE SOCKETS Standard Solder Tail Open Frame
logo
Precid-Dip Durtal SA
150-90-210-00-001 PREDIP-150-90-210-00-001 Datasheet
43Kb / 1P
   Dual-in-line pin headers Open frame Interconnect
110-91-210-41-005 PREDIP-110-91-210-41-005 Datasheet
39Kb / 1P
   Dual-in-line sockets automatic insertion Open frame Solder tail
110-93-308-41-801 PREDIP-110-93-308-41-801 Datasheet
44Kb / 1P
   Dual-in-line sockets with capacitor Open frame Solder tail
110-91-306-41-605 PREDIP-110-91-306-41-605 Datasheet
37Kb / 1P
   Dual-in-line sockets automatic insertion Open frame Solder tail
logo
Mill-Max Mfg. Corp.
162 MILL-MAX-162 Datasheet
190Kb / 1P
   DUAL-IN-LINE HEADERS Shrink DIP Headers and Strips Solder Tail
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com