Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDBLS101G Datasheet(PDF) 3 Page - Taiwan Memory Technology

Part # HDBLS101G
Description  1A, 50V - 1000V Glass Passivated High Efficient Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

HDBLS101G Datasheet(HTML) 3 Page - Taiwan Memory Technology

  HDBLS101G Datasheet HTML 1Page - Taiwan Memory Technology HDBLS101G Datasheet HTML 2Page - Taiwan Memory Technology HDBLS101G Datasheet HTML 3Page - Taiwan Memory Technology HDBLS101G Datasheet HTML 4Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
5.00
5.20
0.197
0.205
B
1.02
1.20
0.040
0.047
C
8.13
8.51
0.320
0.335
D
2.40
2.60
0.094
0.102
E
9.80
10.30
0.386
0.406
F
6.20
6.50
0.244
0.256
G
0.22
0.33
0.009
0.013
H
1.02
1.53
0.040
0.060
I
0.076
0.33
0.003
0.013
J
3.90
4.10
0.154
0.161
Symbol
A
B
C
D
E
F
P/N
= Specific Device Code
G
= Green Compound
YW
= Date Code
F
= Factory Code
Document Number: DS_D1310040
Version: F15
HDBLS101G - HDBLS107G
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
DBLS
2.6
9.2
MARKING DIAGRAM
SUGGESTED PAD LAYOUT
Unit (mm)
2.3
1.3
6.9
11.5
Unit (inch)
0.091
0.051
0.272
0.453
0.102
0.362
0
10
20
30
40
50
60
70
0.1
1
10
100
1000
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
HDBLS101G -
HDBLS105G
HDBLS106G -
HDBLS107G
f=1.0MHz
Vsig=50mVp-p


Similar Part No. - HDBLS101G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HDBLS101G TSC-HDBLS101G Datasheet
139Kb / 2P
   1.0AMP. Glass Passivated High Efficient Bridge Rectifiers
More results

Similar Description - HDBLS101G

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
HDBL101G TMT-HDBL101G_16 Datasheet
370Kb / 4P
   1A, 50V - 1000V Glass Passivated High Efficient Bridge Rectifiers
logo
Taiwan Semiconductor Co...
HER101SG TSC-HER101SG_15 Datasheet
385Kb / 4P
   1A, 50V - 1000V Glass Passivated High Efficient Rectifiers
DBLS101G TSC-DBLS101G_16 Datasheet
208Kb / 4P
   1A, 50V - 1000V Glass Passivated Bridge Rectifiers
HT11G-K TSC-HT11G-K Datasheet
421Kb / 7P
   1A, 50V - 1000V Glass Passivated High Efficient Rectifier
HER101G-K TSC-HER101G-K Datasheet
412Kb / 7P
   1A, 50V - 1000V Glass Passivated High Efficient Rectifier
logo
Taiwan Memory Technolog...
1T1G TMT-1T1G_16 Datasheet
173Kb / 4P
   1A, 50V - 1000V Glass Passivated Rectifiers
1N4001G TMT-1N4001G_16 Datasheet
172Kb / 4P
   1A, 50V - 1000V Glass Passivated Rectifiers
logo
Taiwan Semiconductor Co...
HER151G TSC-HER151G_15 Datasheet
356Kb / 4P
   1.5A, 50V - 1000V Glass Passivated High Efficient Rectifiers
TS10B01G TSC-TS10B01G_16 Datasheet
194Kb / 4P
   10A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
Taiwan Memory Technolog...
TS6P01G TMT-TS6P01G_16 Datasheet
206Kb / 4P
   6A, 50V - 1000V Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com