Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES1D Datasheet(PDF) 3 Page - Taiwan Memory Technology

Part # ES1D
Description  1A, 50V - 600V Surface Mount Super Fast Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

ES1D Datasheet(HTML) 3 Page - Taiwan Memory Technology

  ES1D Datasheet HTML 1Page - Taiwan Memory Technology ES1D Datasheet HTML 2Page - Taiwan Memory Technology ES1D Datasheet HTML 3Page - Taiwan Memory Technology ES1D Datasheet HTML 4Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
1.27
1.58
0.050
0.062
B
4.06
4.60
0.160
0.181
C
2.29
2.83
0.090
0.111
D
1.99
2.50
0.078
0.098
E
0.90
1.41
0.035
0.056
F
4.95
5.33
0.195
0.210
G
0.10
0.20
0.004
0.008
H
0.15
0.31
0.006
0.012
P/N =
Specific Device Code
G =
Green Compound
YW =
Date Code
F =
Factory Code
Document Number: DS_D1411076
Version: L14
0.155
0.095
0.215
MARKING DIAGRAM
C3.93
D2.41
E5.45
SUGGESTED PAD LAYOUT
Symbol
Unit (mm)
A1.68
B1.52
Unit (inch)
0.066
0.060
ES1A - ES1J
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
DO-214AC (SMA)
1
10
100
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
ES1A-D
ES1F-J
f=1.0MHz
Vsig=50mVp-p


Similar Part No. - ES1D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ES1D PANJIT-ES1D Datasheet
63Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
BaiDu Micro electrons C...
ES1D BAIDUMICRO-ES1D Datasheet
163Kb / 2P
   SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFERS
logo
Diotech Company.
ES1D DIOTECH-ES1D Datasheet
838Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
SAMYANG ELECTRONICS CO....
ES1D SAMYANG-ES1D Datasheet
1Mb / 2P
   SUPER FAST RECTIFIERS
logo
General Semiconductor
ES1D GE-ES1D Datasheet
80Kb / 2P
   SURFACE MOUNT ULTRAFAST EFFICIENT PLASTIC RECTIFIER
More results

Similar Description - ES1D

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
ES1DLW TSC-ES1DLW Datasheet
202Kb / 4P
   1A, 200V - 600V Surface Mount Super Fast Rectifiers
ES1DFL TSC-ES1DFL Datasheet
362Kb / 4P
   1A, 200V - 600V Surface Mount Super Fast Rectifiers
ES1LD TSC-ES1LD Datasheet
424Kb / 7P
   1A, 200V - 600V Surface Mount Super Fast Rectifiers
ES1DF TSC-ES1DF Datasheet
311Kb / 4P
   1A, 200V - 600V Surface Mount Super Fast Rectifiers
ES1D-T TSC-ES1D-T Datasheet
190Kb / 4P
   1A, 200V - 600V Surface Mount Super Fast Rectifiers
logo
WILLAS ELECTRONIC CORP
SFM21L WILLAS-SFM21L Datasheet
885Kb / 2P
   2.0A SURFACE MOUNT SUPER FAST RECTIFIERS -50V- 600V
SGFM101C-D2 WILLAS-SGFM101C-D2 Datasheet
242Kb / 3P
   10.0A SURFACE MOUNT SUPER FAST RECTIFIERS -50V- 600V
logo
Taiwan Semiconductor Co...
MUR105SH TSC-MUR105SH Datasheet
435Kb / 7P
   1A, 50V - 600V Ultra Fast Surface Mount Rectifier
logo
Frontier Electronics.
SFS1A FRONTIER-SFS1A Datasheet
132Kb / 2P
   1A SURFACE MOUNT SUPER FAST RECOVERY RECTIFIERS
SFM11M FRONTIER-SFM11M Datasheet
64Kb / 2P
   1A SURFACE MOUNT SUPER FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com