Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLV32T-151J-PFD Datasheet(PDF) 6 Page - TDK Electronics

Part # NLV32T-151J-PFD
Description  Inductors for Standard Circuits Wound Ferrite
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLV32T-151J-PFD Datasheet(HTML) 6 Page - TDK Electronics

Back Button NLV32T-151J-PFD Datasheet HTML 2Page - TDK Electronics NLV32T-151J-PFD Datasheet HTML 3Page - TDK Electronics NLV32T-151J-PFD Datasheet HTML 4Page - TDK Electronics NLV32T-151J-PFD Datasheet HTML 5Page - TDK Electronics NLV32T-151J-PFD Datasheet HTML 6Page - TDK Electronics NLV32T-151J-PFD Datasheet HTML 7Page - TDK Electronics NLV32T-151J-PFD Datasheet HTML 8Page - TDK Electronics NLV32T-151J-PFD Datasheet HTML 9Page - TDK Electronics NLV32T-151J-PFD Datasheet HTML 10Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
(6/10)
INDUC
T
O
RS
20150122 / inductor_automotive_standard_nlv32-pfd_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
NLV32-PFD Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Rated current: smaller value of either Idc1 or Idc2.
Idc1: When based on the inductance change rate (10% below the initial L value)
Idc2: When based on the temperature increase (Temperature increase of 20°C by self heating)
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Q
L, Q measuring
frequency
Self-resonant
frequency
DC resistance
Rated current
Part No.
(μH)
Tolerance
min.
(MHz)
(MHz)min.
(
)max.
(mA)max.
0.01
±5%
15
100
2500
0.13
450
NLV32T-010J-PFD
0.012
±5%
17
100
2300
0.14
450
NLV32T-012J-PFD
0.015
±5%
19
100
2100
0.16
450
NLV32T-015J-PFD
0.018
±5%
21
100
1900
0.18
450
NLV32T-018J-PFD
0.022
±5%
23
100
1700
0.2
450
NLV32T-022J-PFD
0.027
±5%
23
100
1500
0.22
450
NLV32T-027J-PFD
0.033
±5%
25
100
1400
0.24
450
NLV32T-033J-PFD
0.039
±5%
25
100
1300
0.27
450
NLV32T-039J-PFD
0.047
±5%
26
100
1200
0.3
450
NLV32T-047J-PFD
0.056
±5%
26
100
1100
0.33
450
NLV32T-056J-PFD
0.068
±5%
27
100
1000
0.36
450
NLV32T-068J-PFD
0.082
±5%
27
100
900
0.4
450
NLV32T-082J-PFD
0.1
±5%
28
100
700
0.44
450
NLV32T-R10J-PFD
0.12
±5%
30
25.2
500
0.22
450
NLV32T-R12J-PFD
0.15
±5%
30
25.2
450
0.25
450
NLV32T-R15J-PFD
0.18
±5%
30
25.2
400
0.28
450
NLV32T-R18J-PFD
0.22
±5%
30
25.2
350
0.32
450
NLV32T-R22J-PFD
0.27
±5%
30
25.2
320
0.36
450
NLV32T-R27J-PFD
0.33
±5%
30
25.2
300
0.4
450
NLV32T-R33J-PFD
0.39
±5%
30
25.2
250
0.45
450
NLV32T-R39J-PFD
0.47
±5%
30
25.2
220
0.5
450
NLV32T-R47J-PFD
0.56
±5%
30
25.2
180
0.55
450
NLV32T-R56J-PFD
0.68
±5%
30
25.2
160
0.6
450
NLV32T-R68J-PFD
0.82
±5%
30
25.2
140
0.65
450
NLV32T-R82J-PFD
1
±5%
30
7.96
120
0.7
400
NLV32T-1R0J-PFD
1.2
±5%
30
7.96
100
0.75
390
NLV32T-1R2J-PFD
1.5
±5%
30
7.96
85
0.85
370
NLV32T-1R5J-PFD
1.8
±5%
30
7.96
80
0.9
350
NLV32T-1R8J-PFD
2.2
±5%
30
7.96
75
1
320
NLV32T-2R2J-PFD
2.7
±5%
30
7.96
70
1.1
290
NLV32T-2R7J-PFD
3.3
±5%
30
7.96
60
1.2
260
NLV32T-3R3J-PFD
3.9
±5%
30
7.96
55
1.3
250
NLV32T-3R9J-PFD
4.7
±5%
30
7.96
50
1.5
220
NLV32T-4R7J-PFD
5.6
±5%
30
7.96
45
1.6
200
NLV32T-5R6J-PFD
6.8
±5%
30
7.96
40
1.8
180
NLV32T-6R8J-PFD
8.2
±5%
30
7.96
35
2
170
NLV32T-8R2J-PFD
Measurement item
Product No.
Manufacturer
L, Q
4191A+16092A
4194A+16085A+16093B
Agilent Technologies
Self-resonant frequency
8753C
Agilent Technologies
DC resistance
VP-2941A
Panasonic


Similar Part No. - NLV32T-151J-PFD

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLV32T-151J-PF TDK-NLV32T-151J-PF Datasheet
45Kb / 3P
   For General Applications SMD
NLV32T-151J-PF TDK-NLV32T-151J-PF Datasheet
217Kb / 14P
   Inductors for Standard Circuits
NLV32T-151J-PF TDK-NLV32T-151J-PF Datasheet
143Kb / 3P
   Inductors (Coils)
More results

Similar Description - NLV32T-151J-PFD

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLV25 TDK-NLV25 Datasheet
2Mb / 14P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-1R8J-PF TDK-NLV25T-1R8J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-010J-PF TDK-NLV25T-010J-PF_15 Datasheet
132Kb / 9P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-R10J-PF TDK-NLV25T-R10J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits Wound Ferrite
NL453232T-100J-PF TDK-NL453232T-100J-PF_15 Datasheet
124Kb / 9P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-047J-PF TDK-NLV25T-047J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits Wound Ferrite
NL453232 TDK-NL453232 Datasheet
1Mb / 13P
   Inductors for Standard Circuits Wound Ferrite
SLF6025T-100M1R0-PF TDK-SLF6025T-100M1R0-PF_16 Datasheet
137Kb / 9P
   Inductors for Power Circuits Wound Ferrite
CLF6045T-100M TDK-CLF6045T-100M Datasheet
127Kb / 9P
   Inductors for Power Circuits Wound Ferrite
SLF7055T-100M2R5-3PF TDK-SLF7055T-100M2R5-3PF_16 Datasheet
141Kb / 9P
   Inductors for Power Circuits Wound Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com