Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDBL104G Datasheet(PDF) 1 Page - Taiwan Memory Technology

Part # HDBL104G
Description  1A, 50V - 1000V Glass Passivated High Efficient Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

HDBL104G Datasheet(HTML) 1 Page - Taiwan Memory Technology

  HDBL104G Datasheet HTML 1Page - Taiwan Memory Technology HDBL104G Datasheet HTML 2Page - Taiwan Memory Technology HDBL104G Datasheet HTML 3Page - Taiwan Memory Technology HDBL104G Datasheet HTML 4Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HDBL101G - HDBL107G
CREAT BY ART
- Glass passivated junction
- Ideal for printed circuit board
- Reliable low cost construction utilizing molded plastic technique
- High surge current capability
- UL Recognized File # E-326854
- Halogen-free according to IEC 61249-2-21
Molding compound, UL flammability classification rating 94V-0
Part no. with suffix "H" means AEC-Q101 qualified
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
I
2t
A
2s
trr
ns
TJ
°C
TSTG
°C
Document Number: DS_D1311010
Version: F15
TJ=25°C
TJ=125°C
Rating for fusing (t<8.3ms)
10.3
Storage temperature range
- 55 to + 150
Note 1: Pulse Test with PW=300μs,1% Duty Cycle
Notes 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Typical thermal resistance
RθJL
RθJA
15
40
°C/W
Operating junction temperature range
- 55 to + 150
IR
5
500
μA
Maximum reverse recovery time (Note 2)
50
75
Maximum reverse current @ rated VR
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
50
A
Maximum instantaneous forward voltage (Note 1)
IF= 1 A
VF
1.0
1.3
1.7
V
HDBL
107G
UNIT
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
1
Weight:
0.36 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
SYMBOL
HDBL
101G
HDBL
102G
HDBL
103G
HDBL
104G
HDBL
105G
HDBL
106G
DBL
MECHANICAL DATA
Case:
Molded plastic body
Polarity:
Polarity as marked on the body
Taiwan Semiconductor
1A, 50V - 1000V Glass Passivated High Efficient Bridge Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC


Similar Part No. - HDBL104G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HDBL104G TSC-HDBL104G Datasheet
142Kb / 2P
   1.0AMP. Glass Passivated High Efficient Bridge Rectifiers
More results

Similar Description - HDBL104G

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
HDBLS101G TMT-HDBLS101G_16 Datasheet
406Kb / 4P
   1A, 50V - 1000V Glass Passivated High Efficient Bridge Rectifiers
logo
Taiwan Semiconductor Co...
HER101SG TSC-HER101SG_15 Datasheet
385Kb / 4P
   1A, 50V - 1000V Glass Passivated High Efficient Rectifiers
DBLS101G TSC-DBLS101G_16 Datasheet
208Kb / 4P
   1A, 50V - 1000V Glass Passivated Bridge Rectifiers
HT11G-K TSC-HT11G-K Datasheet
421Kb / 7P
   1A, 50V - 1000V Glass Passivated High Efficient Rectifier
HER101G-K TSC-HER101G-K Datasheet
412Kb / 7P
   1A, 50V - 1000V Glass Passivated High Efficient Rectifier
logo
Taiwan Memory Technolog...
1T1G TMT-1T1G_16 Datasheet
173Kb / 4P
   1A, 50V - 1000V Glass Passivated Rectifiers
1N4001G TMT-1N4001G_16 Datasheet
172Kb / 4P
   1A, 50V - 1000V Glass Passivated Rectifiers
logo
Taiwan Semiconductor Co...
HER151G TSC-HER151G_15 Datasheet
356Kb / 4P
   1.5A, 50V - 1000V Glass Passivated High Efficient Rectifiers
TS10B01G TSC-TS10B01G_16 Datasheet
194Kb / 4P
   10A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
Taiwan Memory Technolog...
TS6P01G TMT-TS6P01G_16 Datasheet
206Kb / 4P
   6A, 50V - 1000V Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com