Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTCG203NH153J Datasheet(PDF) 10 Page - TDK Electronics

Part # NTCG203NH153J
Description  NTC Thermistors SMD
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NTCG203NH153J Datasheet(HTML) 10 Page - TDK Electronics

Back Button NTCG203NH153J Datasheet HTML 6Page - TDK Electronics NTCG203NH153J Datasheet HTML 7Page - TDK Electronics NTCG203NH153J Datasheet HTML 8Page - TDK Electronics NTCG203NH153J Datasheet HTML 9Page - TDK Electronics NTCG203NH153J Datasheet HTML 10Page - TDK Electronics NTCG203NH153J Datasheet HTML 11Page - TDK Electronics NTCG203NH153J Datasheet HTML 12Page - TDK Electronics NTCG203NH153J Datasheet HTML 13Page - TDK Electronics NTCG203NH153J Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
(10/27)
20150928 / tpd_ntc-thermistor_ntcg_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
Temperature Protection Devices
NTCG series 
NTCG06 Type (Narrow tolerance type products)
ELECTRICAL CHARACTERISTICS (Narrow tolerance type products)
CHARACTERISTICS SPECIFICATION TABLE
The products support narrow tolerance. The " □ " of the Part Number contains the nominal resistance tolerance, F (±1%), G (±2%), or H (±3%).
RESISTANCE vs. TEMPERATURE CHARACTERISTICS TABLE (CONVERSION TABLE)
1 B25/50: 3380±1%
2 B25/50: 4050±3%
Resistance-temperature group
Part No.
Nominal resistance value
[25°C]
B constant
[25/85°C]
[25/50°C]
H
NTCG063JF103
10k
:±□%
3435K±1%
(3380K)
NTCG064EF104
100k
:±□%
(4308K)
4250K±1%
Temp.(°C)
Resistance-temperature group
H
J
K
RT/R25
B(25/T)
RT/R25
B(25/T)
RT/R25
B(25/T)
–40
18.850
3140
35.340
3813
42.510
4010
–35
14.429
3159
25.280
3822
30.049
4027
–30
11.133
3176
18.330
3834
21.489
4043
–25
8.656
3194
13.470
3848
15.538
4059
–20
6.779
3210
10.010
3864
11.353
4075
–15
5.346
3226
7.520
3882
8.378
4090
–10
4.245
3241
5.697
3900
6.241
4105
–5
3.393
3256
4.352
3919
4.691
4119
0
2.728
3270
3.349
3937
3.556
4133
5
2.207
3283
2.596
3956
2.718
4147
10
1.796
3296
2.026
3974
2.094
4160
15
1.470
3308
1.591
3989
1.625
4172
20
1.209
3320
1.258
4012
1.270
4185
25
1.000
3332
1.000
4024
1.000
4196
30
0.831
3343
0.800
4036
0.792
4208
35
0.694
3353
0.644
4049
0.632
4219
40
0.583
3363
0.521
4062
0.507
4230
45
0.491
3373
0.424
4074
0.409
4240
50
0.416
33821
(3346 to 3414)
0.347
40852
(3928 to 4171)
0.332
4250
55
0.354
3390
0.285
4096
0.271
4259
60
0.302
3399
0.235
4106
0.222
4269
65
0.259
3407
0.195
4115
0.183
4277
70
0.223
3414
0.163
4126
0.152
4286
75
0.192
3422
0.137
4134
0.126
4293
80
0.167
3428
0.115
4142
0.106
4301
85
0.145
3435
0.0971
4150
0.0889
4308
90
0.127
3441
0.0824
4158
0.0750
4315
95
0.111
3447
0.0702
4165
0.0636
4321
100
0.0975
3453
0.0601
4172
0.0541
4327
105
0.0860
3458
0.0515
4179
0.0462
4332
110
0.0760
3463
0.0444
4186
0.0397
4338
115
0.0674
3468
0.0384
4193
0.0342
4342
120
0.0599
3473
0.0333
4199
0.0295
4347
125
0.0534
3478
0.0289
4206
0.0256
4351


Similar Part No. - NTCG203NH153J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NTCG203NH153JT1 TDK-NTCG203NH153JT1 Datasheet
110Kb / 2P
   Chip NTC Thermistors (Sensor)
More results

Similar Description - NTCG203NH153J

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
TSM MERITEK-TSM Datasheet
156Kb / 3P
   NTC Thermistors SMD Thermistors
logo
AVX Corporation
NC12P00104JBB AVX-NC12P00104JBB Datasheet
200Kb / 5P
   NTC SMD Thermistors
NB20K00103MBA AVX-NB20K00103MBA Datasheet
200Kb / 5P
   NTC SMD Thermistors
NC20K00103KBA AVX-NC20K00103KBA_17 Datasheet
379Kb / 10P
   NTC SMD Thermistors
NC12 AVX-NC12 Datasheet
200Kb / 5P
   NTC SMD Thermistors
logo
TDK Electronics
B57321V2103J060 TDK-B57321V2103J060 Datasheet
451Kb / 21P
   SMD NTC thermistors,
B57251V5103J060 TDK-B57251V5103J060 Datasheet
485Kb / 21P
   SMD NTC thermistors
logo
AVX Corporation
NC20K00103MBA AVX-NC20K00103MBA Datasheet
379Kb / 10P
   NTC SMD Thermistors
NB21K00103MBB AVX-NB21K00103MBB Datasheet
235Kb / 5P
   NTC SMD Thermistors
logo
TDK Electronics
NTCG06 TDK-NTCG06 Datasheet
146Kb / 14P
   NTC Thermistors SMD NTCG series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com