Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GZF11C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GZF11C
Description  Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GZF11C Datasheet(HTML) 2 Page - Vishay Siliconix

  GZF11C Datasheet HTML 1Page - Vishay Siliconix GZF11C Datasheet HTML 2Page - Vishay Siliconix GZF11C Datasheet HTML 3Page - Vishay Siliconix GZF11C Datasheet HTML 4Page - Vishay Siliconix GZF11C Datasheet HTML 5Page - Vishay Siliconix GZF11C Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number 85769
Rev. 1.7, 28-Jan-04
VISHAY
GZF3V6C to GZF91C
Vishay Semiconductors
Electrical Characteristics
Maximum VF = 1.2 V at IF = 200 mA
1) Pulse test: tp ≤ 5 ms
Partnumber
Marking
Code
Zener Voltage
Range1)
Differential
Resistance
Temperature
Coefficient
Test
Current
Reverse Current at
Reverse Voltage
VZ @ IZT
rdif @ IZ
αZ @ IZ
IZT
IR
VR
V
%/°C
mA
µA
V
min
max
typ
max
min
max
max
GZF3V6C
W5
3.4
3.8
4
8
-0.14
-0.04
100
100
1
GZF3V9C
W6
3.7
4.1
4
8
-0.14
-0.04
100
50
1
GZF4V3C
W7
4
4.6
4
7
-0.12
-0.02
100
25
1
GZF4V7C
W8
4.4
5
3
7
-0.1
0
100
10
1
GZF5V1C
W9
4.8
5.4
3
6
-0.08
-0.2
100
5
1
GZF5V6C
WA
5.2
6
2
4
-0.04
0.04
100
10
2
GZF6V2C
WB
5.8
6.6
2
3
-0.01
0.06
100
5
2
GZF6V8C
WC
6.4
7.2
1
3
0
0.07
100
10
3
GZF7V5C
WD
7
7.9
1
2
0
0.07
100
50
3
GZF8V2C
WE
7.7
8.7
1
2
0.03
0.08
100
10
3
GZF9V1C
WF
8.5
9.6
2
4
0.03
0.08
50
10
5
GZF10C
WG
9.4
10.6
2
4
0.05
0.09
50
7
7.5
GZF11C
WH
10.4
11.6
4
7
0.05
0.1
50
4
8.2
GZF12C
WI
11.4
12.7
4
7
0.05
0.1
50
3
9.1
GZF13C
WK
12.4
14.1
5
10
0.05
0.1
50
2
10
GZF15C
WL
13.8
15.6
5
10
0.05
0.1
50
1
11
GZF16C
WM
15.3
17.1
6
15
0.06
0.11
25
1
12
GZF18C
WN
16.8
19.1
6
15
0.06
0.11
25
1
13
GZF20C
WO
18.8
21.2
6
15
0.06
0.11
25
1
15
GZF22C
WP
20.8
23.3
6
15
0.06
0.11
25
1
16
GZF24C
WR
22.8
25.6
7
15
0.06
0.11
25
1
18
GZF27C
WS
25.1
28.9
7
15
0.06
0.11
25
1
20
GZF30C
WT
28
32
8
15
0.06
0.11
25
1
22
GZF33C
WU
31
35
8
15
0.06
0.11
25
1
24
GZF36C
WW
34
38
21
40
0.06
0.11
10
1
27
GZF39C
WX
37
41
21
40
0.06
0.11
10
1
30
GZF43C
WY
40
46
24
45
0.07
0.12
10
1
33
GZF47C
WZ
44
50
24
45
0.07
0.12
10
1
36
GZF51C
X1
48
54
25
60
0.07
0.12
10
1
39
GZF56C
X2
52
60
25
60
0.07
0.12
10
1
43
GZF62C
X3
58
66
25
80
0.08
0.13
10
1
47
GZF68C
X4
64
72
25
80
0.08
0.13
10
1
51
GZF75C
X5
70
79
30
100
0.08
0.13
10
1
56
GZF82C
X6
77
87
30
100
0.08
0.13
10
1
62
GZF91C
X7
85
96
60
200
0.09
0.13
5
1
68


Similar Part No. - GZF11C

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
GZF11C BILIN-GZF11C Datasheet
134Kb / 3P
   ZENER DIODES
logo
Shenzhen Luguang Electr...
GZF11C LUGUANG-GZF11C Datasheet
187Kb / 3P
   Zener Diodes
logo
Galaxy Semi-Conductor H...
GZF11C BILIN-GZF11C Datasheet
247Kb / 5P
   ZENER DIODES
More results

Similar Description - GZF11C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com