Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH615A Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SFH615A
Description  Optocoupler, High Reliability, 5300 VRMS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH615A Datasheet(HTML) 5 Page - Vishay Siliconix

  SFH615A Datasheet HTML 1Page - Vishay Siliconix SFH615A Datasheet HTML 2Page - Vishay Siliconix SFH615A Datasheet HTML 3Page - Vishay Siliconix SFH615A Datasheet HTML 4Page - Vishay Siliconix SFH615A Datasheet HTML 5Page - Vishay Siliconix SFH615A Datasheet HTML 6Page - Vishay Siliconix SFH615A Datasheet HTML 7Page - Vishay Siliconix SFH615A Datasheet HTML 8Page - Vishay Siliconix SFH615A Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
VISHAY
SFH615A / SFH6156
Document Number 83671
Rev. 1.6, 20-Jul-04
Vishay Semiconductors
www.vishay.com
5
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Turn-off time
VCC = 5.0 V, TA = 25 °C, RL = 1 kΩ, IF = 20 mA
SFH615A-1
SFH6156-1
toff
18
µs
VCC = 5.0 V, TA = 25 °C, RL = 1 kΩ, IF = 10 mA
SFH615A-2
SFH6156-2
toff
23
µs
SFH615A-3
SFH6156-3
toff
23
µs
VCC = 5.0 V, TA = 25 °C, RL = 1 kΩ, IF = 5.0 mA
SFH615A-4
SFH6156-4
toff
25
µs
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Figure 2. Linear Operation ( without Saturation)
Figure 3. Switching Operation (with Saturation)
isfh615a_01
RL =75 Ω
VCC =5V
IC
47
IF
isfh615a_02
1
VCC =5V
47
IF
Figure 4. Current Transfer Ratio (typical) vs. Temperature
Figure 5. Output Characteristics (typ.) Collector Current vs.
Collector-Emitter Voltage
isfh615a_01
–25
0
25
50
°C
75
103
102
101
5
5
%
IC
IF
TA
4
3
2
1
IF =10mA, VCE = 5.0 V
isfh615a_04
30
20
10
0
0
5
10
V
15
IF=14 mA
2.0 mA
4.0 mA
6.0 mA
8.0 mA
10 mA
12 mA
1.0 mA
mA
IC
VCE


Similar Part No. - SFH615A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH615A VISHAY-SFH615A Datasheet
139Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.0, 06-Sep-06
SFH615A VISHAY-SFH615A Datasheet
194Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMSs
01-Jan-2022
SFH615A VISHAY-SFH615A Datasheet
194Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
logo
List of Unclassifed Man...
SFH615A-1 ETC-SFH615A-1 Datasheet
50Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Infineon Technologies A...
SFH615A-1 INFINEON-SFH615A-1 Datasheet
84Kb / 1P
   Optocouplers
May 31, 2000-10
More results

Similar Description - SFH615A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH615AA VISHAY-SFH615AA Datasheet
194Kb / 7P
   Optocoupler, High Reliability, 5300 VRMS
Rev. 1.4, 19-Apr-04
SFH617A VISHAY-SFH617A Datasheet
498Kb / 8P
   Optocoupler, High Reliability, 5300 VRMS
Rev. 1.4, 26-Oct-04
VO617A-2X017T VISHAY-VO617A-2X017T Datasheet
189Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.3, 28-Oct-14
SFH6106-2T VISHAY-SFH6106-2T Datasheet
159Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.2, 23-May-13
SFH6156 VISHAY-SFH6156 Datasheet
148Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.7, 19-Oct-15
SFH610A VISHAY-SFH610A Datasheet
659Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-Mar-06
SFH615A-3X018T VISHAY-SFH615A-3X018T_V02 Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6156 VISHAY-SFH6156_V01 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
SFH615AA VISHAY-SFH615AA_08 Datasheet
116Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.6, 10-Jan-08
SFH6156-3T VISHAY-SFH6156-3T Datasheet
135Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.4, 14-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com