Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH615A-4X007 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SFH615A-4X007
Description  Optocoupler, High Reliability, 5300 VRMS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH615A-4X007 Datasheet(HTML) 6 Page - Vishay Siliconix

  SFH615A-4X007 Datasheet HTML 1Page - Vishay Siliconix SFH615A-4X007 Datasheet HTML 2Page - Vishay Siliconix SFH615A-4X007 Datasheet HTML 3Page - Vishay Siliconix SFH615A-4X007 Datasheet HTML 4Page - Vishay Siliconix SFH615A-4X007 Datasheet HTML 5Page - Vishay Siliconix SFH615A-4X007 Datasheet HTML 6Page - Vishay Siliconix SFH615A-4X007 Datasheet HTML 7Page - Vishay Siliconix SFH615A-4X007 Datasheet HTML 8Page - Vishay Siliconix SFH615A-4X007 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
6
Document Number 83671
Rev. 1.6, 20-Jul-04
VISHAY
SFH615A / SFH6156
Vishay Semiconductors
Figure 6. Diode Forward Voltage (typ.) vs. Forward Current
Figure 7. Transistor Capacitance (typ.) vs. Collector-Emitter
Voltage
Figure 8. Permissible Pulse Handling Capability Forward Current
vs. Pulse Width
isfh615a_05
VF
IF
25°
50°
75°
1.2
1.1
1.0
0.9
10 –1
10 0
101
mA
102
V
isfh615a_06
20
15
10
5
0
pF
C
Ve
10 –2
10 –1
10–0
101
V102
C CE
f = 1.0 MHz
isfh615a_07
IF
tp
10–5
10–4
10–3
10–2
10–1
100 s101
104
103
102
101
5
5
5
mA
D=
tp
T
tp
IF
T
D=0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
DC
Pulse cycle D = parameter


Similar Part No. - SFH615A-4X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH615A-4X007 VISHAY-SFH615A-4X007 Datasheet
139Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.0, 06-Sep-06
More results

Similar Description - SFH615A-4X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH615AA VISHAY-SFH615AA Datasheet
194Kb / 7P
   Optocoupler, High Reliability, 5300 VRMS
Rev. 1.4, 19-Apr-04
SFH617A VISHAY-SFH617A Datasheet
498Kb / 8P
   Optocoupler, High Reliability, 5300 VRMS
Rev. 1.4, 26-Oct-04
VO617A-2X017T VISHAY-VO617A-2X017T Datasheet
189Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.3, 28-Oct-14
SFH6106-2T VISHAY-SFH6106-2T Datasheet
159Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.2, 23-May-13
SFH6156 VISHAY-SFH6156 Datasheet
148Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.7, 19-Oct-15
SFH610A VISHAY-SFH610A Datasheet
659Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-Mar-06
SFH615A-3X018T VISHAY-SFH615A-3X018T_V02 Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6156 VISHAY-SFH6156_V01 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
SFH615AA VISHAY-SFH615AA_08 Datasheet
116Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.6, 10-Jan-08
SFH6156-3T VISHAY-SFH6156-3T Datasheet
135Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.4, 14-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com