Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH615A-4X007 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SFH615A-4X007
Description  Optocoupler, High Reliability, 5300 VRMS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH615A-4X007 Datasheet(HTML) 4 Page - Vishay Siliconix

  SFH615A-4X007 Datasheet HTML 1Page - Vishay Siliconix SFH615A-4X007 Datasheet HTML 2Page - Vishay Siliconix SFH615A-4X007 Datasheet HTML 3Page - Vishay Siliconix SFH615A-4X007 Datasheet HTML 4Page - Vishay Siliconix SFH615A-4X007 Datasheet HTML 5Page - Vishay Siliconix SFH615A-4X007 Datasheet HTML 6Page - Vishay Siliconix SFH615A-4X007 Datasheet HTML 7Page - Vishay Siliconix SFH615A-4X007 Datasheet HTML 8Page - Vishay Siliconix SFH615A-4X007 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number 83671
Rev. 1.6, 20-Jul-04
VISHAY
SFH615A / SFH6156
Vishay Semiconductors
Current Transfer Ratio
Switching Characteristics
Switching Non-saturated
Switching Saturated
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
IC/IF
IF = 10 mA, VCE = 5.0 V
SFH615A-1
SFH6156-1
CTR
40
80
%
SFH615A-2
SFH6156-2
CTR
63
125
%
SFH615A-3
SFH6156-3
CTR
100
200
%
SFH615A-4
SFH6156-4
CTR
160
320
%
IF = 1.0 mA, VCE = 5.0 V
SFH615A-1
SFH6156-1
CTR
13
30
%
SFH615A-2
SFH6156-2
CTR
22
45
%
SFH615A-3
SFH6156-3
CTR
34
70
%
SFH615A-4
SFH6156-4
CTR
56
90
%
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Rise Time
IF = 10 mA, VCC = 5.0 V, TA = 25 °C, RL = 75 Ω
tr
2.0
µs
Fall Time
IF = 10 mA, VCC = 5.0 V, TA = 25 °C, RL = 75 Ω
tf
2.0
µs
Turn-on time
IF = 10 mA, VCC = 5.0 V, TA = 25 °C, RL = 75 Ω
ton
3.0
µs
Turn-off time
IF = 10 mA, VCC = 5.0 V, TA = 25 °C, RL = 75 Ω
toff
2.3
µs
Cut-off
frequency
IF = 10 mA, VCC = 5.0 V, TA = 25 °C, RL = 75 Ω
fctr
250
kHz
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Rise time
VCC = 5.0 V, TA = 25 °C, RL = 1 kΩ, IF = 20 mA
SFH615A-1
SFH6156-1
tr
2.0
µs
VCC = 5.0 V, TA = 25 °C, RL = 1 kΩ, IF = 10 mA
SFH615A-2
SFH6156-2
tr
3.0
µs
SFH615A-3
SFH6156-3
tr
3.0
µs
VCC = 5.0 V, TA = 25 °C, RL = 1 kΩ, IF = 5.0 mA
SFH615A-4
SFH6156-4
tr
4.6
µs
Fall time
VCC = 5.0 V, TA = 25 °C, RL = 1 kΩ, IF = 20 mA
SFH615A-1
SFH6156-1
tf
11
µs
VCC = 5.0 V, TA = 25 °C, RL = 1 kΩ, IF = 10 mA
SFH615A-2
SFH6156-2
tf
14
µs
SFH615A-3
SFH6156-3
tf
14
µs
VCC = 5.0 V, TA = 25 °C, RL = 1 kΩ, IF = 5.0 mA
SFH615A-4
SFH6156-4
tf
15
µs
Turn-on time
VCC = 5.0 V, TA = 25 °C, RL = 1 kΩ, IF = 20 mA
SFH615A-1
SFH6156-1
ton
3.0
µs
VCC = 5.0 V, TA = 25 °C, RL = 1 kΩ, IF = 10 mA
SFH615A-2
SFH6156-2
ton
4.2
µs
SFH615A-3
SFH6156-3
ton
4.2
µs
VCC = 5.0 V, TA = 25 °C, RL = 1 kΩ, IF = 5.0 mA
SFH615A-4
SFH6156-4
ton
6.0
µs


Similar Part No. - SFH615A-4X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH615A-4X007 VISHAY-SFH615A-4X007 Datasheet
139Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.0, 06-Sep-06
More results

Similar Description - SFH615A-4X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH615AA VISHAY-SFH615AA Datasheet
194Kb / 7P
   Optocoupler, High Reliability, 5300 VRMS
Rev. 1.4, 19-Apr-04
SFH617A VISHAY-SFH617A Datasheet
498Kb / 8P
   Optocoupler, High Reliability, 5300 VRMS
Rev. 1.4, 26-Oct-04
VO617A-2X017T VISHAY-VO617A-2X017T Datasheet
189Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.3, 28-Oct-14
SFH6106-2T VISHAY-SFH6106-2T Datasheet
159Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.2, 23-May-13
SFH6156 VISHAY-SFH6156 Datasheet
148Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.7, 19-Oct-15
SFH610A VISHAY-SFH610A Datasheet
659Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-Mar-06
SFH615A-3X018T VISHAY-SFH615A-3X018T_V02 Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6156 VISHAY-SFH6156_V01 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
SFH615AA VISHAY-SFH615AA_08 Datasheet
116Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.6, 10-Jan-08
SFH6156-3T VISHAY-SFH6156-3T Datasheet
135Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.4, 14-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com