Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

115-99-316-41-003 Datasheet(PDF) 1 Page - Precid-Dip Durtal SA

Part # 115-99-316-41-003
Description  Dual-in-line sockets very low profile / ultra low profile / open frame Solder tail
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREDIP [Precid-Dip Durtal SA]
Direct Link  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

115-99-316-41-003 Datasheet(HTML) 1 Page - Precid-Dip Durtal SA

  115-99-316-41-003 Datasheet HTML 1Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
57
Series 115
Dual-in-line sockets very low profile /
ultra low profile / open frame
Solder tail
Preci-Dip “Very low / Ultra
low profile” sockets have
specially designed con-
tacts for reduced socket
height above PCB
Insertion characteristics:
4-finger standard
(very low)
4-finger short (ultra low)
Platings
Sleeve
Clip
Pin
91
5
µm Sn Pb
0.25
µm Au
93
5
µm Sn Pb
0.75
µm Au
97
5
µm Sn Pb
Goldflash
99
5
µm Sn Pb
5
µm Sn Pb
Ordering information
For standard version (ultra low) (Fig. 1) see table
Option:
Very low version (Fig. 2) is optional; change suffix 003 to 001.
Insulator body dimensions see page 50 Fig. 1 to 28. Same num-
ber of poles as standard series 110.
6
115-91-306-41-003
115-93-306-41-003
115-97-306-41-003
115-99-306-41-003
Fig. 50
7.6
7.62 10.1
8
115-91-308-41-003
115-93-308-41-003
115-97-308-41-003
115-99-308-41-003
Fig. 51
10.1
7.62 10.1
10
115-91-310-41-003
115-93-310-41-003
115-97-310-41-003
115-99-310-41-003
aFig. 51a
12.6
7.62 10.1
14
115-91-314-41-003
115-93-314-41-003
115-97-314-41-003
115-99-314-41-003
Fig. 52
17.7
7.62 10.1
16
115-91-316-41-003
115-93-316-41-003
115-97-316-41-003
115-99-316-41-003
Fig. 53
20.3
7.62 10.1
18
115-91-318-41-003
115-93-318-41-003
115-97-318-41-003
115-99-318-41-003
Fig. 54
22.8
7.62 10.1
20
115-91-320-41-003
115-93-320-41-003
115-97-320-41-003
115-99-320-41-003
Fig. 55
25.3
7.62 10.1
22
115-91-322-41-003
115-93-322-41-003
115-97-322-41-003
115-99-322-41-003
Fig. 56
27.8
7.62 10.1
24
115-91-324-41-003
115-93-324-41-003
115-97-324-41-003
115-99-324-41-003
Fig. 57
30.4
7.62 10.1
28
115-91-328-41-003
115-93-328-41-003
115-97-328-41-003
115-99-328-41-003
Fig. 58
35.5
7.62 10.1
20
115-91-420-41-003
115-93-420-41-003
115-97-420-41-003
115-99-420-41-003
Fig. 59
22
115-91-422-41-003
115-93-422-41-003
115-97-422-41-003
115-99-422-41-003
Fig. 60
27.8 10.16 12.6
24
115-91-424-41-003
115-93-424-41-003
115-97-424-41-003
115-99-424-41-003
Fig. 61
30.4 10.16 12.6
28
115-91-428-41-003
115-93-428-41-003
115-97-428-41-003
115-99-428-41-003
Fig. 62
35.5 10.16 12.6
24
115-91-624-41-003
115-93-624-41-003
115-97-624-41-003
115-99-624-41-003
Fig. 63
30.4 15.24 17.7
28
115-91-628-41-003
115-93-628-41-003
115-97-628-41-003
115-99-628-41-003
Fig. 64
35.5 15.24 17.7
32
115-91-632-41-003
115-93-632-41-003
115-97-632-41-003
115-99-632-41-003
Fig. 65
40.6 15.24 17.7
36
115-91-636-41-003
115-93-636-41-003
115-97-636-41-003
115-99-636-41-003
Fig. 66
45.7 15.24 17.7
40
115-91-640-41-003
115-93-640-41-003
115-97-640-41-003
115-99-640-41-003
Fig. 67
50.6 15.24 17.7
48
115-91-648-41-003
115-93-648-41-003
115-97-648-41-003
115-99-648-41-003
Fig. 68
60.9 15.24 17.7
50
115-91-650-41-003
115-93-650-41-003
115-97-650-41-003
115-99-650-41-003
Fig. 69
63.5 15.24 17.7
No.
Insulator
of
Order Codes
dimen-
poles
sions
Plating 91
Plating 93
Plating 97
Plating 99
See
ABC
page 51
B
B
Fig. 1
Fig. 2
Products not available from stock. Please consult PRECI-DIP.
B


Similar Part No. - 115-99-316-41-003

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
115-000-01-50 MARL-115-000-01-50 Datasheet
276Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
logo
List of Unclassifed Man...
115-0014 ETC2-115-0014 Datasheet
2Mb / 54P
   standard straight tips
115-0015 ETC2-115-0015 Datasheet
2Mb / 54P
   standard straight tips
logo
JFW Industries, Inc.
115-002 JFW-115-002 Datasheet
25Kb / 1P
   ADAPTER
115-002 JFW-115-002_18 Datasheet
159Kb / 1P
   50 Ohms nominal
More results

Similar Description - 115-99-316-41-003

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
110-93-628-41-001 PREDIP-110-93-628-41-001 Datasheet
40Kb / 1P
   Dual-in-line sockets Open frame Solder tail
logo
Mill-Max Mfg. Corp.
110-13-308-41-001000 MILL-MAX-110-13-308-41-001000 Datasheet
137Kb / 1P
   DUAL-IN-LINE SOCKETS Standard Solder Tail Open Frame
logo
Precid-Dip Durtal SA
116-93-210-41-006 PREDIP-116-93-210-41-006 Datasheet
42Kb / 1P
   Dual-in-line sockets interconnect Open frame Solder tail
110-91-210-41-005 PREDIP-110-91-210-41-005 Datasheet
39Kb / 1P
   Dual-in-line sockets automatic insertion Open frame Solder tail
110-93-308-41-801 PREDIP-110-93-308-41-801 Datasheet
44Kb / 1P
   Dual-in-line sockets with capacitor Open frame Solder tail
110-91-306-41-605 PREDIP-110-91-306-41-605 Datasheet
37Kb / 1P
   Dual-in-line sockets automatic insertion Open frame Solder tail
111-91-210-41-001 PREDIP-111-91-210-41-001 Datasheet
40Kb / 1P
   Dual-in-line sockets for multilayer PCB Open frame Solder tail
210-91-306-41-001 PREDIP-210-91-306-41-001 Datasheet
37Kb / 1P
   Dual-in-line sockets Closed frame Solder tail
614-91-210-41-001 PREDIP-614-91-210-41-001 Datasheet
41Kb / 1P
   Dual-in-line pin carrier assemblies Low profile / low profile ultra thin Solder tail
299-93-306-10-001 PREDIP-299-93-306-10-001 Datasheet
41Kb / 1P
   Dual-in-line sockets / right angle version Closed frame Solder tail
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com