Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM3020T-1R0M-LR Datasheet(PDF) 6 Page - TDK Electronics

Part # SPM3020T-1R0M-LR
Description  Inductors for Power Circuits Wound Metal
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SPM3020T-1R0M-LR Datasheet(HTML) 6 Page - TDK Electronics

  SPM3020T-1R0M-LR Datasheet HTML 1Page - TDK Electronics SPM3020T-1R0M-LR Datasheet HTML 2Page - TDK Electronics SPM3020T-1R0M-LR Datasheet HTML 3Page - TDK Electronics SPM3020T-1R0M-LR Datasheet HTML 4Page - TDK Electronics SPM3020T-1R0M-LR Datasheet HTML 5Page - TDK Electronics SPM3020T-1R0M-LR Datasheet HTML 6Page - TDK Electronics SPM3020T-1R0M-LR Datasheet HTML 7Page - TDK Electronics SPM3020T-1R0M-LR Datasheet HTML 8Page - TDK Electronics SPM3020T-1R0M-LR Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
(6/9)
INDUC
T
O
RS
20160411 / inductor_commercial_power_spm3020-lr_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
SPM3020-LR Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Rated current: smaller value of either Isat or Itemp.
Isat: When based on the inductance change rate (30% below the initial value)
Itemp: When based on the temperature increase (Temperature increase of 40°C by self heating)
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
L measuring
frequency
DC resistance
Rated current
Part No.
Isat
Itemp
(μH)
Tolerance
(kHz)
(m
: )max.
(m
: )typ.
(A)typ.
(A)typ.
0.47
±20
100
22.7
20.6
9.0
4.8
SPM3020T-R47M-LR
1.00
±20
100
36.9
33.5
6.3
3.8
SPM3020T-1R0M-LR
1.50
±20
100
55.0
50.0
4.4
3.4
SPM3020T-1R5M-LR
2.20
±20
100
84.2
76.5
3.9
2.8
SPM3020T-2R2M-LR
3.3
±20
100
121.0
110.0
3.5
2.2
SPM3020T-3R3M-LR
4.7
±20
100
174.5
151.7
2.9
1.9
SPM3020T-4R7M-LR
Measurement item
Product No.
Manufacturer
L
4284A
Keysight Technologies
DC resistance
AX-111A
ADEX
Rated current Isat
4284A+42841A+42842C
Keysight Technologies


Similar Part No. - SPM3020T-1R0M-LR

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SPM3020T-1R0M-LR TDK-SPM3020T-1R0M-LR Datasheet
118Kb / 9P
   Inductors for Power Circuits
More results

Similar Description - SPM3020T-1R0M-LR

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SPM4020T-100M-LR TDK-SPM4020T-100M-LR Datasheet
142Kb / 9P
   Inductors for Power Circuits Wound Metal
SPM7054VT-D TDK-SPM7054VT-D Datasheet
242Kb / 4P
   Inductors for power circuits Wound metal
20200702
SPM5030T-1R0M TDK-SPM5030T-1R0M_16 Datasheet
117Kb / 9P
   Inductors for Power Circuits Wound Metal
SPM3015T-1R0M-LR TDK-SPM3015T-1R0M-LR Datasheet
116Kb / 9P
   Inductors for Power Circuits Wound Metal
SPM4012T-1R0M-LR TDK-SPM4012T-1R0M-LR Datasheet
116Kb / 9P
   Inductors for Power Circuits Wound Metal
SPM4015T-100M-LR TDK-SPM4015T-100M-LR Datasheet
147Kb / 9P
   Inductors for Power Circuits Wound Metal
SPM5015T-100M-LR TDK-SPM5015T-100M-LR Datasheet
128Kb / 9P
   Inductors for Power Circuits Wound Metal
SPM5020T-100M-LR TDK-SPM5020T-100M-LR Datasheet
127Kb / 9P
   Inductors for Power Circuits Wound Metal
SPM6530T-1R0M120 TDK-SPM6530T-1R0M120_16 Datasheet
122Kb / 9P
   Inductors for Power Circuits Wound Metal
SPM12565CT TDK-SPM12565CT Datasheet
573Kb / 5P
   Inductors for power circuits Wound metal SPM series
20220628
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com