Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

890-39-024-20-902 Datasheet(PDF) 1 Page - Precid-Dip Durtal SA

Part # 890-39-024-20-902
Description  PCB connectors 2.54 mm Single row / double row Solder tail
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREDIP [Precid-Dip Durtal SA]
Direct Link  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

890-39-024-20-902 Datasheet(HTML) 1 Page - Precid-Dip Durtal SA

  890-39-024-20-902 Datasheet HTML 1Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
35
Series 890 / 892
PCB connectors 2.54 mm
Single row / double row
Solder tail
Series 890/892 square pin
headers are cost efficient
thanks to selective gold
plating on pins made of
copper alloy
They come with various
pin lengths to suit many
different applications
When used with series
999 female jumpers,
these connectors may
serve as a practical, sim-
ple means for coding pur-
poses
For corresponding recept-
acles see pages 22 to 29
Platings
Sleeve
Clip
Pin
19
0.25
µm Au/Sn Pb*
39
0.75
µm Au/Sn Pb*
90
Sn Pb
* selective
Ordering information
Replace xxx with required number of poles, e.g.
892-39-xxx-20-902 for a double row version with 12 pins per
row becomes: 892-39-024-20-902
Availability:
single row: 1 to 36 contacts, standard 36 contacts
double row: 4 to 72 contacts, standard 72 contacts
Order Codes
Dimensions
Plating 19
Plating 39
Plating 90
Solder side
Connector side
Min. length of
B ± 0.2
A ± 0.2
gold plating G
Single row
890-19-xxx-20-902
890-39-xxx-20-902
890-90-xxx-20-902
2.5
5.7
4.5
890-19-xxx-20-000
890-39-xxx-20-000
890-90-xxx-20-000
2.9
7.0
5.8
890-19-xxx-20-901
890-39-xxx-20-901
890-90-xxx-20-901
3.2
6.7
5.5
890-19-xxx-20-903
890-39-xxx-20-903
890-90-xxx-20-903
3.4
5.8
4.6
890-19-xxx-20-904
890-39-xxx-20-904
890-90-xxx-20-904
5.1
5.7
4.5
Double row
892-19-xxx-20-902
892-39-xxx-20-902
892-90-xxx-20-902
2.5
5.7
4.5
892-19-xxx-20-000
892-39-xxx-20-000
892-90-xxx-20-000
2.9
7.0
5.8
892-19-xxx-20-901
892-39-xxx-20-901
892-90-xxx-20-901
3.2
6.7
5.5
892-19-xxx-20-903
892-39-xxx-20-903
892-90-xxx-20-903
3.4
5.8
4.6
For other pin and solder tail lenghts, triple row headers, double body board spacer
(Sandwich) headers and SMT or press-fit terminations please consult.
Products not available from stock. Please consult PRECI-DIP.
B
B


Similar Part No. - 890-39-024-20-902

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
890-39-024-10-000 PREDIP-890-39-024-10-000 Datasheet
57Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
890-39-024-10-800 PREDIP-890-39-024-10-800 Datasheet
57Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
890-39-024-10-802 PREDIP-890-39-024-10-802 Datasheet
57Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
890-39-024-10-803 PREDIP-890-39-024-10-803 Datasheet
57Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
890-39-024-10-804 PREDIP-890-39-024-10-804 Datasheet
57Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
More results

Similar Description - 890-39-024-20-902

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
451-10-216-00-001 PREDIP-451-10-216-00-001 Datasheet
59Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
802-10-016-20-001 PREDIP-802-10-016-20-001 Datasheet
45Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
499-93-216-10-009 PREDIP-499-93-216-10-009 Datasheet
39Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
802-10-016-10-001 PREDIP-802-10-016-10-001 Datasheet
45Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
410-91-216-41-001 PREDIP-410-91-216-41-001 Datasheet
55Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
411-91-216-41-001 PREDIP-411-91-216-41-001 Datasheet
32Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
892-39-024-10-802 PREDIP-892-39-024-10-802 Datasheet
57Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
450-10-216-00-001 PREDIP-450-10-216-00-001 Datasheet
55Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
499-93-216-10-003 PREDIP-499-93-216-10-003 Datasheet
41Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
803-91-016-10-003 PREDIP-803-91-016-10-003 Datasheet
61Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com