Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE521D Datasheet(PDF) 5 Page - NXP Semiconductors

Part # NE521D
Description  High-speed dual-differential comparator/sense amp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE521D Datasheet(HTML) 5 Page - NXP Semiconductors

  NE521D Datasheet HTML 1Page - NXP Semiconductors NE521D Datasheet HTML 2Page - NXP Semiconductors NE521D Datasheet HTML 3Page - NXP Semiconductors NE521D Datasheet HTML 4Page - NXP Semiconductors NE521D Datasheet HTML 5Page - NXP Semiconductors NE521D Datasheet HTML 6Page - NXP Semiconductors NE521D Datasheet HTML 7Page - NXP Semiconductors NE521D Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Philips Semiconductors
Product data
NE521
High-speed dual-differential comparator/sense amp
2001 Aug 03
5
TYPICAL PERFORMANCE CHARACTERISTICS
20mV
5mV
10mV
Response Time for Various
Input Overdrives
Response Time for Various
Input Overdrives
Response Time vs Temperature
Propagation Delay for
Various Input Voltages
Propagation Delay for
Various Input Voltages
Output Voltage vs
Ambient Temperature
Input Bias Current vs
Ambient Temperature
Input Offset Current vs
Ambient Temperature
4
3
2
1
0
100
50
0
0
5
10
15
20
25
30
VS = +5V
Tamb = 25
oC
100mV
TIME — nS
Tamb = 25
oC
VS = +5V
5mV
10mV
100mV
50mV
0
5
10
15
20
25
30
TIME — nS
4
3
2
1
0
100
50
0
12
10
8
6
4
2
60
20
–20
+60
+100
+140
TPD (LH)
TPD (HL)
AMBIENT TEMPERATURE (oC)
INPUT VOLTAGE (mVp–p)
VS = +5V
10MHz SQUARE
WAVE INPUT
Tamb = 25
oC
TPD (LH)
TPD (HL)
10
20
30
40
50
60
70
12
10
8
6
20
18
16
14
12
10
8
6
4
2
100
1000
INPUT VOLTAGE (m Vp–p)
VS = +5V
10MHz SQUARE
WAVE INPUT
Tamb = 25
oC
TPD (LH)
TPD (HL)
4.0
3.0
2.0
1.0
–75
–25
+25
+75
+125
VOL
VOH
AMBIENT TEMPERATURE (
o
C)
–75
–25
+25
+75
+125
AMBIENT TEMPERATURE (oC)
12
11
10
9
8
7
6
1.1
1.0
0.9
0.8
0.7
0.6
0.5
–75
–25
+25
+75
+125
AMBIENT TEMPERATURES (oC)
SL00245
Figure 4. Typical Performance Characteristics


Similar Part No. - NE521D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NE521D ONSEMI-NE521D Datasheet
123Kb / 7P
   High?뭆peed Dual?묭ifferential Comparator/Sense Amp
October, 2006 ??Rev. 4
NE521DG ONSEMI-NE521DG Datasheet
123Kb / 7P
   High?뭆peed Dual?묭ifferential Comparator/Sense Amp
October, 2006 ??Rev. 4
NE521DR2 ONSEMI-NE521DR2 Datasheet
123Kb / 7P
   High?뭆peed Dual?묭ifferential Comparator/Sense Amp
October, 2006 ??Rev. 4
NE521DR2G ONSEMI-NE521DR2G Datasheet
123Kb / 7P
   High?뭆peed Dual?묭ifferential Comparator/Sense Amp
October, 2006 ??Rev. 4
More results

Similar Description - NE521D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NE522 ONSEMI-NE522 Datasheet
69Kb / 8P
   High-Speed Dual-Differential Comparator/Sense Amp
June, 2004 ??Rev. 0
logo
NXP Semiconductors
NE522 PHILIPS-NE522 Datasheet
88Kb / 5P
   High-speed dual-differential comparator/sense amp
August 31, 1994
logo
National Semiconductor ...
MNLM711AM-X NSC-MNLM711AM-X Datasheet
251Kb / 8P
   DUAL HIGH SPEED DIFFERENTIAL COMPARATOR
logo
ON Semiconductor
NE521 ONSEMI-NE521 Datasheet
123Kb / 7P
   High?뭆peed Dual?묭ifferential Comparator/Sense Amp
October, 2006 ??Rev. 4
logo
National Semiconductor ...
LM760 NSC-LM760 Datasheet
197Kb / 10P
   High Speed Differential Comparator
logo
Fairchild Semiconductor
UA760 FAIRCHILD-UA760 Datasheet
368Kb / 7P
   HIGH SPEED DIFFERENTIAL COMPARATOR
logo
National Semiconductor ...
LM160 NSC-LM160 Datasheet
230Kb / 7P
   High Speed Differential Comparator
logo
Texas Instruments
TL714C TI-TL714C_06 Datasheet
169Kb / 7P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL COMPARATOR
logo
Austin Semiconductor
AS161 AUSTIN-AS161 Datasheet
757Kb / 8P
   High Speed Differential Comparator
logo
Texas Instruments
TL714C TI-TL714C Datasheet
62Kb / 4P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com