Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4502ID Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # THS4502ID
Description  WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4502ID Datasheet(HTML) 5 Page - Texas Instruments

  THS4502ID Datasheet HTML 1Page - Texas Instruments THS4502ID Datasheet HTML 2Page - Texas Instruments THS4502ID Datasheet HTML 3Page - Texas Instruments THS4502ID Datasheet HTML 4Page - Texas Instruments THS4502ID Datasheet HTML 5Page - Texas Instruments THS4502ID Datasheet HTML 6Page - Texas Instruments THS4502ID Datasheet HTML 7Page - Texas Instruments THS4502ID Datasheet HTML 8Page - Texas Instruments THS4502ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
THS4502
THS4503
SLOS352D − APRIL 2002 − REVISED JANUARY 2004
www.ti.com
5
ELECTRICAL CHARACTERISTICS VS = 5 V
Rf = Rg = 499 Ω, RL = 800 Ω, G = +1, Single-ended input unless otherwise noted.
THS4502 AND THS4503
TYP
OVER TEMPERATURE
MIN/
PARAMETER
TEST CONDITIONS
25
°C
25
°C
0
°C to
70
°C
−40
°C to
85
°C
UNITS
MIN/
TYP/
MAX
AC PERFORMANCE
G = +1, PIN = −20 dBm, Rf = 392 Ω
320
MHz
Typ
G = +2, PIN = −30 dBm, Rf = 1 kΩ
160
MHz
Typ
Small-signal bandwidth
G = +5, PIN = −30 dBm, Rf = 1.3 kΩ
60
MHz
Typ
G = +10, PIN = −30 dBm, Rf = 1.3 kΩ
30
MHz
Typ
Gain-bandwidth product
G > +10
300
MHz
Typ
Bandwidth for 0.1 dB flatness
PIN = −20 dBm
180
MHz
Typ
Large-signal bandwidth
VP = 1 V
200
MHz
Typ
Slew rate
2 VPP Step
1300
V/
µs
Typ
Rise time
2 VPP Step
0.6
ns
Typ
Fall time
2 VPP Step
0.8
ns
Typ
Settling time to 0.01%
VO = 2 V Step
13.1
ns
Typ
0.1%
VO = 2 V Step
8.3
ns
Typ
Harmonic distortion
VO = 2 VPP
Typ
f = 8 MHz,
−81
dBc
Typ
2nd harmonic
f = 30 MHz
−60
dBc
Typ
f = 8 MHz
−74
dBc
Typ
3rd harmonic
f = 30 MHz
−62
dBc
Typ
Input voltage noise
f > 1 MHz
6.8
nV/
√Hz
Typ
Input current noise
f > 100 kHz
1.6
pA/
√Hz
Typ
Overdrive recovery time
Overdrive = 5.5 V
75
ns
Typ
DC PERFORMANCE
Open-loop voltage gain
54
51
49
49
dB
Min
Input offset voltage
−0.6
−3.6/+2.4
−4.6/+3.4
−5.6/+4.4
mV
Max
Average offset voltage drift
±10
±10
µV/°C
Typ
Input bias current
4
4.6
5
5.2
µA
Max
Average bias current drift
±10
±10
nA/
°C
Typ
Input offset current
0.5
0.7
1.2
1.2
µA
Max
Average offset current drift
±20
±20
nA/
°C
Typ
INPUT
Common-mode input range
1 / 4
1.3 / 3.7
1.6 / 3.4
1.6 / 3.4
V
Min
Common-mode rejection ratio
80
74
70
70
dB
Min
Input Impedance
107 || 1
Ω || pF
Typ
OUTPUT
Differential output voltage swing
RL = 1 kΩ, Referenced to 2.5 V
±3.3
±2.8
±2.6
±2.6
V
Min
Output current drive
RL = 20 Ω
100
90
80
80
mA
Min
Output balance error
PIN = −20 dBm, f = 100 kHz
−58
dB
Typ
Closed-loop output impedance
(single-ended)
f = 1 MHz
0.1
Typ


Similar Part No. - THS4502ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4502ID TI1-THS4502ID Datasheet
1Mb / 48P
[Old version datasheet]   Wideband, Low-Distortion Fully Differential Amplifiers
THS4502IDG4 TI1-THS4502IDG4 Datasheet
1Mb / 48P
[Old version datasheet]   Wideband, Low-Distortion Fully Differential Amplifiers
THS4502IDGK TI1-THS4502IDGK Datasheet
1Mb / 48P
[Old version datasheet]   Wideband, Low-Distortion Fully Differential Amplifiers
THS4502IDGN TI1-THS4502IDGN Datasheet
1Mb / 48P
[Old version datasheet]   Wideband, Low-Distortion Fully Differential Amplifiers
logo
National Semiconductor ...
THS4502IDGNR NSC-THS4502IDGNR Datasheet
1Mb / 49P
   Wideband, Low-Distortion Fully Differential Amplifiers
More results

Similar Description - THS4502ID

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4504 NSC-THS4504 Datasheet
1Mb / 45P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4503-EP NSC-THS4503-EP Datasheet
1Mb / 40P
   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
logo
Texas Instruments
THS4503-EP TI1-THS4503-EP_17 Datasheet
1Mb / 40P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4502 TI1-THS4502_16 Datasheet
1Mb / 48P
[Old version datasheet]   Wideband, Low-Distortion Fully Differential Amplifiers
THS4503-EP TI1-THS4503-EP Datasheet
768Kb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
logo
National Semiconductor ...
THS4502 NSC-THS4502 Datasheet
1Mb / 49P
   Wideband, Low-Distortion Fully Differential Amplifiers
logo
Texas Instruments
THS4505 TI-THS4505 Datasheet
1Mb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
logo
National Semiconductor ...
THS4501 NSC-THS4501 Datasheet
1Mb / 48P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
logo
Texas Instruments
THS4500IDR TI1-THS4500IDR Datasheet
1Mb / 48P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4500 TI-THS4500 Datasheet
585Kb / 37P
[Old version datasheet]   WIDEBAND, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com