Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4503IDGN Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # THS4503IDGN
Description  WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4503IDGN Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS4503IDGN Datasheet HTML 3Page - Texas Instruments THS4503IDGN Datasheet HTML 4Page - Texas Instruments THS4503IDGN Datasheet HTML 5Page - Texas Instruments THS4503IDGN Datasheet HTML 6Page - Texas Instruments THS4503IDGN Datasheet HTML 7Page - Texas Instruments THS4503IDGN Datasheet HTML 8Page - Texas Instruments THS4503IDGN Datasheet HTML 9Page - Texas Instruments THS4503IDGN Datasheet HTML 10Page - Texas Instruments THS4503IDGN Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
THS4502
THS4503
SLOS352D − APRIL 2002 − REVISED JANUARY 2004
www.ti.com
7
TYPICAL CHARACTERISTICS
Table of Graphs (
±5 V)
FIGURE
Small signal unity gain frequency response
1
Small signal frequency response
2
0.1 dB gain flatness frequency response
3
Harmonic distortion (single-ended input to differential output) vs Frequency
4, 6, 12, 14
Harmonic distortion (differential input to differential output) vs Frequency
5, 7, 13, 15
Harmonic distortion (single-ended input to differential output) vs Output voltage swing
8, 10, 16, 18
Harmonic distortion (differential input to differential output) vs Output voltage swing
9, 11, 17, 19
Harmonic distortion (single-ended input to differential output) vs Load resistance
20
Harmonic distortion (differential input to differential output) vs Load resistance
21
Third order intermodulation distortion (single-ended input to differential output) vs Frequency
22
Third order output intercept point vs Frequency
23
Slew rate vs Differential output voltage step
24
Settling time
25, 26
Large-signal transient response
27
Small-signal transient response
28
Overdrive recovery
29, 30
Voltage and current noise vs Frequency
31
Rejection ratios vs Frequency
32
Rejection ratios vs Case temperature
33
Output balance error vs Frequency
34
Open-loop gain and phase vs Frequency
35
Open-loop gain vs Case temperature
36
Input bias and offset current vs Case temperature
37
Quiescent current vs Supply voltage
38
Input offset voltage vs Case temperature
39
Common-mode rejection ratio vs Input common-mode range
40
Differential output current drive vs Case temperature
41
Harmonic distortion (single-ended and differential input to differential output) vs Output common-mode voltage
42
Small signal frequency response at VOCM
43
Output offset voltage at VOCM vs Output common-mode voltage
44
Quiescent current vs Power-down voltage
45
Turnon and turnoff delay times
46
Single-ended output impedance in power down vs Frequency
47
Power-down quiescent current vs Case temperature
48
Power-down quiescent current vs Supply voltage
49


Similar Part No. - THS4503IDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4503IDGN TI1-THS4503IDGN Datasheet
1Mb / 48P
[Old version datasheet]   Wideband, Low-Distortion Fully Differential Amplifiers
THS4503IDGNG4 TI1-THS4503IDGNG4 Datasheet
1Mb / 48P
[Old version datasheet]   Wideband, Low-Distortion Fully Differential Amplifiers
logo
National Semiconductor ...
THS4503IDGNR NSC-THS4503IDGNR Datasheet
1Mb / 49P
   Wideband, Low-Distortion Fully Differential Amplifiers
logo
Texas Instruments
THS4503IDGNR TI1-THS4503IDGNR Datasheet
1Mb / 48P
[Old version datasheet]   Wideband, Low-Distortion Fully Differential Amplifiers
THS4503IDGNRG4 TI1-THS4503IDGNRG4 Datasheet
1Mb / 48P
[Old version datasheet]   Wideband, Low-Distortion Fully Differential Amplifiers
More results

Similar Description - THS4503IDGN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4504 NSC-THS4504 Datasheet
1Mb / 45P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4503-EP NSC-THS4503-EP Datasheet
1Mb / 40P
   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
logo
Texas Instruments
THS4503-EP TI1-THS4503-EP_17 Datasheet
1Mb / 40P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4502 TI1-THS4502_16 Datasheet
1Mb / 48P
[Old version datasheet]   Wideband, Low-Distortion Fully Differential Amplifiers
THS4503-EP TI1-THS4503-EP Datasheet
768Kb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
logo
National Semiconductor ...
THS4502 NSC-THS4502 Datasheet
1Mb / 49P
   Wideband, Low-Distortion Fully Differential Amplifiers
logo
Texas Instruments
THS4505 TI-THS4505 Datasheet
1Mb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
logo
National Semiconductor ...
THS4501 NSC-THS4501 Datasheet
1Mb / 48P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
logo
Texas Instruments
THS4500IDR TI1-THS4500IDR Datasheet
1Mb / 48P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4500 TI-THS4500 Datasheet
585Kb / 37P
[Old version datasheet]   WIDEBAND, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com