Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32023A3683 Datasheet(PDF) 4 Page - TDK Electronics

Part # B32023A3683
Description  EMI Suppression Capacitors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32023A3683 Datasheet(HTML) 4 Page - TDK Electronics

  B32023A3683 Datasheet HTML 1Page - TDK Electronics B32023A3683 Datasheet HTML 2Page - TDK Electronics B32023A3683 Datasheet HTML 3Page - TDK Electronics B32023A3683 Datasheet HTML 4Page - TDK Electronics B32023A3683 Datasheet HTML 5Page - TDK Electronics B32023A3683 Datasheet HTML 6Page - TDK Electronics B32023A3683 Datasheet HTML 7Page - TDK Electronics B32023A3683 Datasheet HTML 8Page - TDK Electronics B32023A3683 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Overview of available types
Lead spacing 10 mm
15 mm
22.5 mm
27.5 mm
37.5 mm
Type
B32021
B32022
B32023
B32024
B32026
CR (
µF)
0.0010
0.0015
0.0022
0.0033
0.0047
0.0056
0.0068
0.0082
0.010
0.015
0.022
0.033
0.047
0.056
0.068
0.082
0.10
0.15
0.22
0.33
0.39
0.47
0.56
0.68
0.82
1.0
B32021 ... B32026
Y2 / 300 V AC
Page 4 of 22
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32023A3683

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32023A3683 EPCOS-B32023A3683 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors
B32023A3683 EPCOS-B32023A3683 Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
B32023A3683 EPCOS-B32023A3683 Datasheet
341Kb / 21P
   EMI Suppression Capacitors (MKP)
B32023A3683K000 EPCOS-B32023A3683K000 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32023A3683K189 EPCOS-B32023A3683K189 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results

Similar Description - B32023A3683

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3291 EPCOS-B3291 Datasheet
363Kb / 4P
   EMI Suppression Capacitors
B81130 EPCOS-B81130 Datasheet
133Kb / 5P
   EMI Suppression Capacitors
logo
MERITEK ELECTRONICS COR...
ULE197475 MERITEK-ULE197475 Datasheet
929Kb / 10P
   EMI Suppression Capacitors
logo
EPCOS
B81141C1474M EPCOS-B81141C1474M Datasheet
123Kb / 4P
   EMI Suppression Capacitors
logo
List of Unclassifed Man...
B81133 ETC1-B81133 Datasheet
133Kb / 3P
   EMI Suppression Capacitors
logo
EPCOS
B81141C1104M EPCOS-B81141C1104M Datasheet
123Kb / 4P
   EMI Suppression Capacitors
logo
TDK Electronics
B32932 TDK-B32932 Datasheet
572Kb / 19P
   EMI Suppression Capacitors
March 2019
logo
EPCOS
Y2_B32021_026 EPCOS-Y2_B32021_026 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors
logo
TDK Electronics
B32911 TDK-B32911 Datasheet
315Kb / 19P
   Film Capacitors EMI Suppression Capacitors
logo
EPCOS
B32021A3222M EPCOS-B32021A3222M Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com