Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32024A3824 Datasheet(PDF) 8 Page - TDK Electronics

Part # B32024A3824
Description  EMI Suppression Capacitors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32024A3824 Datasheet(HTML) 8 Page - TDK Electronics

Back Button B32024A3824 Datasheet HTML 4Page - TDK Electronics B32024A3824 Datasheet HTML 5Page - TDK Electronics B32024A3824 Datasheet HTML 6Page - TDK Electronics B32024A3824 Datasheet HTML 7Page - TDK Electronics B32024A3824 Datasheet HTML 8Page - TDK Electronics B32024A3824 Datasheet HTML 9Page - TDK Electronics B32024A3824 Datasheet HTML 10Page - TDK Electronics B32024A3824 Datasheet HTML 11Page - TDK Electronics B32024A3824 Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Technical data
Reference standard: IEC / UL 60384-14. All data given at T = 20
°C unless otherwise specified.
Rated AC voltage ( IEC 60384-14 )
300 V (50/60 Hz)
Maximum continuous DC voltage VDC
1500 V
Maximum continuous AC voltage VAC
480 V (50/60 Hz)
Max. operating temperature Top,max
+110
°C
DC test voltage
4000 V (C
≤ 0.33 µF), 3700 V (C > 0.33 µF), 2 s
The repetition of this DC voltage test may damage the capacitor. Special care must be taken in
case of use several capacitors in a parallel configuration.
Dissipation factor tan
δ (in 10-3)
at 20
°C (upper limit values)
CR
≤ 0.33 µF C
R > 0.33 µF
at
1 kHz
1
1
Insulation resistance Rins
or time constant
τ = C
R
Rins
at 100 V DC, 20
°C,
rel. humidity
≤ 65% and for 60 s
(minimum as-delivered values)
CR
≤ 0.33 µF
CR > 0.33
µF
100 000 M
30 000 s
Passive flammability category
B
Capacitance tolerances
(measured at 1 kHz)
±10% (K), ±20% (M)
Pulse handling capability
"dV/dt" represents the maximum permissible voltage change per unit of time for non-sinusoidal
voltages, expressed in V/
µs.
"k0" represents the maximum permissible pulse characteristic of the waveform applied to the
capacitor, expressed in V2/
µs.
Note:
The values of dV/dt and k0 provided below must not be exceeded in order to avoid damaging the
capacitor.
dV/dt and k0 values
Lead spacing
10 mm
15 mm
22.5 mm
27.5 mm
37.5 mm
dV/dt in V/
µs
800
600
500
400
300
k0 in V2/
µs
677 000
508 000
423 000
338 000
254 000
B32021 ... B32026
Y2 / 300 V AC
Page 8 of 22
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32024A3824

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32024A3824 EPCOS-B32024A3824 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors
B32024A3824 EPCOS-B32024A3824 Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32024A3824 TDK-B32024A3824 Datasheet
325Kb / 22P
   Film Capacitors - Power Factor Correction
logo
EPCOS
B32024A3824K000 EPCOS-B32024A3824K000 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32024A3824K189 EPCOS-B32024A3824K189 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results

Similar Description - B32024A3824

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3291 EPCOS-B3291 Datasheet
363Kb / 4P
   EMI Suppression Capacitors
B81130 EPCOS-B81130 Datasheet
133Kb / 5P
   EMI Suppression Capacitors
logo
MERITEK ELECTRONICS COR...
ULE197475 MERITEK-ULE197475 Datasheet
929Kb / 10P
   EMI Suppression Capacitors
logo
EPCOS
B81141C1474M EPCOS-B81141C1474M Datasheet
123Kb / 4P
   EMI Suppression Capacitors
logo
List of Unclassifed Man...
B81133 ETC1-B81133 Datasheet
133Kb / 3P
   EMI Suppression Capacitors
logo
EPCOS
B81141C1104M EPCOS-B81141C1104M Datasheet
123Kb / 4P
   EMI Suppression Capacitors
logo
TDK Electronics
B32932 TDK-B32932 Datasheet
572Kb / 19P
   EMI Suppression Capacitors
March 2019
logo
EPCOS
Y2_B32021_026 EPCOS-Y2_B32021_026 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors
logo
TDK Electronics
B32911 TDK-B32911 Datasheet
315Kb / 19P
   Film Capacitors EMI Suppression Capacitors
logo
EPCOS
B32021A3222M EPCOS-B32021A3222M Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com