Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKD415-I-3.3 Datasheet(PDF) 6 Page - TDK Electronics

Part # MKD415-I-3.3
Description  Film Capacitors Power Factor Correction
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MKD415-I-3.3 Datasheet(HTML) 6 Page - TDK Electronics

  MKD415-I-3.3 Datasheet HTML 1Page - TDK Electronics MKD415-I-3.3 Datasheet HTML 2Page - TDK Electronics MKD415-I-3.3 Datasheet HTML 3Page - TDK Electronics MKD415-I-3.3 Datasheet HTML 4Page - TDK Electronics MKD415-I-3.3 Datasheet HTML 5Page - TDK Electronics MKD415-I-3.3 Datasheet HTML 6Page - TDK Electronics MKD415-I-3.3 Datasheet HTML 7Page - TDK Electronics MKD415-I-3.3 Datasheet HTML 8Page - TDK Electronics MKD415-I-3.3 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Film Capacitors – Power Factor Correction
B32300A*/ B32301A****A***/
B32301A****B***
DeltaCap Capacitors
MKDxxx-I-xx
CAP FILM P PM PFC
May 2016
Please read Cautions and warnings and
Page 6 of 9
Important notes at the end of this document.
Type
50 Hz
60 Hz
CR
d × h
Weight Ordering code
Packing
unit
pcs
Output
kvar
IR
A
Output
kvar
IR
A
µF
mm
kg
Rated voltage 480 V AC, 50/60 Hz, single-phase
MKD480-I-0.7
0.7
1.5
0.8
1.8
10
50 x 64.5
0.2
B32300A4001A880
50
MKD480-I-1.4
1.4
2.9
1.7
3.5
19
63.5 x 64.5
0.3
B32300A4011A780
12
MKD480-I-2.1
2.1
4.4
2.5
5.3
29
63.5 x 77
0.3
B32300A4021A580
12
MKD480-I-2.8
2.8
5.8
3.4
7.0
39
63.5 x 102
0.4
B32300A4031A380
12
Rated voltage 525 V AC, 50/60 Hz, single-phase
MKD525-I-1.4
1.4
2.7
1.7
3.2
16
63.5 x 64.5
0.3
B32300A5011A720
12
MKD525-I-2.8
2.8
5.3
3.4
6.4
32
63.5 x 102
0.4
B32300A5031A320
12
MKD525-I-3.3
3.3
6.3
4.0
7.6
38
63.5 x 102
0.4
B32300A5032A320
12
MKD525-I-4.2
4.2
8.0
5.0
9.6
49
63.5 x 127
0.5
B32300A5051A020
12
MKD525-I-25.0
25.0
46.7
30.0
57.1
289
116 x 200
1.9
B32301A5252#025* 4
* Available either as B32301A****A*** series (2-terminal design, integrated resistor) or B32301A****B*** series (4-terminal design, pluggable
ceramic resistor). Please replace # with the right character before ordering.
Display of ordering codes for EPCOS products
The ordering code for one and the same EPCOS product can be represented differently in data sheets, data
books, other publications, on the EPCOS website, or in order-related documents such as shipping notes, order
confirmations and product labels. The varying representations of the ordering codes are due to different
processes employed and do not affect the specifications of the respective products
. Detailed information
can be found on the Internet under www.epcos.com/orderingcodes
Important remark
Hereafter mentioned capacitors with the wildcard character “#” are available either with integrated resistors with
2 terminals (B32301*****A*** series) or with pluggable ceramic base discharge resistor with 4 terminals
(B32301*****B*** series).
The main difference between B32301A****A*** series and B32301A****B*** series is the way of assembling the
discharge resistor. The resistor of B32301A****A*** series is assembled inside of capacitor terminal cover, the
ceramic resistor of B32301A****B*** is plugged into the terminal pin.


Similar Part No. - MKD415-I-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MKDS1/2-3.81 TI1-MKDS1/2-3.81 Datasheet
179Kb / 12P
[Old version datasheet]   100V Current Mode PWM Controller
logo
Infineon Technologies A...
MKDSN1.5/2-5.08 INFINEON-MKDSN1.5/2-5.08 Datasheet
9Mb / 27P
   EiceDRIVER™ enhanced 1EDI302xAS/1EDI303xAS evaluation board
Rev. 1.0 2020-12-18
More results

Similar Description - MKD415-I-3.3

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E4071A540 TDK-B32344E4071A540 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32364 TDK-B32364 Datasheet
272Kb / 9P
   Film Capacitors - Power Factor Correction
B25667C3147A375 TDK-B25667C3147A375 Datasheet
168Kb / 10P
   Film Capacitors ??Power Factor Correction
B32344E4071A580 TDK-B32344E4071A580 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4072A580 TDK-B32344E4072A580 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4102A000 TDK-B32344E4102A000 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B25673A0122A500 TDK-B25673A0122A500 Datasheet
195Kb / 10P
   Film Capacitors - Power Factor Correction
B44066D7075M400 TDK-B44066D7075M400 Datasheet
77Kb / 5P
   Film Capacitors - Power Factor Correction
B25671A5002A520 TDK-B25671A5002A520 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5032A020 TDK-B25671A5032A020 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5127A375 TDK-B25671A5127A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com