Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41691A7278Q001 Datasheet(PDF) 8 Page - TDK Electronics

Part # B41691A7278Q001
Description  Axial-lead and soldering star capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B41691A7278Q001 Datasheet(HTML) 8 Page - TDK Electronics

Back Button B41691A7278Q001 Datasheet HTML 4Page - TDK Electronics B41691A7278Q001 Datasheet HTML 5Page - TDK Electronics B41691A7278Q001 Datasheet HTML 6Page - TDK Electronics B41691A7278Q001 Datasheet HTML 7Page - TDK Electronics B41691A7278Q001 Datasheet HTML 8Page - TDK Electronics B41691A7278Q001 Datasheet HTML 9Page - TDK Electronics B41691A7278Q001 Datasheet HTML 10Page - TDK Electronics B41691A7278Q001 Datasheet HTML 11Page - TDK Electronics B41691A7278Q001 Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Technical data
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRmax
100 Hz
20
°C
m
ESRmax
100 Hz
40
°C
m
ESRmax
10 kHz
20
°C
m
Zmax
100 kHz
20
°C
m
IAC,max
10 kHz
105
°C
A
IAC,max
10 kHz
125
°C
A
IAC,R
10 kHz
125
°C
A
IAC,max
10 kHz
150
°C
A
VR = 25 V DC
330
12
× 30
290
1600
150
150
4.3
3.4
2.1
1.05
470
14
× 25
210
1200
110
102
4.6
3.7
2.2
1.1
1000
16
× 30
110
550
60
55
6.5
5.2
3.2
1.6
1000
18
× 25
100
550
53
50
7.4
5.9
3.6
1.8
1500
16
× 39
73
370
42
39
9.0
7.2
4.4
2.2
1500
18
× 30
69
370
38
35
9.4
7.5
4.6
2.3
1800
20
× 29
58
300
32
30
10.1
8.1
4.9
2.4
2000
18
× 39
50
270
28
26
12.7
10.2
6.2
3.1
3000
21
× 39
37
180
22
21
14.3
11.5
7.0
3.5
4000
21
× 49
29
135
17
16
18.0
14.5
8.8
4.4
VR = 40 V DC
330
12
× 30
240
1250
115
105
4.8
3.8
2.3
1.15
470
14
× 30
170
900
85
77
5.7
4.6
2.8
1.4
680
16
× 30
120
600
65
60
6.5
5.2
3.1
1.5
680
18
× 25
115
600
60
55
7.2
5.8
3.5
1.7
820
16
× 35
95
500
54
49
7.7
6.2
3.7
1.8
1000
16
× 39
80
410
45
41
8.9
7.2
4.3
2.1
1000
18
× 30
77
410
40
37
9.2
7.4
4.5
2.2
1200
20
× 29
55
320
35
33
10.0
8.0
4.9
2.4
1500
18
× 39
53
270
27
25
12.7
10.2
6.2
3.1
2200
21
× 39
39
185
21
20
14.3
11.5
7.0
3.5
2700
21
× 49
30
150
18
17
17.9
14.4
8.7
4.3
VR = 63 V DC
100
12
× 30
550
1900
160
150
4.2
3.3
2.0
1.0
150
14
× 25
380
1300
115
110
4.5
3.6
2.2
1.1
220
14
× 30
260
900
80
76
5.8
4.6
2.8
1.4
330
18
× 25
160
600
53
50
7.4
5.9
3.6
1.8
470
16
× 39
120
410
42
40
9.0
7.2
4.4
2.2
470
18
× 30
114
410
38
36
9.3
7.5
4.5
2.3
560
20
× 29
95
320
34
33
10.1
8.1
4.9
2.4
680
18
× 39
80
280
27
25
12.8
10.3
6.2
3.1
1000
21
× 39
56
200
21
20
14.3
11.5
7.0
3.5
1200
21
× 49
47
160
17
16
18.0
14.4
8.8
4.4
B41691, B41791
Low ESR
up to 150
°C
Page 8 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41691A7278Q001

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41691A7278Q001 TDK-B41691A7278Q001 Datasheet
614Kb / 17P
   Aluminum electrolytic capacitors
More results

Similar Description - B41691A7278Q001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41691 EPCOS-B41691 Datasheet
522Kb / 14P
   Axial-lead and soldering star capacitors
B41696 EPCOS-B41696 Datasheet
157Kb / 8P
   Axial-Lead and Soldering Star Capacitors
B41694 EPCOS-B41694 Datasheet
158Kb / 8P
   Axial-Lead and Soldering Star Capacitors
logo
TDK Electronics
B41792C0108Q001 TDK-B41792C0108Q001 Datasheet
444Kb / 18P
   Axial-lead and soldering star capacitors
B41789K7208Q001 TDK-B41789K7208Q001 Datasheet
407Kb / 19P
   Axial-lead and soldering star capacitors
logo
EPCOS
B41692 EPCOS-B41692 Datasheet
553Kb / 16P
   Axial-lead and soldering star capacitors
B41693 EPCOS-B41693 Datasheet
183Kb / 10P
   Axial-Lead and Soldering Star Capacitors
B41695 EPCOS-B41695 Datasheet
182Kb / 10P
   Axial-Lead and Soldering Star Capacitors
logo
TDK Electronics
B41790A5109Q001 TDK-B41790A5109Q001 Datasheet
456Kb / 18P
   Axial-lead and soldering star capacitors
logo
EPCOS
B43693 EPCOS-B43693 Datasheet
157Kb / 8P
   Axial-lead and Soldering Star Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com