Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32300A2022A530 Datasheet(PDF) 5 Page - TDK Electronics

Part # B32300A2022A530
Description  Film Capacitors Power Factor Correction
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32300A2022A530 Datasheet(HTML) 5 Page - TDK Electronics

  B32300A2022A530 Datasheet HTML 1Page - TDK Electronics B32300A2022A530 Datasheet HTML 2Page - TDK Electronics B32300A2022A530 Datasheet HTML 3Page - TDK Electronics B32300A2022A530 Datasheet HTML 4Page - TDK Electronics B32300A2022A530 Datasheet HTML 5Page - TDK Electronics B32300A2022A530 Datasheet HTML 6Page - TDK Electronics B32300A2022A530 Datasheet HTML 7Page - TDK Electronics B32300A2022A530 Datasheet HTML 8Page - TDK Electronics B32300A2022A530 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Film Capacitors – Power Factor Correction
B32300A*/ B32301A****A***/
B32301A****B***
DeltaCap Capacitors
MKDxxx-I-xx
CAP FILM P PM PFC
May 2016
Please read Cautions and warnings and
Page 5 of 9
Important notes at the end of this document.
Ordering codes
Type
50 Hz
60 Hz
CR
d × h
Weight Ordering code
Packing
unit
pcs
Output
kvar
IR
A
Output
kvar
IR
A
µF
mm
kg
Rated voltage 230 V AC, 50/60 Hz, single phase
MKD230-I-0.8
0.8
3.5
1.0
4.2
48
63.5 x 64.5
0.3
B32300A2002A830
12
MKD230-I-1.7
1.7
7.4
2.0
8.9
102
63.5 x 102
0.4
B32300A2012A730
12
MKD230-I-2.5
2.5
10.9
3.0
13.1
151
63.5 x 127
0.5
B32300A2022A530
12
Rated voltage 250 V AC, 50/60 Hz, single phase
MKD250-I-0.8
0.8
3.2
1.0
3.8
41
50 x 77
0.2
B32300A2002A850
50
MKD250-I-1.7
1.7
6.8
2.0
8.2
87
63.5 x 92
0.4
B32300A2012A750
12
MKD250-I-2.0
2.0
7.8
2.4
9.4
100
63.5 x 92
0.4
B32300A2022A050
12
MKD250-I-2.5
2.5
10.0
3.0
12.0
127
63.5 x 102
0.5
B32300A2022A550
12
MKD250-I-5.0
5.0
20.0
6.0
24.0
255
75 x 166
0.7
B32301A2052#050* 6
MKD250-I-7.5
7.5
30.0
9.0
36.0
382
85 x 196
1.1
B32301A2072#550* 4
MKD250-I-10
10.0
40.0
12.0
48.0
510
85 x 216
1.2
B32301A2102#050* 4
Rated voltage 400 V AC, 50/60 Hz, single phase
MKD400-I-0.8
0.8
2.0
1.0
2.4
16
50 x 64.5
0.2
B32300A4002A800
50
MKD400-I-1.7
1.7
4.3
2.0
5.2
34
63.5 x 62.5
0.3
B32300A4012A700
12
MKD400-I-2.5
2.5
6.3
3.0
7.6
50
63.5 x 77
0.3
B32300A4022A500
12
MKD400-I-3.3
3.3
8.3
4.0
10.0
66
63.5 x 102
0.4
B32300A4032A300
12
MKD400-I-4.2
4.2
10.5
5.0
12.6
84
63.5 x 102
0.4
B32300A4051A000
12
MKD400-I-5.0
5.0
12.5
6.0
15.0
100
63.5 x 127
0.5
B32300A4052A000
12
Rated voltage 415 V AC, 50/60 Hz, single phase
MKD415-I-0.8
0.8
1.9
1.0
2.3
15
50 x 64.5
0.2
B32300A4082A810
50
MKD415-I-1.7
1.7
4.0
2.0
4.8
31
63.5 x 64.5
0.3
B32300A4012A710
12
MKD415-I-2.5
2.5
6.0
3.0
7.2
46
63.5 x 102
0.4
B32300A4022A510
12
MKD415-I-3.3
3.3
8.0
4.0
9.6
61
63.5 x 102
0.4
B32300A4032A310
12
MKD415-I-5.0
5.0
12.0
6.0
14.4
92
63.5 x 127
0.6
B32300A4052A010
12
Rated voltage 440 V AC, 50/60 Hz, single phase
MKD440-I-0.7
0.7
1.6
0.8
1.9
12
50 x 64.5
0.2
B32300A4001A840
50
MKD440-I-1.4
1.4
3.2
1.7
3.8
23
63.5 x 64.5
0.3
B32300A4011A740
12
MKD440-I-2.1
2.1
4.8
2.5
5.8
35
63.5 x 77
0.3
B32300A4021A540
12
MKD440-I-2.8
2.8
6.4
3.4
7.7
46
63.5 x 102
0.4
B32300A4031A340
12
MKD440-I-3.3
3.3
7.5
4.0
9.0
54
63.5 x 102
0.4
B32300A4032A340
12
MKD440-I-4.2
4.2
9.5
5.0
11.4
69
63.5 x 127
0.5
B32300A4051A040
12
MKD440-I-5.0
5.0
11.4
6.0
13.7
82
63.5 x 127
0.5
B32300A4052A040
12
* Available either as B32301A****A*** series (2-terminal design, integrated resistor) or B32301A****B*** series (4-terminal design, pluggable
ceramic resistor). Please replace # with the right character before ordering.


Similar Part No. - B32300A2022A530

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32300A TDK-B32300A Datasheet
311Kb / 10P
   Film Capacitors ??Power Factor Correction
More results

Similar Description - B32300A2022A530

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E4071A540 TDK-B32344E4071A540 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32364 TDK-B32364 Datasheet
272Kb / 9P
   Film Capacitors - Power Factor Correction
B25667C3147A375 TDK-B25667C3147A375 Datasheet
168Kb / 10P
   Film Capacitors ??Power Factor Correction
B32344E4071A580 TDK-B32344E4071A580 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4072A580 TDK-B32344E4072A580 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4102A000 TDK-B32344E4102A000 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B25673A0122A500 TDK-B25673A0122A500 Datasheet
195Kb / 10P
   Film Capacitors - Power Factor Correction
B44066D7075M400 TDK-B44066D7075M400 Datasheet
77Kb / 5P
   Film Capacitors - Power Factor Correction
B25671A5002A520 TDK-B25671A5002A520 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5032A020 TDK-B25671A5032A020 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5127A375 TDK-B25671A5127A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com