Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82144F2392K000 Datasheet(PDF) 2 Page - TDK Electronics

Part # B82144F2392K000
Description  Inductors RF chokes, LBC series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B82144F2392K000 Datasheet(HTML) 2 Page - TDK Electronics

  B82144F2392K000 Datasheet HTML 1Page - TDK Electronics B82144F2392K000 Datasheet HTML 2Page - TDK Electronics B82144F2392K000 Datasheet HTML 3Page - TDK Electronics B82144F2392K000 Datasheet HTML 4Page - TDK Electronics B82144F2392K000 Datasheet HTML 5Page - TDK Electronics B82144F2392K000 Datasheet HTML 6Page - TDK Electronics B82144F2392K000 Datasheet HTML 7Page - TDK Electronics B82144F2392K000 Datasheet HTML 8Page - TDK Electronics B82144F2392K000 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Inductors
RF chokes, LBC+ series
B82144F2
SZ MAG PD IN/T
April 2015
Please read Cautions and warnings and
Page 2 of 9
Important notes at the end of this document.
LBC chokes, axial leaded
Rated inductance 1 µH … 470 µH
Rated current 600 mA … 4450 mA
Construction
Large ferrite drum core
Winding: enamel copper wire
Flame-retardant lacquer coating
Non-lacquered lead wire
Features
Very high rated current
High saturation behaviour
Suitable for wave soldering
RoHS-compatible
Applications
DC-DC converter
Filtering of supply voltage
RF blocking and filtering
Decoupling and interference suppression
For telecommunications, LED and energy-saving
lamps, entertainment electronics
Terminals
Radially bent to 5 mm lead spacing
Base material CuAg0.1
Electroplated with nickel and pure tin
Marking
Inductance indicated by color bands in accordance
with IEC 60062
Delivery mode and packing units
Taped, ammo and reel packing
Packing unit:
Ammo
(pcs./pack)
Reel
(pcs./reel)
B82144F2
1200
1500


Similar Part No. - B82144F2392K000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82144F2392K000 TDK-B82144F2392K000 Datasheet
411Kb / 9P
   Inductors RF chokes, LBC series
More results

Similar Description - B82144F2392K000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82144F2393J000 TDK-B82144F2393J000 Datasheet
411Kb / 9P
   Inductors RF chokes, LBC series
B82144F1476J009 TDK-B82144F1476J009 Datasheet
453Kb / 8P
   Inductors RF chokes, LBC series
B82144A2102K000 TDK-B82144A2102K000 Datasheet
610Kb / 9P
   RF chokes, LBC series
B82144B2153K000 TDK-B82144B2153K000 Datasheet
451Kb / 9P
   RF chokes, LBC series
B82144F1105J000 TDK-B82144F1105J000 Datasheet
453Kb / 8P
   RF chokes, LBC series
logo
EPCOS
B82144A EPCOS-B82144A Datasheet
194Kb / 9P
   Chokes and inductors For high frequency and EMC RF chokes, LBC series, axial
logo
TDK Electronics
B82145A1104J000 TDK-B82145A1104J000 Datasheet
581Kb / 8P
   Inductors RF chokes, HLBC series
logo
EPCOS
B78108S1105J EPCOS-B78108S1105J Datasheet
598Kb / 9P
   Inductors RF chokes, BC series
B82144A2106J EPCOS-B82144A2106J Datasheet
195Kb / 9P
   For high frequency and EMC RF chokes, LBC series, axial
logo
TDK Electronics
B78148E1101M000 TDK-B78148E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com