Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82145A1155J000 Datasheet(PDF) 3 Page - TDK Electronics

Part # B82145A1155J000
Description  Inductors RF chokes, HLBC series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B82145A1155J000 Datasheet(HTML) 3 Page - TDK Electronics

  B82145A1155J000 Datasheet HTML 1Page - TDK Electronics B82145A1155J000 Datasheet HTML 2Page - TDK Electronics B82145A1155J000 Datasheet HTML 3Page - TDK Electronics B82145A1155J000 Datasheet HTML 4Page - TDK Electronics B82145A1155J000 Datasheet HTML 5Page - TDK Electronics B82145A1155J000 Datasheet HTML 6Page - TDK Electronics B82145A1155J000 Datasheet HTML 7Page - TDK Electronics B82145A1155J000 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
06/12
Please read Cautions and warnings and
Important notes at the end of this document.
Dimensional drawing
Packing
12 max.
IND0432-V-E
65±1
14.8 max.
lacquered
6±0.5
(IEC 60294)
53±2
3.5 min.
Dimensions in mm
Minimum lead spacing 15 mm
n
w
30
30
Label
IND0452-V-E
n (mm): 72 +1
w (mm): 84 max
Dimensions in mm
B82145A
RF chokes
HLBC series, 6.5 x 12 (mm)


Similar Part No. - B82145A1155J000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82145A1155J000 EPCOS-B82145A1155J000 Datasheet
152Kb / 8P
   Inductors
More results

Similar Description - B82145A1155J000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82144F1476J009 TDK-B82144F1476J009 Datasheet
453Kb / 8P
   Inductors RF chokes, LBC series
logo
EPCOS
B78108S1105J EPCOS-B78108S1105J Datasheet
598Kb / 9P
   Inductors RF chokes, BC series
logo
TDK Electronics
B82144F2393J000 TDK-B82144F2393J000 Datasheet
411Kb / 9P
   Inductors RF chokes, LBC series
B82144F2823J000 TDK-B82144F2823J000 Datasheet
411Kb / 9P
   Inductors RF chokes, LBC series
logo
EPCOS
B82144A EPCOS-B82144A Datasheet
194Kb / 9P
   Chokes and inductors For high frequency and EMC RF chokes, LBC series, axial
logo
TDK Electronics
B78148E1101M000 TDK-B78148E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
B82141A1102K000 TDK-B82141A1102K000 Datasheet
615Kb / 9P
   RF chokes, SBC series
B78108E1101M000 TDK-B78108E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
B78108S1185J009 TDK-B78108S1185J009 Datasheet
615Kb / 9P
   RF chokes, BC series
B78148S1102K000 TDK-B78148S1102K000 Datasheet
615Kb / 9P
   RF chokes, BC series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com