Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82500C0000A010 Datasheet(PDF) 2 Page - TDK Electronics

Part # B82500C0000A010
Description  Inductors VHF chokes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B82500C0000A010 Datasheet(HTML) 2 Page - TDK Electronics

  B82500C0000A010 Datasheet HTML 1Page - TDK Electronics B82500C0000A010 Datasheet HTML 2Page - TDK Electronics B82500C0000A010 Datasheet HTML 3Page - TDK Electronics B82500C0000A010 Datasheet HTML 4Page - TDK Electronics B82500C0000A010 Datasheet HTML 5Page - TDK Electronics B82500C0000A010 Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
06/12
Please read Cautions and warnings and
Important notes at the end of this document.
Rated voltage 250 V AC/DC
Rated current 0.2 ... 2 A
Rated inductance 120 ... 3900 μH
Construction
Ferrite cylinder core
Winding: low-capacitance, multilayer,
enamel copper wire
Polyester insulating sleeve
Features
High resonance frequency
High inductance values
Design complies with EN 60938
Suitable for wave soldering
RoHS-compatible
Applications
RF blocking and filtering
Interference suppression in small appliances
Terminals
Central axial leads
Base material Cu
Hot-dip tinned with pure tin
Marking
LR and IR in clear text
Delivery mode
Bulk
Dimensional drawing
Dimensions in mm
IND0157-5
10 max.
86±1
25 1
_
32 _4
B82500
VHF chokes


Similar Part No. - B82500C0000A010

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82500C0000A010 EPCOS-B82500C0000A010 Datasheet
104Kb / 6P
   Inductors
More results

Similar Description - B82500C0000A010

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82111B EPCOS-B82111B_10 Datasheet
110Kb / 7P
   Inductors VHF chokes
B82111BC16 EPCOS-B82111BC16 Datasheet
519Kb / 7P
   VHF chokes
logo
TDK Electronics
B82131A5151M000 TDK-B82131A5151M000 Datasheet
554Kb / 9P
   VHF chokes
logo
EPCOS
B82111E EPCOS-B82111E Datasheet
106Kb / 7P
   VHF chokes
logo
TDK Electronics
B82111B0000C011 TDK-B82111B0000C011 Datasheet
531Kb / 7P
   VHF chokes
logo
Eichhoff Electronics,In...
DZA010 EICHHOFF-DZA010 Datasheet
90Kb / 2P
   UKW Drosseln VHF chokes Selfs O.U.C.
logo
EPCOS
B82143A EPCOS-B82143A Datasheet
199Kb / 9P
   Chokes and inductors
B82111B EPCOS-B82111B Datasheet
112Kb / 6P
   Chokes and inductors
B78108S EPCOS-B78108S Datasheet
223Kb / 10P
   Chokes and inductors
B82131 EPCOS-B82131 Datasheet
108Kb / 7P
   Chokes and inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com