Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82144F2153K000 Datasheet(PDF) 6 Page - TDK Electronics

Part # B82144F2153K000
Description  Inductors RF chokes, LBC series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B82144F2153K000 Datasheet(HTML) 6 Page - TDK Electronics

  B82144F2153K000 Datasheet HTML 1Page - TDK Electronics B82144F2153K000 Datasheet HTML 2Page - TDK Electronics B82144F2153K000 Datasheet HTML 3Page - TDK Electronics B82144F2153K000 Datasheet HTML 4Page - TDK Electronics B82144F2153K000 Datasheet HTML 5Page - TDK Electronics B82144F2153K000 Datasheet HTML 6Page - TDK Electronics B82144F2153K000 Datasheet HTML 7Page - TDK Electronics B82144F2153K000 Datasheet HTML 8Page - TDK Electronics B82144F2153K000 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Inductors
RF chokes, LBC+ series
B82144F2
SZ MAG PD IN/T
April 2015
Please read Cautions and warnings and
Page 6 of 9
Important notes at the end of this document.
LR
μH
Tolerance
Qmin
fQ
MHz
IR
mA
Isat
mA
Rmax
Ω
fres, min
MHz
Ordering code1)
120
± 5% J
40
0.0796 1100
850
0.600
4.6 B82144F2124J000
150
40
0.0796 1050
750
0.700
4.2 B82144F2154J000
180
40
0.0796
950
720
0.785
4.0 B82144F2184J000
220
40
0.0796
900
650
1.010
3.6 B82144F2224J000
270
40
0.0796
800
580
1.200
3.2 B82144F2274J000
330
40
0.0796
700
520
1.530
2.8 B82144F2334J000
390
40
0.0796
650
480
1.720
2.5 B82144F2394J000
470
40
0.0796
600
440
2.020
2.3 B82144F2474J000
1) For ammo pack the last digit has to be a “9”. Example: B82144F2223K009


Similar Part No. - B82144F2153K000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82144F2153K000 TDK-B82144F2153K000 Datasheet
411Kb / 9P
   Inductors RF chokes, LBC series
More results

Similar Description - B82144F2153K000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82144F2393J000 TDK-B82144F2393J000 Datasheet
411Kb / 9P
   Inductors RF chokes, LBC series
B82144F1476J009 TDK-B82144F1476J009 Datasheet
453Kb / 8P
   Inductors RF chokes, LBC series
B82144A2102K000 TDK-B82144A2102K000 Datasheet
610Kb / 9P
   RF chokes, LBC series
B82144B2153K000 TDK-B82144B2153K000 Datasheet
451Kb / 9P
   RF chokes, LBC series
B82144F1105J000 TDK-B82144F1105J000 Datasheet
453Kb / 8P
   RF chokes, LBC series
logo
EPCOS
B82144A EPCOS-B82144A Datasheet
194Kb / 9P
   Chokes and inductors For high frequency and EMC RF chokes, LBC series, axial
logo
TDK Electronics
B82145A1104J000 TDK-B82145A1104J000 Datasheet
581Kb / 8P
   Inductors RF chokes, HLBC series
logo
EPCOS
B78108S1105J EPCOS-B78108S1105J Datasheet
598Kb / 9P
   Inductors RF chokes, BC series
B82144A2106J EPCOS-B82144A2106J Datasheet
195Kb / 9P
   For high frequency and EMC RF chokes, LBC series, axial
logo
TDK Electronics
B78148E1101M000 TDK-B78148E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com