Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82614R2272A030 Datasheet(PDF) 5 Page - TDK Electronics

Part # B82614R2272A030
Description  Power line chokes Sine-wave chokes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B82614R2272A030 Datasheet(HTML) 5 Page - TDK Electronics

  B82614R2272A030 Datasheet HTML 1Page - TDK Electronics B82614R2272A030 Datasheet HTML 2Page - TDK Electronics B82614R2272A030 Datasheet HTML 3Page - TDK Electronics B82614R2272A030 Datasheet HTML 4Page - TDK Electronics B82614R2272A030 Datasheet HTML 5Page - TDK Electronics B82614R2272A030 Datasheet HTML 6Page - TDK Electronics B82614R2272A030 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
07/12
Impedance |Z| versus frequency f
measured at +20 °C, typical values
Current derating Iop/IR
versus ambient temperature TA
Relative inductance Lop/LR versus relative
current Iop/IR
measured at +20 °C, typical values
Ω
||
Z
10 5
f
Hz
IND0866-L
B82614
R2202A030
R2242A030
R2172A030
R2102A030
R2801A030
10 2
3
10
10 4
5
10
10 6
R2272A030
6
10
10 7
IND0868-C
0
20
op
L
LR
R
I
op
I
%
B82614
30
40
50
60
70
80
90
110
0.2
0.4
0.6
0.8
1
1.2
R2272A030
R2242A030
R2202A030
R2172A030
R2102A030
R2801A030
B82614
Power line chokes
Sine-wave chokes


Similar Part No. - B82614R2272A030

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82614R2272A030 EPCOS-B82614R2272A030 Datasheet
131Kb / 7P
   Power line chokes
More results

Similar Description - B82614R2272A030

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82614 EPCOS-B82614 Datasheet
62Kb / 2P
   Chokes for Power Lines Sine-Wave Chokes
logo
Bel Fuse Inc.
0571-0303-00 BEL-0571-0303-00 Datasheet
41Kb / 1P
   POWER LINE CHOKES COMMON MODE CHOKES
logo
EPCOS
B82723A2501N001 EPCOS-B82723A2501N001 Datasheet
145Kb / 7P
   Power line chokes
B82747S4183N021 EPCOS-B82747S4183N021 Datasheet
144Kb / 6P
   Power line chokes
B82791G2251N020 EPCOS-B82791G2251N020 Datasheet
144Kb / 7P
   Power line chokes
B82720A EPCOS-B82720A Datasheet
111Kb / 6P
   Power line chokes
B82720S2301N042 EPCOS-B82720S2301N042 Datasheet
150Kb / 8P
   Power line chokes
B82625 EPCOS-B82625_10 Datasheet
115Kb / 7P
   Power line chokes
B82732W2901B30 EPCOS-B82732W2901B30 Datasheet
556Kb / 6P
   Power line chokes
logo
RENCO ELECTRONICS, INC.
RL-1282 RENCO-RL-1282 Datasheet
1Mb / 3P
   POWER LINE CHOKES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com