Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32300A4021A540 Datasheet(PDF) 2 Page - TDK Electronics

Part # B32300A4021A540
Description  Film Capacitors Power Factor Correction
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32300A4021A540 Datasheet(HTML) 2 Page - TDK Electronics

  B32300A4021A540 Datasheet HTML 1Page - TDK Electronics B32300A4021A540 Datasheet HTML 2Page - TDK Electronics B32300A4021A540 Datasheet HTML 3Page - TDK Electronics B32300A4021A540 Datasheet HTML 4Page - TDK Electronics B32300A4021A540 Datasheet HTML 5Page - TDK Electronics B32300A4021A540 Datasheet HTML 6Page - TDK Electronics B32300A4021A540 Datasheet HTML 7Page - TDK Electronics B32300A4021A540 Datasheet HTML 8Page - TDK Electronics B32300A4021A540 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Film Capacitors – Power Factor Correction
B32300A*/ B32301A****A***/
B32301A****B***
DeltaCap Capacitors
MKDxxx-I-xx
CAP FILM P PM PFC
May 2016
Please read Cautions and warnings and
Page 2 of 9
Important notes at the end of this document.
Construction and general data
Dielectric: Polypropylene film
Non-PCB, Semi-dry biodegradable resin
Extruded round aluminum can with stud
Degree of protection: IP00 (optionally IP54 with
terminal cover; additional cable gland at cable entry
required)
Features
Single-phase, provided with discharge resistors
Double safety system:
overpressure disconnector, self-healing technology
Naturally air cooled (or forced air cooling)
Indoor mounting
Typical applications
For Power Factor Correction
Terminals
Fast-on terminals B32300A* series
Screw terminals B32301A* series
Mounting
Threaded stud at bottom of can
(max. torque for M12 = 10 Nm)
Technical data and specifications
Characteristics
Rated capacitance CR
According to specification table
Tolerance
–5 / +10%
Rated voltage VR
According to specification table
Rated frequency fR
50 and 60 Hz
Output
According to specification table
Rated current IR
According to specification table


Similar Part No. - B32300A4021A540

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32300A TDK-B32300A Datasheet
311Kb / 10P
   Film Capacitors ??Power Factor Correction
More results

Similar Description - B32300A4021A540

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E4071A540 TDK-B32344E4071A540 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32364 TDK-B32364 Datasheet
272Kb / 9P
   Film Capacitors - Power Factor Correction
B25667C3147A375 TDK-B25667C3147A375 Datasheet
168Kb / 10P
   Film Capacitors ??Power Factor Correction
B32344E4071A580 TDK-B32344E4071A580 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4072A580 TDK-B32344E4072A580 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4102A000 TDK-B32344E4102A000 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B25673A0122A500 TDK-B25673A0122A500 Datasheet
195Kb / 10P
   Film Capacitors - Power Factor Correction
B44066D7075M400 TDK-B44066D7075M400 Datasheet
77Kb / 5P
   Film Capacitors - Power Factor Correction
B25671A5002A520 TDK-B25671A5002A520 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5032A020 TDK-B25671A5032A020 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5127A375 TDK-B25671A5127A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com