Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41789K5188Q001 Datasheet(PDF) 3 Page - TDK Electronics

Part # B41789K5188Q001
Description  Axial-lead and soldering star capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B41789K5188Q001 Datasheet(HTML) 3 Page - TDK Electronics

  B41789K5188Q001 Datasheet HTML 1Page - TDK Electronics B41789K5188Q001 Datasheet HTML 2Page - TDK Electronics B41789K5188Q001 Datasheet HTML 3Page - TDK Electronics B41789K5188Q001 Datasheet HTML 4Page - TDK Electronics B41789K5188Q001 Datasheet HTML 5Page - TDK Electronics B41789K5188Q001 Datasheet HTML 6Page - TDK Electronics B41789K5188Q001 Datasheet HTML 7Page - TDK Electronics B41789K5188Q001 Datasheet HTML 8Page - TDK Electronics B41789K5188Q001 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
1) If optimum circuit design is used, the values are lower by 30%.
2) Refer to chapter "General technical information, 5 Useful life" on how to interpret useful life.
3) ESRmax at 100 Hz, 20
°C
Specifications and characteristics in brief
Rated voltage VR
25 ... 63 V DC
Surge voltage VS
1.15
VR for
≤ 40 V DC
1.10
VR for 63 V DC
Rated capacitance CR
270 ... 4500 µF
Capacitance tolerance
10/+30%
Q
Leakage current Ileak
(5 min, 20
°C)
Self-inductance ESL1)
Diameter d (mm)
16
18
20/21
Terminals
Length l (mm) Approx. ESL (nH)
axial
25
26
30
29
38
30
29
34
35
31
39
33
38
45
49
50
soldering star
25
7
8
30
8
10
35
9
39
9
11
13
49
14
Useful life2)
Requirements:
150
°C; V
R; 0.5
IAC,R
> 2000 h
∆C/C
≤ 30% of initial value
125
°C; V
R; IAC,R
> 10000 h
ESR
≤ 3 times initial specified limit3)
125
°C; V
R; IAC,max
> 4000 h
Ileak
≤ initial specified limit
40
°C; V
R; 2.1
IAC,R
> 500000 h
Voltage endurance test
Post test requirements:
125
°C; V
R
4000 h
∆C/C
≤ 10% of initial value
ESR
≤ 1.3 times initial specified limit3)
Ileak
≤ initial specified limit
Vibration resistance test
To IEC 60068-2-6, test Fc: Frequency range 10 Hz ... 2 kHz, displace-
ment amplitude max. 1.5 mm, acceleration max. 20 g, duration 3
× 2 h.
Capacitor mounted by its wire leads at a distance of (6
±1) mm from
the case and additionally clamped by the case.
IEC climatic category
To IEC 60068-1: 55/125/56 ( 55
°C/+125 °C/56 days damp heat test)
Detail specification
Sectional specification
Similar to CECC 30301-802
IEC 60384-4
B41689, B41789
Very high ripple current
up to 150
°C
Page 3 of 19
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41789K5188Q001

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41789K5188Q001 TDK-B41789K5188Q001 Datasheet
402Kb / 19P
   Aluminum electrolytic capacitors Axial-lead and soldering star capacitors
B41789K5188Q001 TDK-B41789K5188Q001 Datasheet
407Kb / 19P
   Aluminum electrolytic capacitors
B41789K5188Q001 TDK-B41789K5188Q001 Datasheet
613Kb / 21P
   Aluminum electrolytic capacitors
B41789K5188Q001 TDK-B41789K5188Q001 Datasheet
99Kb / 2P
   Axial Capacitors
More results

Similar Description - B41789K5188Q001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41691 EPCOS-B41691 Datasheet
522Kb / 14P
   Axial-lead and soldering star capacitors
B41696 EPCOS-B41696 Datasheet
157Kb / 8P
   Axial-Lead and Soldering Star Capacitors
B41694 EPCOS-B41694 Datasheet
158Kb / 8P
   Axial-Lead and Soldering Star Capacitors
logo
TDK Electronics
B41791A5108Q001 TDK-B41791A5108Q001 Datasheet
434Kb / 17P
   Axial-lead and soldering star capacitors
B41792C0108Q001 TDK-B41792C0108Q001 Datasheet
444Kb / 18P
   Axial-lead and soldering star capacitors
logo
EPCOS
B41692 EPCOS-B41692 Datasheet
553Kb / 16P
   Axial-lead and soldering star capacitors
B41693 EPCOS-B41693 Datasheet
183Kb / 10P
   Axial-Lead and Soldering Star Capacitors
B41695 EPCOS-B41695 Datasheet
182Kb / 10P
   Axial-Lead and Soldering Star Capacitors
logo
TDK Electronics
B41790A5109Q001 TDK-B41790A5109Q001 Datasheet
456Kb / 18P
   Axial-lead and soldering star capacitors
logo
EPCOS
B43693 EPCOS-B43693 Datasheet
157Kb / 8P
   Axial-lead and Soldering Star Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com